Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WPMDB1400362Q Datasheet(PDF) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # WPMDB1400362Q
Description  Variable Step Down Regulator Module
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

WPMDB1400362Q Datasheet(HTML) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  WPMDB1400362Q Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. WPMDB1400362Q Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. WPMDB1400362Q Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. WPMDB1400362Q Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. WPMDB1400362Q Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. WPMDB1400362Q Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. WPMDB1400362Q Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. WPMDB1400362Q Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany. WPMDB1400362Q Datasheet HTML 9Page - Wurth Elektronik GmbH & Co. KG, Germany. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
WPMDB1400362Q / 171040302
MagI
3C Power Module
VDRM
– Variable Step Down Regulator Module
We-online.com
Würth Elektronik eiSos GmbH & Co. KG
– Preliminary Data Sheet REV 0.1
© Mai 2015
5/29
ABSOLUTE MAXIMUM RATINGS
Caution:
Exceeding the listed absolute maximum ratings may affect the device negatively and may cause permanent damage.
SYMBOL
PARAMETER
LIMITS
UNIT
MIN
(1)
MAX
(1)
VIN
Input voltage
-0.3
7
V
VOUT
Output voltage
-0.6
VIN
V
VADJ
Feedback voltage
-0.3
3
V
UVLO
Under-voltage lockout pin voltage
-0.3
3.3
V
EN
Enable pin Voltage
-0.3
7
V
Enable source current
-
100
µA
RT/CLK
RT/CLK pin voltage
-0.3
6
V
RT/CLK source current
-
±100
µA
SS/TR
SS/TR pin voltage
-0.3
3
V
SS/TR pin sink current
-
±100
µA
PGOOD
Power Good pin voltage
-0.3
7
V
Power Good sink current
-
10
mA
COMP
Output of the error amplifier
-0.3
3
V
COMP sink current
-
100
µA
INTSS
Internal soft start capacitor
-0.3
3
V
INTRRT
Internal resistor for the initial switching frequency
-0.3
6
V
RCOMP
Resistor of the compensation network
-0.3
3
V
CCOMP
Capacitor of the compensation network
-0.3
3
V
VSENSE+
Sense for the output voltage.
-0.3
Vout
V
VSW
Switch node voltage
-0.6
7
V
SW
10ns transient
-2
7
V
BOOT
Internal supply for the high mosfet driver
-
VSW
+8V
V
Tstorage
Storage temperature
-65
150
°C
TSOLR
Peak case/leads temperature during reflow soldering, max. 30sec.
(JEDEC J-STD020) Maximum three cycles!
-
245±5
°C
Mechanical shock:
Mil-STD-883D, Method 2002.2, 1ms, ½ sine, mounted
-
1500
G
Mechanical vibration: Mil-STD-883D, Method 2007.2, 20-2000Hz
-
20
G


Similar Part No. - WPMDB1400362Q

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
WPMDB1400362Q WURTH-WPMDB1400362Q Datasheet
1Mb / 29P
   Variable Step Down Regulator Module
WPMDB1400362Q WURTH-WPMDB1400362Q Datasheet
1Mb / 29P
   Variable Step Down Regulator Module
More results

Similar Description - WPMDB1400362Q

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
171020302 WURTH-171020302 Datasheet
1Mb / 29P
   Variable Step Down Regulator Module
171060302 WURTH-171060302 Datasheet
1Mb / 29P
   Variable Step Down Regulator Module
171021501 WURTH-171021501 Datasheet
3Mb / 46P
   Variable Step Down Regulator Module
171010601 WURTH-171010601 Datasheet
3Mb / 54P
   Variable Step Down Regulator Module
171030601 WURTH-171030601 Datasheet
3Mb / 54P
   Variable Step Down Regulator Module
178032401 WURTH-178032401 Datasheet
1Mb / 31P
   MagI쨀C Power Module VDRM - Variable Step Down Regulator Module
178020601 WURTH-178020601 Datasheet
1Mb / 29P
   MagI쨀C Power Module VDRM - Variable Step Down Regulator Module
178012401 WURTH-178012401 Datasheet
1Mb / 31P
   MagI쨀C Power Module VDRM - Variable Step Down Regulator Module
171011801 WURTH-171011801 Datasheet
3Mb / 49P
   MagI3C Power Module VDRM ??Variable Step Down Regulator Module
1.0 February 2018
178012402 WURTH-178012402 Datasheet
1Mb / 31P
   MagI쨀C Power Module VDRM - Variable Step Down Regulator Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com