Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

173010378 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 173010378
Description  Fixed Step Down Regulator Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

173010378 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  173010378 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 173010378 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 173010378 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 173010378 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 173010378 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 173010378 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 173010378 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 173010378 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany. 173010378 Datasheet HTML 9Page - Wurth Elektronik GmbH & Co. KG, Germany. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
WPMDL110xxx1S / 17301xx78
MagI
3C Power Module
FDSM – Fixed Step Down Regulator Module
We-online.com
Würth Elektronik eiSos GmbH & Co. KG – Data Sheet Rev. 1.0
© November 2015
1/12
7 - 28V / 1A / 3.3 or 5V Output
DESCRIPTION
The FDSM series of the MagI
3C Power Module family is a
fixed output voltage, fully integrated dc/dc power supply.
The module integrates the switching power stage, control
circuitry, inductor and capacitors all in one package.
The module requires
no
external
components for
operation reducing design effort and complexity to a
minimum.
The FDSM ensures fast time to market and low
development costs.
It is pin compatible with the common 78xx linear regulator
series. The high efficiency reduces the power dissipation
and in many cases a heatsink and assembly parts are
unnecessary.
12V to 3.3V conversion achieves up to 87% efficiency.
12V to 5V conversion achieves up to 91% efficiency.
The standard THT package allows for easy assembly.
TYPICAL APPLICATIONS
Point-of-Load from 18V, 15V, 12V, 9V rail
Replacement for linear regulators
Interface and microcontroller supply
General purpose
FEATURES
Peak efficiency up to 93%
Current capability up to 1A
Input voltage range: 7 to 28V
Output voltage: 3.3 or 5V
Continuous output power: 3.3 or 5W
Integrated capacitors and inductor
Low output voltage ripple:
typ.15mV (3.3V) and 25mV (5Vout) at 1A load
Output voltage accuracy: 3.5% typ.
Fixed 300 kHz switching frequency
Current mode control
Pulse skipping for high efficiency at light loads
Internal soft-start
Thermal shutdown
Short circuit protection
Cycle by cycle current limit
Output over-voltage protection
-40°C to 85°C ambient operating temperature range
RoHS & REACH compliant
UL94V-0 package material
EN55022 Class B compliant
TYPICAL CIRCUIT DIAGRAM


Similar Part No. - 173010378

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
173010378 WURTH-173010378 Datasheet
572Kb / 12P
   Fixed Step Down Regulator Module
173010378 WURTH-173010378 Datasheet
1Mb / 24P
   Pulse skipping for high efficiency at light loads
173010378 WURTH-173010378 Datasheet
1Mb / 24P
   Continuous output power: 3.3W or 5W
173010378 WURTH-173010378 Datasheet
2Mb / 36P
   FDSM ??Fixed Step Down Regulator Module
1.0
173010378 WURTH-173010378 Datasheet
3Mb / 36P
   Fixed Step Down Regulator Module
Rev. 1.0
More results

Similar Description - 173010378

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
173010578 WURTH-173010578 Datasheet
572Kb / 12P
   Fixed Step Down Regulator Module
173010335 WURTH-173010335 Datasheet
3Mb / 36P
   Fixed Step Down Regulator Module
Rev. 1.0
173950336 WURTH-173950336 Datasheet
2Mb / 36P
   FDSM ??Fixed Step Down Regulator Module
1.0
171060302 WURTH-171060302 Datasheet
1Mb / 29P
   Variable Step Down Regulator Module
171021501 WURTH-171021501 Datasheet
3Mb / 46P
   Variable Step Down Regulator Module
171020302 WURTH-171020302 Datasheet
1Mb / 29P
   Variable Step Down Regulator Module
171040302 WURTH-171040302 Datasheet
1Mb / 29P
   Variable Step Down Regulator Module
171010601 WURTH-171010601 Datasheet
3Mb / 54P
   Variable Step Down Regulator Module
171030601 WURTH-171030601 Datasheet
3Mb / 54P
   Variable Step Down Regulator Module
logo
Linear Technology
LTM8025 LINER-LTM8025_15 Datasheet
371Kb / 22P
   36V, 3A Step-Down Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com