Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

173010378 Datasheet(PDF) 11 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 173010378
Description  Fixed Step Down Regulator Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

173010378 Datasheet(HTML) 11 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Back Button 173010378 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 173010378 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 173010378 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 173010378 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 173010378 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany. 173010378 Datasheet HTML 9Page - Wurth Elektronik GmbH & Co. KG, Germany. 173010378 Datasheet HTML 10Page - Wurth Elektronik GmbH & Co. KG, Germany. 173010378 Datasheet HTML 11Page - Wurth Elektronik GmbH & Co. KG, Germany. 173010378 Datasheet HTML 12Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
WPMDL110xxx1S / 17301xx78
MagI
3C Power Module
FDSM – Fixed Step Down Regulator Module
We-online.com
Würth Elektronik eiSos GmbH & Co. KG – Data Sheet Rev. 1.0
© November 2015
11/12
DOCUMENT HISTORY
Revision
Date
Description
Comment
1.0
1.11.2015
Final version
CAUTIONS AND WARNINGS
The following conditions apply to all goods within the product series of MagI³C of
Würth Elektronik eiSos GmbH & Co. KG:
General:
All recommendations according to the general technical specifications of the data-sheet have to be complied with.
The usage and operation of the product within ambient conditions which probably alloy or harm the component surface has
to be avoided.
The responsibility for the applicability of customer specific products and use in a particular customer design is always within
the authority of the customer. All technical specifications for standard products do also apply for customer specific products.
Residual washing varnish agent that is used during the production to clean the application might change the characteristics
of the body, pins or termination. The washing varnish agent could have a negative effect on the long term function of the
product.
Direct mechanical impact to the product shall be prevented as the material of the body, pins or termination could flake or in
the worst case it could break. As these devices are sensitive to electrostatic discharge customer shall follow proper IC
Handling Procedures.
Customer acknowledges and agrees that it is solely responsible for compliance with all legal, regulatory and safety-related
requirements concerning its products, and any use of Würth Elektronik eiSos GmbH & Co. KG components in its
applications, notwithstanding any applications-related information or support that may be provided by Würth Elektronik eiSos
GmbH & Co. KG. Customer represents and agrees that it has all the necessary expertise to create and implement
safeguards which anticipate dangerous consequences of failures, monitor failures and their consequences lessen the
likelihood of failures that might cause harm and take appropriate remedial actions. Customer will fully indemnify Würth
Elektronik eiSos and its representatives against any damages arising out of the use of any Würth Elektronik eiSos GmbH &
Co. KG components in safety-critical applications.
Product specific:
Follow all instructions mentioned in the datasheet, especially:
·
The solder profile has to comply with the technical reflow or wave soldering specification, otherwise this will void the
warranty.
·
All products are supposed to be used before the end of the period of 12 months based on the product date-code.
·
Violation of the technical product specifications such as exceeding the absolute maximum ratings will void the warranty.
·
It is also recommended to return the body to the original moisture proof bag and reseal the moisture proof bag again.
·
ESD prevention methods need to be followed for manual handling and processing by machinery.


Similar Part No. - 173010378

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
173010378 WURTH-173010378 Datasheet
572Kb / 12P
   Fixed Step Down Regulator Module
173010378 WURTH-173010378 Datasheet
1Mb / 24P
   Pulse skipping for high efficiency at light loads
173010378 WURTH-173010378 Datasheet
1Mb / 24P
   Continuous output power: 3.3W or 5W
173010378 WURTH-173010378 Datasheet
2Mb / 36P
   FDSM ??Fixed Step Down Regulator Module
1.0
173010378 WURTH-173010378 Datasheet
3Mb / 36P
   Fixed Step Down Regulator Module
Rev. 1.0
More results

Similar Description - 173010378

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
173010378 WURTH-173010378 Datasheet
572Kb / 12P
   Fixed Step Down Regulator Module
173010335 WURTH-173010335 Datasheet
3Mb / 36P
   Fixed Step Down Regulator Module
Rev. 1.0
173950336 WURTH-173950336 Datasheet
2Mb / 36P
   FDSM ??Fixed Step Down Regulator Module
1.0
171060302 WURTH-171060302 Datasheet
1Mb / 29P
   Variable Step Down Regulator Module
171021501 WURTH-171021501 Datasheet
3Mb / 46P
   Variable Step Down Regulator Module
171020302 WURTH-171020302 Datasheet
1Mb / 29P
   Variable Step Down Regulator Module
171040302 WURTH-171040302 Datasheet
1Mb / 29P
   Variable Step Down Regulator Module
171010601 WURTH-171010601 Datasheet
3Mb / 54P
   Variable Step Down Regulator Module
171030601 WURTH-171030601 Datasheet
3Mb / 54P
   Variable Step Down Regulator Module
logo
Linear Technology
LTM8025 LINER-LTM8025_15 Datasheet
371Kb / 22P
   36V, 3A Step-Down Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com