Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBPC1510S Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # KBPC1510S
Description  SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

KBPC1510S Datasheet(HTML) 1 Page - Nanjing International Group Co

  KBPC1510S Datasheet HTML 1Page - Nanjing International Group Co KBPC1510S Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Tc=55 C
FEATURES
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage Drop per Bridge Element at 7.5AD.C.
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Storage Temperature Range, TSTG
Operating Temperature Range, Tj
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
15
300
10
500
V
A
A
V
-65
+150
C
1.
0
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
15.0 Ampere
Dimensions in inches and (millimeters)
1.130(28.7)
1.118(28.4)
.442(11.23)
.431(10.97)
.20(5.08)MIN
.142(3.60)
.120(3.06)
.047(1.2)
G L
* Surge Overload Ratings to 300 Amperes.
* Plastic Case With Heatsink For Heat Dissipation.
* The plastic package has Underwriters
* Laboratory Flammability Classification 94V-O
KBPC15005S THRU KBPC1510S
KBPC
15005S
KBPC
1506S
KBPC
1504S
KBPC
1502S
KBPC
1501S
KBPC
1508S
KBPC
1510S
A
u
A
u
.215(5.5)
.185(4.7)
UNITS


Similar Part No. - KBPC1510S

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC1510S WTE-KBPC1510S Datasheet
49Kb / 3P
   15,25,35A IN-LINE BRIDGE RECTIFIER
KBPC1510S WTE-KBPC1510S Datasheet
66Kb / 4P
   15A SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - KBPC1510S

ManufacturerPart #DatasheetDescription
logo
Formosa MS
MB1505 FORMOSA-MB1505 Datasheet
41Kb / 2P
   SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
logo
List of Unclassifed Man...
GBU1501 ETC2-GBU1501 Datasheet
63Kb / 2P
   SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
MP1505W GWSEMI-MP1505W Datasheet
67Kb / 2P
   SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
MP1505 GWSEMI-MP1505 Datasheet
73Kb / 2P
   SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
KBPC15005 DGNJDZ-KBPC15005 Datasheet
174Kb / 2P
   SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
MB1505W GWSEMI-MB1505W Datasheet
66Kb / 2P
   SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
logo
Formosa MS
MB1505W FORMOSA-MB1505W Datasheet
34Kb / 2P
   SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
logo
Bytes
MB1505W BYTES-MB1505W Datasheet
150Kb / 2P
   SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
logo
UNIOHM CORPORATION
MB1505 UNIOHM-MB1505 Datasheet
72Kb / 2P
   SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
MB1505 GWSEMI-MB1505 Datasheet
73Kb / 2P
   SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com