Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBPC2510 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # KBPC2510
Description  SINGLE PHASE 25 AMP BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

KBPC2510 Datasheet(HTML) 1 Page - Nanjing International Group Co

  KBPC2510 Datasheet HTML 1Page - Nanjing International Group Co KBPC2510 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE PHASE 25 AMP BRIDGE RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Tc=55 C
Dimensions in inches and (millimeters)
FEATURES
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage Drop per Bridge Element at 12.5AD.C.
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Storage Temperature Range, TSTG
Operating Temperature Range, Tj
KBPC25005 KBPC2501
KBPC2502
KBPC2504 KBPC2506
KBPC2508
KBPC2510
UNITS
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
25
300
10
1000
-55
+150
-55
+1
50
* 400 amperes surge capability
* Superior thermal design
* Mounting: Hole thru for #8 screw
* 1/4" universal faston terminal
KBPC25005 THRU KBPC2510
1.0
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
25.0 Ampere
KBPC-25
* Both normal and Pb free product are available:
* Normal:80~95%Sn,5~20%Pb
* Pb free:99 Sn above can meet Rohs enviroment substance
directive request
V
A
A
V
uA
uA
C
C
.6
61(16.8)
.6
48(16.4)
.480(12.2)
.425(10.8)
.7
20(18.3)
.
705(17.9)
1.
133(28.8)
1.1
14(28.3)
1.1
33(28.8)
1.1
14(28.3)
HOLE FOR
NO. 8 SCREW
.4
42
(11.
23)
.5
71(14.5)
.5
55(14.1)
.6
61(16.8)
.6
48(16.4)
MAX.
.033X.250
(0.8X6.4)
+
AC
AC


Similar Part No. - KBPC2510

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
KBPC2510 WINNERJOIN-KBPC2510 Datasheet
151Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
Won-Top Electronics
KBPC2510 WTE-KBPC2510 Datasheet
52Kb / 4P
   15,25,35A HIGH CURRENT BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBPC2510 JGD-KBPC2510 Datasheet
150Kb / 2P
   HIGH CURRENT 15,25,35,50 AMPS . SINGLE PHASE BRIDGE RECTIFIERS
logo
Nell Semiconductor Co.,...
KBPC2510 NELLSEMI-KBPC2510 Datasheet
849Kb / 3P
   Single-Phase Bridge Rectifier
logo
Gulf Semiconductor
KBPC2510 GULFSEMI-KBPC2510 Datasheet
662Kb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 25.0A
More results

Similar Description - KBPC2510

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
KBJ25005 DGNJDZ-KBJ25005 Datasheet
123Kb / 2P
   SINGLE PHASE 25 AMP BRIDGE RECTIFIERS
logo
UNIOHM CORPORATION
MB2505 UNIOHM-MB2505 Datasheet
72Kb / 2P
   SINGLE PHASE 25 AMP BRIDGE RECTIFIERS
MB2505W UNIOHM-MB2505W Datasheet
65Kb / 2P
   SINGLE PHASE 25 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
KBPC25005W DGNJDZ-KBPC25005W Datasheet
335Kb / 2P
   SINGLE PHASE 25 AMP BRIDGE RECTIFIERS
logo
Bytes
MB2505W BYTES-MB2505W Datasheet
150Kb / 2P
   SINGLE PHASE 25 AMP BRIDGE RECTIFIERS
logo
Formosa MS
MB2505 FORMOSA-MB2505 Datasheet
41Kb / 2P
   SINGLE PHASE 25 AMP BRIDGE RECTIFIERS
MB2505W FORMOSA-MB2505W Datasheet
34Kb / 2P
   SINGLE PHASE 25 AMP BRIDGE RECTIFIERS
logo
Microsemi Corporation
JANSPA25 MICROSEMI-JANSPA25_07 Datasheet
134Kb / 2P
   25 Amp Single Phase Bridge Rectifiers
logo
Bytesonic Electronics C...
GBJ25005 BYTESONIC-GBJ25005 Datasheet
278Kb / 2P
   SINGLE PHASE 25 AMP BRIDGE RECTIFIERS
logo
Microsemi Corporation
SPA25 MICROSEMI-SPA25 Datasheet
142Kb / 2P
   25 amp single phase bridge rectifiers
logo
Goodwork Semiconductor ...
MP2505W GWSEMI-MP2505W Datasheet
67Kb / 2P
   SINGLE PHASE 25 AMP BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com