Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NBM3814V60E15A7C00 Datasheet(PDF) 7 Page - Vicor Corporation

Part # NBM3814V60E15A7C00
Description  Non-Isolated, Fixed-Ratio DC-DC Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

NBM3814V60E15A7C00 Datasheet(HTML) 7 Page - Vicor Corporation

Back Button NBM3814V60E15A7C00 Datasheet HTML 3Page - Vicor Corporation NBM3814V60E15A7C00 Datasheet HTML 4Page - Vicor Corporation NBM3814V60E15A7C00 Datasheet HTML 5Page - Vicor Corporation NBM3814V60E15A7C00 Datasheet HTML 6Page - Vicor Corporation NBM3814V60E15A7C00 Datasheet HTML 7Page - Vicor Corporation NBM3814V60E15A7C00 Datasheet HTML 8Page - Vicor Corporation NBM3814V60E15A7C00 Datasheet HTML 9Page - Vicor Corporation NBM3814V60E15A7C00 Datasheet HTML 10Page - Vicor Corporation NBM3814V60E15A7C00 Datasheet HTML 11Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
NBMin a VIA Package
Rev 1.1
vicorpower.com
Page 7 of 23
05/2016
800 927.9474
NBM3814x60E12A7yzz
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
General Powertrain Low Voltage Side to High Voltage Side Specification (Reverse Direction)
LO Side Input Voltage range,
continuous
VLO_DC
7.2
12.0
V
LO to HI No Load Power Dissipation
PLO_NL
VLO_DC = 10.8V, TCASE = 25ºC
10
12
W
VLO_DC = 10.8V
8.0
19
VLO_DC = 7.2V to 12.0V, TCASE = 25ºC
14
VLO_DC = 7.2V to 12.0V
22
DC LO Side Input Current
ILO_IN_DC
At IHI_DC = 34A, TCASE ≤ 90ºC
172
A
HI Side Output Current (continuous)
IHI_OUT_DC
TCASE ≤ 90°C
34
A
HI Side Output Current (pulsed)
IHI_OUT_PULSE
10ms pulse, 25% Duty cycle,
IHI_OUT_AVG ≤ 50% rated IHI_OUT_DC
40.8
A
LO to HI Efficiency (ambient)
ηh
AMB
VLO_DC = 10.8V, IHI_OUT_DC = 34A
96.1
96.6
%
VLO_DC = 7.2V to 12.0V, IHI_OUT_DC = 34A
95.2
VLO_DC = 10.8V, IHI_OUT_DC = 17A
97.3
97.8
LO to HI Efficiency (hot)
ηh
HOT
VLO_DC = 10.8V, IHI_OUT_DC = 34A, TCASE = 90°C
95.8
96.1
%
LO to HI Efficiency (over load range)
ηh
20%
6.80A < IHI_OUT_DC < 34A
94.5
%
LO to HI Output Resistance
RHI_COLD
VLO_DC = 10.8V, IHI_OUT_DC = 34A, TCASE = -40°C
22
39
49
RHI_AMB
VLO_DC = 10.8V, IHI_OUT_DC = 34A
28
49
72
RHI_HOT
VLO_DC = 10.8V, IHI_OUT_DC = 34A, TCASE = 90°C
36
58
70
HI Side Output Voltage Ripple
VHI_OUT_PP
CHI_OUT_EXT = 0µF, IHI_OUT_DC = 34A,
VLO_DC = 10.8V, 20MHz BW
625
mV
TCASE ≤ 100ºC
1500
Electrical Specifications (Cont.)
Specifications apply over all line and load conditions, unless otherwise noted;
Boldface specifications apply over the temperature range of -40°C ≤ TCASE
≤100°C (T-Grade); All other specifications are at TCASE = 25ºC unless otherwise noted.


Similar Part No. - NBM3814V60E15A7C00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
NBM3814V60E15A7C00 VICOR-NBM3814V60E15A7C00 Datasheet
900Kb / 23P
   Non-Isolated, Fixed-Ratio DC-DC Converter
More results

Similar Description - NBM3814V60E15A7C00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
NBM3814X60E12A7YZZ VICOR-NBM3814X60E12A7YZZ Datasheet
900Kb / 23P
   Non-Isolated, Fixed-Ratio DC-DC Converter
NBM2317S60E1560T0R VICOR-NBM2317S60E1560T0R Datasheet
932Kb / 31P
   Non-Isolated, Fixed Ratio DC-DC Converter
NBM6123X60E12A7YZZ VICOR-NBM6123X60E12A7YZZ Datasheet
912Kb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
NBM6123T46C15A6T0R VICOR-NBM6123T46C15A6T0R Datasheet
2Mb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
NBM3814X46C15A6YZZ VICOR-NBM3814X46C15A6YZZ Datasheet
916Kb / 23P
   Non-Isolated, Fixed-Ratio DC-DC Converter
NBM6123T60E12A7T0R VICOR-NBM6123T60E12A7T0R Datasheet
2Mb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
NBM3814B46C15A6C00 VICOR-NBM3814B46C15A6C00 Datasheet
916Kb / 23P
   Non-Isolated, Fixed-Ratio DC-DC Converter
NBM6123X46C15A6YZZ VICOR-NBM6123X46C15A6YZZ Datasheet
875Kb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
BCM48BX096Y240A00 VICOR-BCM48BX096Y240A00 Datasheet
738Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM48BX240Y300A00 VICOR-BCM48BX240Y300A00 Datasheet
782Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com