Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NBM3814B46C15A6T08 Datasheet(PDF) 7 Page - Vicor Corporation

Part # NBM3814B46C15A6T08
Description  Non-Isolated, Fixed-Ratio DC-DC Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

NBM3814B46C15A6T08 Datasheet(HTML) 7 Page - Vicor Corporation

Back Button NBM3814B46C15A6T08 Datasheet HTML 3Page - Vicor Corporation NBM3814B46C15A6T08 Datasheet HTML 4Page - Vicor Corporation NBM3814B46C15A6T08 Datasheet HTML 5Page - Vicor Corporation NBM3814B46C15A6T08 Datasheet HTML 6Page - Vicor Corporation NBM3814B46C15A6T08 Datasheet HTML 7Page - Vicor Corporation NBM3814B46C15A6T08 Datasheet HTML 8Page - Vicor Corporation NBM3814B46C15A6T08 Datasheet HTML 9Page - Vicor Corporation NBM3814B46C15A6T08 Datasheet HTML 10Page - Vicor Corporation NBM3814B46C15A6T08 Datasheet HTML 11Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
NBMin a VIA Package
Rev 1.1
vicorpower.com
Page 7 of 23
05/2016
800 927.9474
NBM3814x46C15A6yzz
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
General Powertrain Low Voltage Side to High Voltage Side Specification (Reverse Direction)
LO Side Input Voltage range,
continuous
VLO_DC
12
15.3
V
LO to HI No Load Power Dissipation
PLO_NL
VLO_DC = 14V, TCASE = 25ºC
12.5
20
W
VLO_DC = 14V
5
29
VLO_DC = 12V to 15.3V, TCASE = 25ºC
22
VLO_DC = 12V to 15.3V
31
DC LO Side Input Current
ILO_IN_DC
At IHI_DC = 53.3A, TCASE ≤ 85ºC
162
A
HI Side Output Current (continuous)
IHI_OUT_DC
TCASE ≤ 85°C
53.3
A
HI Side Output Current (pulsed)
IHI_OUT_PULSE
10ms pulse, 25% Duty cycle,
IHI_OUT_AVG ≤ 50% rated IHI_OUT_DC
58.7
A
LO to HI Efficiency (ambient)
ηh
AMB
VLO_DC = 14V, IHI_OUT_DC = 53.3A
96.4
97.2
%
VLO_DC = 12V to 15.3V, IHI_OUT_DC= 53.3A
96.1
VLO_DC = 14V, IHI_OUT_DC = 26.7A
97.3
97.8
LO to HI Efficiency (hot)
h
HOT
VLO_DC = 14V, IHI_OUT_DC = 53.3A, TCASE = 85°C
96.3
96.9
%
LO to HI Efficiency (over load range)
h
20%
10.66A < IHI_OUT_DC < 53.3A
94.6
%
LO to HI Output Resistance
RHI_COLD
VLO_DC = 14V, IHI_OUT_DC = 53.3A, TCASE = -40°C
10
16
20
RHI_AMB
VLO_DC = 14V, IHI_OUT_DC = 53.3A
12
20
24
RHI_HOT
VLO_DC = 14V, IHI_OUT_DC = 53.3A, TCASE = 85°C
16
23
26
HI Side Output Voltage Ripple
VHI_OUT_PP
CHI_OUT_EXT = 0µF, IHI_OUT_DC = 53.3A,
VLO_DC = 14V, 20MHz BW
330
mV
TCASE ≤ 100ºC
615
Electrical Specifications (Cont.)
Specifications apply over all line and load conditions, unless otherwise noted;
Boldface specifications apply over the temperature range of -40°C ≤ TCASE
≤100°C (T-Grade); All other specifications are at TCASE = 25ºC unless otherwise noted.


Similar Part No. - NBM3814B46C15A6T08

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
NBM3814B46C15A6T08 VICOR-NBM3814B46C15A6T08 Datasheet
916Kb / 23P
   Non-Isolated, Fixed-Ratio DC-DC Converter
More results

Similar Description - NBM3814B46C15A6T08

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
NBM3814X60E12A7YZZ VICOR-NBM3814X60E12A7YZZ Datasheet
900Kb / 23P
   Non-Isolated, Fixed-Ratio DC-DC Converter
NBM2317S60E1560T0R VICOR-NBM2317S60E1560T0R Datasheet
932Kb / 31P
   Non-Isolated, Fixed Ratio DC-DC Converter
NBM6123X60E12A7YZZ VICOR-NBM6123X60E12A7YZZ Datasheet
912Kb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
NBM6123T46C15A6T0R VICOR-NBM6123T46C15A6T0R Datasheet
2Mb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
NBM3814X46C15A6YZZ VICOR-NBM3814X46C15A6YZZ Datasheet
916Kb / 23P
   Non-Isolated, Fixed-Ratio DC-DC Converter
NBM3814B60E12A7C00 VICOR-NBM3814B60E12A7C00 Datasheet
900Kb / 23P
   Non-Isolated, Fixed-Ratio DC-DC Converter
NBM6123T60E12A7T0R VICOR-NBM6123T60E12A7T0R Datasheet
2Mb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
NBM6123X46C15A6YZZ VICOR-NBM6123X46C15A6YZZ Datasheet
875Kb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
BCM48BX096Y240A00 VICOR-BCM48BX096Y240A00 Datasheet
738Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM48BX240Y300A00 VICOR-BCM48BX240Y300A00 Datasheet
782Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com