Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRM48BT480T500A00 Datasheet(PDF) 5 Page - Vicor Corporation

Part # PRM48BT480T500A00
Description  High Efficiency Converter
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PRM48BT480T500A00 Datasheet(HTML) 5 Page - Vicor Corporation

  PRM48BT480T500A00 Datasheet HTML 1Page - Vicor Corporation PRM48BT480T500A00 Datasheet HTML 2Page - Vicor Corporation PRM48BT480T500A00 Datasheet HTML 3Page - Vicor Corporation PRM48BT480T500A00 Datasheet HTML 4Page - Vicor Corporation PRM48BT480T500A00 Datasheet HTML 5Page - Vicor Corporation PRM48BT480T500A00 Datasheet HTML 6Page - Vicor Corporation PRM48BT480T500A00 Datasheet HTML 7Page - Vicor Corporation PRM48BT480T500A00 Datasheet HTML 8Page - Vicor Corporation PRM48BT480T500A00 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
Rev 1.4
PRMTM Regulator
Page 5 of 44
11/2015
vicorpower.com
800 927.9474
Device
Input Voltage
Range
Package Type
Output Voltage x 10
Temperature Grade
Output Power
Revision
Version
PRM
48B
F
480
T
500
A
00
PRM = PRM
48B = 38.0 V - 55.0 V
F = Full VIC SMD
480 = 48.0 V
T = -40 to 125°C
500 = 500 WA
00 = AL / RS
T = Full VIC TH
M = -55 to 125°C
Part Ordering Information
Part Number
VIN
Package Type
VOUT
Temperature
Power
Version
PRM48BF480T500A00
38.0 V - 55.0 V
Full VIC
48.0 V
-40 to 125°C
500 W
AL / RS
PRM48BF480M500A00
SMD
(20.0 V to 55.0 V)
-55 to 125°C
(Pin Selectable)
PRM48BT480T500A00
38.0 V - 55.0 V
Full VIC
48.0 V
-40 to 125°C
500 W
AL / RS
PRM48BT480M500A00
TH
(20.0 V to 55.0 V)
-55 to 125°C
(Pin Selectable)
Standard Models
Parameter
Comments
Min
Max
Unit
SHARE / CONTROL NODE
-0.3
10.5
V
+/-10
mA
ENABLE
-0.3
5.5
V
+/-10
mA
+IN to –IN
Continuous, non-operating
-1
80
V
100 ms, non-Operating
100
V
VAUX
-0.5
10.5
V
+/-100
mA
SGND
+/-100
mA
IFB
-0.5
5.7
V
-0.3
3.6
V
REF / REF _EN
Remote Sense Operation (REF _EN)
10
mA
Adaptive Loop Operation (REF)
3.4
mA
TRIM
-0.3
3.6
V
AL
-0.3
3.6
V
VT
-0.3
4.8
V
VC to –OUT
-0.5
18
V
+/-1.8
A
+OUT to –OUT
-1
62
V
Output Current
14.5
A
Internal Operating
T Grade
-40
125
°C
Temperature
M Grade
-55
125
°C
Storage
T Grade
-40
125
°C
Temperature
M Grade
-65
125
°C
Absolute Maximum Ratings
The ABSOLUTE MAXIMUM ratings below are stress ratings only. Operation at or beyond these maximum ratings can cause permanent damage to device.
Electrical specifications do not apply when operating beyond rated operating conditions. Operating beyond rated operating conditions for extended period of
time may affect device reliability. All voltages are specified relative to SGND unless otherwise noted. Positive pin current represents current flowing
out of the pin.
PRM48By480x500A00


Similar Part No. - PRM48BT480T500A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PRM48BT480T500A00 VICOR-PRM48BT480T500A00 Datasheet
1Mb / 45P
   PRM??Regulator
PRM48BT480T500A00 VICOR-PRM48BT480T500A00 Datasheet
3Mb / 44P
   High Efficiency Converter
More results

Similar Description - PRM48BT480T500A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PRM48AF480T400A00 VICOR-PRM48AF480T400A00_15 Datasheet
3Mb / 44P
   High Efficiency Converter
PRM48BY480X500A00 VICOR-PRM48BY480X500A00 Datasheet
3Mb / 44P
   High Efficiency Converter
PRM48JH480T250A00 VICOR-PRM48JH480T250A00 Datasheet
2Mb / 44P
   High Efficiency Converter
PRM48BH480X250A00 VICOR-PRM48BH480X250A00 Datasheet
2Mb / 42P
   High Efficiency Converter
MPRM48NH480M250A00 VICOR-MPRM48NH480M250A00 Datasheet
3Mb / 44P
   High Efficiency Converter
PRM48AH480T200A00 VICOR-PRM48AH480T200A00_15 Datasheet
3Mb / 42P
   High Efficiency Converter
PRM48BH480T250A00 VICOR-PRM48BH480T250A00_15 Datasheet
2Mb / 42P
   High Efficiency Converter
PRM48JF480T500A00 VICOR-PRM48JF480T500A00 Datasheet
2Mb / 46P
   High Efficiency Converter
PRM48JH480X250A02 VICOR-PRM48JH480X250A02 Datasheet
4Mb / 45P
   High Efficiency Converter
PRM48AY480X400A00 VICOR-PRM48AY480X400A00 Datasheet
3Mb / 44P
   High Efficiency Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com