Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V048F240T012 Datasheet(PDF) 10 Page - Vicor Corporation

Part # V048F240T012
Description  Non-isolated Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V048F240T012 Datasheet(HTML) 10 Page - Vicor Corporation

Back Button V048F240T012 Datasheet HTML 6Page - Vicor Corporation V048F240T012 Datasheet HTML 7Page - Vicor Corporation V048F240T012 Datasheet HTML 8Page - Vicor Corporation V048F240T012 Datasheet HTML 9Page - Vicor Corporation V048F240T012 Datasheet HTML 10Page - Vicor Corporation V048F240T012 Datasheet HTML 11Page - Vicor Corporation V048F240T012 Datasheet HTML 12Page - Vicor Corporation V048F240T012 Datasheet HTML 13Page - Vicor Corporation V048F240T012 Datasheet HTML 14Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
OVP – Overvoltage Protection
The output overvoltage protection set point of the P036F048T12AL is
factory preset for 56 V. If this threshold is exceeded the output shuts
down and a restart sequence is initiated, also indicated by PC pulsing.
If the condition that causes OVP is still present, the unit will again shut
down. This cycle will be repeated until the fault condition is removed.
The OVP set point may be set at the factory to meet unique high
voltage requirements.
PRM Output Power Versus VTM Output Power
As shown in Figure 17, the P036F048T12AL is rated to deliver 2.5 A
maximum, when it is delivering an output voltage in the range from
26 V to 48 V, and 120 W, maximum, when delivering an output
voltage in the range from 48 V to 55 V. When configuring a PRM for
use with a specific VTM, refer to the appropriate VTM data sheet. The
VTM input power can be calculated by dividing the VTM output power
by the VTM efficiency (available from the VTM data sheet). The input
power required by the VTM should not exceed the output power rating
of the PRM.
The Factorized Bus voltage should not exceed an absolute limit of
55 V, including steady state, ripple and transient conditions. Exceeding
this limit may cause the internal OVP set point to be exceeded.
Parallel Considerations
The PR port is used to connect two PRMs in parallel to form a higher
power array. When configuring arrays, PR port interconnection
terminating impedance is 10 k to SG. See note Page 8 and refer to
Application Note AN002. Additionally one PRM should be designated
as the master while all other PRMs are set as slaves by shorting their
SC pin to SG. The PC pins must be directly connected (no diodes) to
assure a uniform start up sequence. Consult Vicor applications
engineering for applications requiring more than two PRMs.
Adjusting Current Limit
The current limit can be lowered by placing an external resistor
between the IL and SG ports (see Figure 18 for resistor values). With
the IL port open-circuit, the current limit is preset to be within the
range specified in the output specifications table on Page 4.
Input Fuse Recommendations
A fuse should be incorporated at the input to the PRM, in series with
the +In port. A fast acting fuse, NANO2 FUSE 451/453 Series 10 A
125 V, or equivalent, may be required to meet certain safety agency
Conditions of Acceptability. Always ascertain and observe the safety,
regulatory, or other agency specifications that apply to your specific
application.
Product Safety Considerations
If the input of the PRM is connected to SELV or ELV circuits, the output
of the PRM can be considered SELV or ELV respectively.
If the input of the PRM is connected to a centralized DC power system
where the working or float voltage is above SELV, but less than or
equal to 75 V, the input and output voltage of the PRM should be
classified as a TNV-2 circuit and spaced 1.3 mm from SELV circuitry or
accessible conductive parts according to the requirements of
UL60950-1, CSA 22.2 60950-1, EN60950-1, and IEC60950-1.
Application Notes
For PRM and VI Chip application notes on soldering, board layout, and
system design please click on the link below:
http://www.vicorpower.com/powerbench/applicationnotes
Applications Assistance
Please contact Vicor Applications Engineering for assistance,
1-800-927-9474, or email at apps@vicorpower.com.
PRM® Regulator
Rev 2.1
vicorpower.com
Page 10 of 14
09/2015
800 927.9474
P036F048T12AL
Application Information (continued)
Desired PRM Output Current Limit (A)
1
10
100
00.5
11.5
2
2.5
3
Figure 18 — Calculated external resistor value for adjusting current limit,
actual value may vary.
26
30
34
38
42
46
50
54
Factorized Bus Voltage (Vf)
2.30
2.35
2.40
2.45
2.50
2.55
28
32
36
40
44
48
52
2.25
2.20
2.15
60
20
~~
0
22 24
56 58
Safe Operating Area
Figure 17 — P036F048T12AL rating based on Factorized Bus voltage


Similar Part No. - V048F240T012

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V048F240T012 VICOR-V048F240T012 Datasheet
637Kb / 14P
   VI Chip - PRM-AL Pre-Regulator Module
V048F240T012 VICOR-V048F240T012 Datasheet
408Kb / 14P
   VI Chip - PRM-AL Pre-Regulator Module
V048F240T012 VICOR-V048F240T012 Datasheet
979Kb / 11P
   VTM Current Multiplier
V048F240T012 VICOR-V048F240T012 Datasheet
570Kb / 2P
   PRM Regulator and VTM Current Multiplier
logo
Powerbox
V048F240T012 POWERBOX-V048F240T012 Datasheet
1Mb / 1P
   300W DC/DC VOLTAGE TRANSFORMATION MODULE PRELIMINARY
More results

Similar Description - V048F240T012

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
P024F048T12AL VICOR-P024F048T12AL_15 Datasheet
2Mb / 14P
   Non-isolated Regulator
MP028F036M12AL VICOR-MP028F036M12AL_15 Datasheet
2Mb / 14P
   Non-isolated Regulator
logo
CUI INC
V78-1000 CUI-V78-1000_V01 Datasheet
1Mb / 7P
   NON-ISOLATED SWITCHING REGULATOR
09/22/2021
P783-S CUI-P783-S Datasheet
1Mb / 7P
   NON-ISOLATED SWITCHING REGULATOR
09/23/2021
V78-1000 CUI-V78-1000 Datasheet
578Kb / 7P
   NON-ISOLATED SWITCHING REGULATOR
V78-1500 CUI-V78-1500 Datasheet
670Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
V78-500 CUI-V78-500_V01 Datasheet
457Kb / 7P
   NON-ISOLATED SWITCHING REGULATOR
06/24/2019
V78-1500 CUI-V78-1500_V01 Datasheet
1Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
09/22/2021
P78-2000R-S CUI-P78-2000R-S Datasheet
1Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
08/08/2022
V7802-1000-SMT CUI-V7802-1000-SMT Datasheet
453Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com