Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRM48JF480T500A00 Datasheet(PDF) 9 Page - Vicor Corporation

Part # PRM48JF480T500A00
Description  High Efficiency Converter
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PRM48JF480T500A00 Datasheet(HTML) 9 Page - Vicor Corporation

Back Button PRM48JF480T500A00 Datasheet HTML 5Page - Vicor Corporation PRM48JF480T500A00 Datasheet HTML 6Page - Vicor Corporation PRM48JF480T500A00 Datasheet HTML 7Page - Vicor Corporation PRM48JF480T500A00 Datasheet HTML 8Page - Vicor Corporation PRM48JF480T500A00 Datasheet HTML 9Page - Vicor Corporation PRM48JF480T500A00 Datasheet HTML 10Page - Vicor Corporation PRM48JF480T500A00 Datasheet HTML 11Page - Vicor Corporation PRM48JF480T500A00 Datasheet HTML 12Page - Vicor Corporation PRM48JF480T500A00 Datasheet HTML 13Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
Rev 1.2
PRMTM Regulator
Page 9 of 46
11/2015
vicorpower.com
800 927.9474
PRM48Jy480x500A00
Electrical Specifications (cont.)
Specifications apply over all line and load conditions, and trim from 20.0 V to 55.0 V, unless otherwise noted; Boldface specifications apply over the
temperature range of -40ºC < TINT < 125ºC; All Other specifications are at TINT = 25ºC unless otherwise noted.
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
Power Output Specifications: Slave Operations (cont.)
Equal input, output, and SHARE voltage at full load;
VIN = 48.0 V, VOUT = 48.0 V
5
%
Equal input, output and SHARE voltage at full load;
Current Sharing Difference
IOUT_SHARE_SS
Over line and trim, with 25°C
≤ T
C
≤ 100°C
10
%
(Slave to Slave)
and
≤ 5°C part-part temp. mismatch
Equal input, output, and SHARE voltage at full load;
Over line and trim, with 25°C
≤ T
C
≤ 100°C
15
%
and
≤ 30°C part-part temp. mismatch
Maximum Array Size
NPRMS_PARALLEL
Maximum number of parallel devices,
5
PRMs
master-slave configuration
Power Output Specifications: Remote Sense Operation
Output Voltage Range
VOUT
20.0
55.0
V
Remote Sense Operation within an array,
9.4
A
Rated Current Within an Array
IOUT_ARRAY
up to 5°C case temperature differential
Remote Sense Operation within an array,
8.3
A
up to 30°C case temperature differential
Remote Sense Operation within an array,
450
W
Rated Power Within an Array
POUT_ARRAY
up to 5°C case temperature differential
Remote Sense Operation within an array,
400
W
up to 30°C case temperature differential
Equal input, output, and CONTROL NODE voltage
5
%
at full load; VIN = 48.0 V, VOUT = 48.0 V
Equal input, output and CONTROL NODE voltage at
full load; Over line and trim, with 25°C
≤ T
C
≤ 100°C
10
%
Current Sharing Difference
IOUT_SHARE_RS
and
≤ 5°C part-part temp. mismatch
Equal input, output, and CONTROL NODE voltage at
full load; Over line and trim,
15
%
with 25°C
≤ T
C
100°Cand ≤ 30°C
part-part temp. mismatch (worst case)
Maximum Array Size
NPRMS_PARALLEL
Maximum number of parallel devices, Remote Sense
10
PRMs
configuration, CONTROL NODE externally driven


Similar Part No. - PRM48JF480T500A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PRM48JF480T500A00 VICOR-PRM48JF480T500A00 Datasheet
2Mb / 46P
   Regulator for Post PFC Operation
More results

Similar Description - PRM48JF480T500A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PRM48AF480T400A00 VICOR-PRM48AF480T400A00_15 Datasheet
3Mb / 44P
   High Efficiency Converter
PRM48BF480T500A00 VICOR-PRM48BF480T500A00_15 Datasheet
3Mb / 44P
   High Efficiency Converter
PRM48BY480X500A00 VICOR-PRM48BY480X500A00 Datasheet
3Mb / 44P
   High Efficiency Converter
PRM48JH480T250A00 VICOR-PRM48JH480T250A00 Datasheet
2Mb / 44P
   High Efficiency Converter
PRM48BH480X250A00 VICOR-PRM48BH480X250A00 Datasheet
2Mb / 42P
   High Efficiency Converter
MPRM48NH480M250A00 VICOR-MPRM48NH480M250A00 Datasheet
3Mb / 44P
   High Efficiency Converter
PRM48AH480T200A00 VICOR-PRM48AH480T200A00_15 Datasheet
3Mb / 42P
   High Efficiency Converter
PRM48BH480T250A00 VICOR-PRM48BH480T250A00_15 Datasheet
2Mb / 42P
   High Efficiency Converter
PRM48JH480X250A02 VICOR-PRM48JH480X250A02 Datasheet
4Mb / 45P
   High Efficiency Converter
PRM48AY480X400A00 VICOR-PRM48AY480X400A00 Datasheet
3Mb / 44P
   High Efficiency Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com