Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRM48JH480M250A00 Datasheet(PDF) 6 Page - Vicor Corporation

Part # PRM48JH480M250A00
Description  High Efficiency Converter
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PRM48JH480M250A00 Datasheet(HTML) 6 Page - Vicor Corporation

Back Button PRM48JH480M250A00 Datasheet HTML 2Page - Vicor Corporation PRM48JH480M250A00 Datasheet HTML 3Page - Vicor Corporation PRM48JH480M250A00 Datasheet HTML 4Page - Vicor Corporation PRM48JH480M250A00 Datasheet HTML 5Page - Vicor Corporation PRM48JH480M250A00 Datasheet HTML 6Page - Vicor Corporation PRM48JH480M250A00 Datasheet HTML 7Page - Vicor Corporation PRM48JH480M250A00 Datasheet HTML 8Page - Vicor Corporation PRM48JH480M250A00 Datasheet HTML 9Page - Vicor Corporation PRM48JH480M250A00 Datasheet HTML 10Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
Rev 1.2
PRMTM Regulator
Page 6 of 44
11/2015
vicorpower.com
800 927.9474
PRM48JH480x250A00
Electrical Specifications (cont.)
Specifications apply over all line and load conditions, and trim from 20.0 V to 55.0 V, unless otherwise noted; Boldface specifications apply over the
temperature range of -40ºC < TINT < 125ºC; All Other specifications are at TINT = 25ºC unless otherwise noted.
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
Power Output Specifications: Adaptive Loop Operation
Output Voltage Setpoint
VOUT_SET
No load, trim Inactive, Adaptive Loop load line inactive
47.00
48.00
49.00
V
Output Voltage Trim Range
VOUT
20.0
55.0
V
Output Voltage Rise Time
tRISE_VOUT
From soft start initiated to output voltage settled
1.7
1.8
1.9
ms
Output Voltage Load Regulation
VOUT_REG_LOAD Adaptive loop load line inactive
0.02
0.2
%
Output Voltage Line Regulation
VOUT_REG_LINE Adaptive loop load line inactive
0.02
0.2
%
Total Regulation Error
VOUT_REG_TOTAL PRM output voltage, Adaptive Loop load line inactive
0.2
%
VTM output voltage, total Adaptive Loop regulation,
1
3
%
Total AL Regulation Error
VOUT_REG_AL
VOUT = 48.0 V, trim inactive
VTM output voltage, total Adaptive Loop regulation,
5
%
trim active, exclusive of external resistor tolerances
Line Frequency Ripple Rejection
PSRR120HZ
120Hz, COUT_EXT = 0 F, IOUT = 2.60 A
60
dB
VIN = 48.0 V, VOUT = 48.0 V, TINT = 25°C, constant
5.7
6.5
7.3
A
Output Current Limit
ILIMIT
current limit after supervisory limit detection time tLIM_SUPV
Over line, load, trim and temperature
5.45
7.75
A
Load Capacitance (Electrolytic)
CLOAD_ALEL
0.1
Ω ≤ ESR ≤ 1 Ω, See Figure 32,
total capacitance (CLOAD_ALEL + CLOAD_CER)
47 µF
47
µF
Load Capacitance (Ceramic)
CLOAD_CER
2m
Ω ≤ ESR ≤ 200 mΩ, See Figure 32
25
µF
Load Transient Voltage Deviation
VTRANS
10%
↔ 100% load step, 10 A/µsec, 0 µF C
OUT,
4.8
V
deviation from initial setpoint
10%
↔ 100% load step, 10 A/µsec, 0 µF C
OUT,
Recovery to 90% of final value, Adaptive Loop
100
µs
Load Transient Recovery Time
tTRANS
load line inactive
10%
↔ 100% load step, 10 A/µsec, 0 µF C
OUT,
Recovery to 90% of final value,
500
µs
Adaptive Loop load line active, VAL = 0.96 V
Power Output Specifications: Slave Operation with AL Master
Slave Operation within an array, up to 5°C case
4.2
A
Rated Current Within an Array
IOUT_ARRAY
temperature differential, master-slave configuration
Slave Operation within an array, up to 30°C case
3.6
A
temperature differential, master-slave configuration
Slave Operation within an array, up to 5°C case
200
W
Rated Power Within an Array
POUT_ARRAY
temperature differential, master-slave configuration
Slave Operation within an array, up to 30°C case
175
W
temperature differential, master-slave configuration
Equal input, and output voltage at full load;
15
%
VIN = 48.0 V, VOUT = 48.0 V
Equal input and output voltage at full load;
Current Sharing Difference
IOUT_SHARE_MS
Over line and trim, with 25°C
≤ T
C
≤ 100°C and ≤ 5°C
15
%
(Master to Slave)
part-part temp. mismatch
Equal input, and output voltage at full load;
Over line and trim, with 25°C
≤ T
C
≤ 100°C
20
%
and
≤ 30°C part-part temp. mismatch


Similar Part No. - PRM48JH480M250A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PRM48JH480M250A02 VICOR-PRM48JH480M250A02 Datasheet
4Mb / 45P
   High Efficiency Converter
More results

Similar Description - PRM48JH480M250A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PRM48AF480T400A00 VICOR-PRM48AF480T400A00_15 Datasheet
3Mb / 44P
   High Efficiency Converter
PRM48BF480T500A00 VICOR-PRM48BF480T500A00_15 Datasheet
3Mb / 44P
   High Efficiency Converter
PRM48BY480X500A00 VICOR-PRM48BY480X500A00 Datasheet
3Mb / 44P
   High Efficiency Converter
PRM48BH480X250A00 VICOR-PRM48BH480X250A00 Datasheet
2Mb / 42P
   High Efficiency Converter
MPRM48NH480M250A00 VICOR-MPRM48NH480M250A00 Datasheet
3Mb / 44P
   High Efficiency Converter
PRM48AH480T200A00 VICOR-PRM48AH480T200A00_15 Datasheet
3Mb / 42P
   High Efficiency Converter
PRM48BH480T250A00 VICOR-PRM48BH480T250A00_15 Datasheet
2Mb / 42P
   High Efficiency Converter
PRM48JF480T500A00 VICOR-PRM48JF480T500A00 Datasheet
2Mb / 46P
   High Efficiency Converter
PRM48JH480X250A02 VICOR-PRM48JH480X250A02 Datasheet
4Mb / 45P
   High Efficiency Converter
PRM48AY480X400A00 VICOR-PRM48AY480X400A00 Datasheet
3Mb / 44P
   High Efficiency Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com