Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9AF142LB Datasheet(PDF) 8 Page - SPANSION

Part # MB9AF142LB
Description  The MB9A140NB Series are highly integrated
Download  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF142LB Datasheet(HTML) 8 Page - SPANSION

Back Button MB9AF142LB Datasheet HTML 4Page - SPANSION MB9AF142LB Datasheet HTML 5Page - SPANSION MB9AF142LB Datasheet HTML 6Page - SPANSION MB9AF142LB Datasheet HTML 7Page - SPANSION MB9AF142LB Datasheet HTML 8Page - SPANSION MB9AF142LB Datasheet HTML 9Page - SPANSION MB9AF142LB Datasheet HTML 10Page - SPANSION MB9AF142LB Datasheet HTML 11Page - SPANSION MB9AF142LB Datasheet HTML 12Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 121 page
background image
D a t a S h e e t
June 10, 2015, MB9A140NB_DS706-00040-4v0-E
5
CONFIDENTIAL
 Clock and Reset
[Clocks]
Selectable from five clock sources (2 external oscillators, 2 built-in CR oscillators, and Main PLL).
 Main Clock:
4 MHz to 48 MHz
 Sub Clock:
32.768 kHz
 Built-in high-speed CR Clock:
4 MHz
 Built-in low-speed CR Clock:
100 kHz
 Main PLL Clock
[Resets]
 Reset requests from INITX pin
 Power on reset
 Software reset
 Watchdog timers reset
 Low-voltage detection reset
 Clock Super Visor reset
 Clock Super Visor (CSV)
Clocks generated by built-in CR oscillators are used to supervise abnormality of the external clocks.
 External clock failure (clock stop) is detected, reset is asserted.
 External frequency anomaly is detected, interrupt or reset is asserted.
 Low-Voltage Detector (LVD)
This Series includes 2-stage monitoring of voltage on the VCC pins. When the voltage falls below the
voltage that has been set, Low-Voltage Detector generates an interrupt or reset.
 LVD1: error reporting via interrupt
 LVD2: auto-reset operation
 Low-Power Consumption Mode
Six low-power consumption modes supported.
 Sleep
 Timer
 RTC
 Stop
 Deep Standby RTC (selectable between keeping the value of RAM and not)
 Deep Standby Stop (selectable between keeping the value of RAM and not)
 Debug
 Serial Wire JTAG Debug Port (SWJ-DP)
 Embedded Trace Macrocells (ETM).*
*: MB9AF141LB/MB, F142LB/MB and F144LB/MB support only SWJ-DP.
 Unique ID
Unique value of the device (41-bit) is set.
 Power Supply
Wide range voltage:
VCC = 1.65 V to 3.6 V


Similar Part No. - MB9AF142LB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB9AF142LBPMC-G-JNE2 CYPRESS-MB9AF142LBPMC-G-JNE2 Datasheet
2Mb / 118P
   32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9AF142LBPMC1-G-JNE2 CYPRESS-MB9AF142LBPMC1-G-JNE2 Datasheet
2Mb / 118P
   32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9AF142LBQN-G-AVE2 CYPRESS-MB9AF142LBQN-G-AVE2 Datasheet
2Mb / 118P
   32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
More results

Similar Description - MB9AF142LB

ManufacturerPart #DatasheetDescription
logo
SPANSION
MB9AAA0N SPANSION-MB9AAA0N Datasheet
3Mb / 109P
   The MB9AAA0N Series are highly integrated
MB9AB40NB SPANSION-MB9AB40NB Datasheet
4Mb / 129P
   The MB9AB40NB Series are highly integrated
MB9A340NB SPANSION-MB9A340NB Datasheet
4Mb / 125P
   The MB9A340NB Series are highly integrated
MB9B120M SPANSION-MB9B120M Datasheet
3Mb / 109P
   The MB9B120M Series are highly integrated
MB9A130LB SPANSION-MB9A130LB Datasheet
2Mb / 89P
   The MB9A130LB Series are highly integrated
logo
STMicroelectronics
UM1063 STMICROELECTRONICS-UM1063 Datasheet
1Mb / 32P
   The PM8803 is a highly integrated device embedding
logo
Protech Systems Co., Lt...
POS-6510-PPC PROTECHSYSTEMS-POS-6510-PPC Datasheet
581Kb / 2P
   The Fanless Highly Integrated & Performance 15 Panel PC
POS-6510 PROTECHSYSTEMS-POS-6510 Datasheet
616Kb / 2P
   The Fanless Highly Integrated & Performance 15 POS Terminal
logo
STMicroelectronics
UM1062 STMICROELECTRONICS-UM1062 Datasheet
1Mb / 31P
   The PM8803 is a highly integrated device embedding
logo
Protech Systems Co., Lt...
POS-6510-MIT PROTECHSYSTEMS-POS-6510-MIT Datasheet
589Kb / 2P
   The Fanless Highly The Fanless Highly Panel PC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com