Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9AFB41NB Datasheet(PDF) 11 Page - SPANSION

Part # MB9AFB41NB
Description  The MB9AB40NB Series are highly integrated
Download  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AFB41NB Datasheet(HTML) 11 Page - SPANSION

Back Button MB9AFB41NB Datasheet HTML 7Page - SPANSION MB9AFB41NB Datasheet HTML 8Page - SPANSION MB9AFB41NB Datasheet HTML 9Page - SPANSION MB9AFB41NB Datasheet HTML 10Page - SPANSION MB9AFB41NB Datasheet HTML 11Page - SPANSION MB9AFB41NB Datasheet HTML 12Page - SPANSION MB9AFB41NB Datasheet HTML 13Page - SPANSION MB9AFB41NB Datasheet HTML 14Page - SPANSION MB9AFB41NB Datasheet HTML 15Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 129 page
background image
D a t a S h e e t
8
MB9AB40NB_DS706-00034-4v0-E, June 10, 2015
CONFIDENTIAL
 Packages
Product name
Package
MB9AFB41LB
MB9AFB42LB
MB9AFB44LB
MB9AFB41MB
MB9AFB42MB
MB9AFB44MB
MB9AFB41NB
MB9AFB42NB
MB9AFB44NB
LQFP: FPT-64P-M38 (0.5mm pitch)
-
-
LQFP: FPT-64P-M39 (0.65mm pitch)
-
-
QFN: LCC-64P-M24 (0.5mm pitch)
-
-
LQFP: FPT-80P-M37 (0.5mm pitch)
-
-
LQFP: FPT-80P-M40 (0.65mm pitch)
-

-
BGA: BGA-96P-M07 (0.5mm pitch)
-
-
LQFP: FPT-100P-M23 (0.5mm pitch)
-
-
QFP: FPT-100P-M36 (0.65mm pitch)
-
-
BGA: BGA-112P-M04 (0.8mm pitch)
-
-
: Supported
Note: See Package Dimensions for detailed information on each package.


Similar Part No. - MB9AFB41NB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB9AFB41NBBGL-GE1 CYPRESS-MB9AFB41NBBGL-GE1 Datasheet
2Mb / 128P
   32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9AFB41NBGL-GE1 CYPRESS-MB9AFB41NBGL-GE1 Datasheet
2Mb / 128P
   32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9AFB41NBPMC-G-JNE2 CYPRESS-MB9AFB41NBPMC-G-JNE2 Datasheet
2Mb / 128P
   32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9AFB41NBPQC-G-JNE2 CYPRESS-MB9AFB41NBPQC-G-JNE2 Datasheet
2Mb / 128P
   32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
More results

Similar Description - MB9AFB41NB

ManufacturerPart #DatasheetDescription
logo
SPANSION
MB9AAA0N SPANSION-MB9AAA0N Datasheet
3Mb / 109P
   The MB9AAA0N Series are highly integrated
MB9A340NB SPANSION-MB9A340NB Datasheet
4Mb / 125P
   The MB9A340NB Series are highly integrated
MB9B120M SPANSION-MB9B120M Datasheet
3Mb / 109P
   The MB9B120M Series are highly integrated
MB9A130LB SPANSION-MB9A130LB Datasheet
2Mb / 89P
   The MB9A130LB Series are highly integrated
MB9A140NB SPANSION-MB9A140NB Datasheet
4Mb / 121P
   The MB9A140NB Series are highly integrated
logo
STMicroelectronics
UM1063 STMICROELECTRONICS-UM1063 Datasheet
1Mb / 32P
   The PM8803 is a highly integrated device embedding
logo
Protech Systems Co., Lt...
POS-6510-PPC PROTECHSYSTEMS-POS-6510-PPC Datasheet
581Kb / 2P
   The Fanless Highly Integrated & Performance 15 Panel PC
POS-6510 PROTECHSYSTEMS-POS-6510 Datasheet
616Kb / 2P
   The Fanless Highly Integrated & Performance 15 POS Terminal
logo
STMicroelectronics
UM1062 STMICROELECTRONICS-UM1062 Datasheet
1Mb / 31P
   The PM8803 is a highly integrated device embedding
logo
Protech Systems Co., Lt...
POS-6510-MIT PROTECHSYSTEMS-POS-6510-MIT Datasheet
589Kb / 2P
   The Fanless Highly The Fanless Highly Panel PC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com