Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9AFA44MB Datasheet(PDF) 11 Page - SPANSION

Part # MB9AFA44MB
Description  This document states the current technical specifications regarding
Download  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AFA44MB Datasheet(HTML) 11 Page - SPANSION

Back Button MB9AFA44MB Datasheet HTML 7Page - SPANSION MB9AFA44MB Datasheet HTML 8Page - SPANSION MB9AFA44MB Datasheet HTML 9Page - SPANSION MB9AFA44MB Datasheet HTML 10Page - SPANSION MB9AFA44MB Datasheet HTML 11Page - SPANSION MB9AFA44MB Datasheet HTML 12Page - SPANSION MB9AFA44MB Datasheet HTML 13Page - SPANSION MB9AFA44MB Datasheet HTML 14Page - SPANSION MB9AFA44MB Datasheet HTML 15Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 125 page
background image
D a t a S h e e t
8
MB9AA40NB_DS706-00038-4v0-E, June 10, 2015
CONFIDENTIAL
 Packages
Product name
Package
MB9AFA41LB
MB9AFA42LB
MB9AFA44LB
MB9AFA41MB
MB9AFA42MB
MB9AFA44MB
MB9AFA41NB
MB9AFA42NB
MB9AFA44NB
LQFP: FPT-64P-M38 (0.5mm pitch)
-
-
LQFP: FPT-64P-M39 (0.65mm pitch)
-
-
QFN: LCC-64P-M24 (0.5mm pitch)
-
-
LQFP: FPT-80P-M37 (0.5mm pitch)
-
-
LQFP: FPT-80P-M40 (0.65mm pitch)
-

-
BGA: BGA-96P-M07 (0.5mm pitch)
-
-
LQFP: FPT-100P-M23 (0.5mm pitch)
-
-
QFP: FPT-100P-M36 (0.65mm pitch)
-
-
BGA: BGA-112P-M04 (0.8mm pitch)
-
-
: Supported
Note: See Package Dimensions for detailed information on each package.


Similar Part No. - MB9AFA44MB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB9AFA44MBBGL-GE1 CYPRESS-MB9AFA44MBBGL-GE1 Datasheet
2Mb / 131P
   32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9AFA44MBGL-GE1 CYPRESS-MB9AFA44MBGL-GE1 Datasheet
2Mb / 131P
   32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9AFA44MBPMC-G-JNE2 CYPRESS-MB9AFA44MBPMC-G-JNE2 Datasheet
2Mb / 131P
   32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9AFA44MBPMC1-G-JNE2 CYPRESS-MB9AFA44MBPMC1-G-JNE2 Datasheet
2Mb / 131P
   32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
More results

Similar Description - MB9AFA44MB

ManufacturerPart #DatasheetDescription
logo
SPANSION
MB9A310A SPANSION-MB9A310A Datasheet
3Mb / 125P
   This document states the current technical specifications regarding
MB9B110T SPANSION-MB9B110T Datasheet
3Mb / 129P
   This document states the current technical specifications regarding
MB9B500B SPANSION-MB9B500B Datasheet
3Mb / 113P
   This document states the current technical specifications regarding
MB9B520TA SPANSION-MB9B520TA Datasheet
3Mb / 141P
   This document states the current technical specifications regarding
MB9B610T SPANSION-MB9B610T Datasheet
3Mb / 141P
   This document states the current technical specifications regarding
MB91F587L SPANSION-MB91F587L Datasheet
1Mb / 177P
   This document states the current technical specifications regarding
MB9A110K SPANSION-MB9A110K Datasheet
2Mb / 89P
   This document states the current technical specifications regarding
MB9A150RB SPANSION-MB9A150RB Datasheet
3Mb / 133P
   This document states the current technical specifications regarding
MB9B100A SPANSION-MB9B100A Datasheet
2Mb / 109P
   This document states the current technical specifications regarding
MB9B120TA SPANSION-MB9B120TA Datasheet
3Mb / 137P
   This document states the current technical specifications regarding
MB9B410R SPANSION-MB9B410R Datasheet
2Mb / 121P
   This document states the current technical specifications regarding
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com