Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9BF116R Datasheet(PDF) 8 Page - SPANSION

Part # MB9BF116R
Description  This document states the current technical specifications regarding
Download  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9BF116R Datasheet(HTML) 8 Page - SPANSION

Back Button MB9BF116R Datasheet HTML 4Page - SPANSION MB9BF116R Datasheet HTML 5Page - SPANSION MB9BF116R Datasheet HTML 6Page - SPANSION MB9BF116R Datasheet HTML 7Page - SPANSION MB9BF116R Datasheet HTML 8Page - SPANSION MB9BF116R Datasheet HTML 9Page - SPANSION MB9BF116R Datasheet HTML 10Page - SPANSION MB9BF116R Datasheet HTML 11Page - SPANSION MB9BF116R Datasheet HTML 12Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 121 page
background image
D a t a S h e e t
March 11, 2015, MB9B110R-DS706-00028-3v0-E
5
CONFIDENTIAL
 Watch Counter
The Watch counter is used for wake up from power consumption mode.
Interval timer: up to 64 s (Max) @ Sub Clock : 32.768 kHz
 External Interrupt Controller Unit
・ Up to 16 external interrupt input pin
・ Include one non-maskable interrupt (NMI)
 Watchdog Timer (Two channels)
A watchdog timer can generate interrupts or a reset when a time-out value is reached.
This series consists of two different watchdogs, a "Hardware" watchdog and a "Software" watchdog.
"Hardware" watchdog timer is clocked by low-speed internal CR oscillator. Therefore, "Hardware"
watchdog is active in any power consumption mode except Stop mode.
 CRC (Cyclic Redundancy Check) Accelerator
The CRC accelerator helps a verify data transmission or storage integrity.
CCITT CRC16 and IEEE-802.3 CRC32 are supported.
・ CCITT CRC16 Generator Polynomial: 0x1021
・ IEEE-802.3 CRC32 Generator Polynomial: 0x04C11DB7
 Clock and Reset
[Clocks]
Five clock sources (2 external oscillators, 2 internal CR oscillator, and Main PLL) that are dynamically
selectable.
・ Main Clock:
4 MHz to 48 MHz
・ Sub Clock:
32.768 kHz
・ High-speed internal CR Clock:
4 MHz
・ Low-speed internal CR Clock:
100 kHz
・ Main PLL Clock
[Resets]
・ Reset requests from INITX pin
・ Power on reset
・ Software reset
・ Watchdog timers reset
・ Low-voltage detector reset
・ Clock supervisor reset
 Clock Super Visor (CSV)
Clocks generated by internal CR oscillators are used to supervise abnormality of the external clocks.
・ External OSC clock failure (clock stop) is detected, reset is asserted.
・ External OSC frequency anomaly is detected, interrupt or reset is asserted.


Similar Part No. - MB9BF116R

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB9BF116RPMC-G-JNE2 CYPRESS-MB9BF116RPMC-G-JNE2 Datasheet
1Mb / 117P
   32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
More results

Similar Description - MB9BF116R

ManufacturerPart #DatasheetDescription
logo
SPANSION
MB9A310A SPANSION-MB9A310A Datasheet
3Mb / 125P
   This document states the current technical specifications regarding
MB9B110T SPANSION-MB9B110T Datasheet
3Mb / 129P
   This document states the current technical specifications regarding
MB9B500B SPANSION-MB9B500B Datasheet
3Mb / 113P
   This document states the current technical specifications regarding
MB9B520TA SPANSION-MB9B520TA Datasheet
3Mb / 141P
   This document states the current technical specifications regarding
MB9B610T SPANSION-MB9B610T Datasheet
3Mb / 141P
   This document states the current technical specifications regarding
MB91F587L SPANSION-MB91F587L Datasheet
1Mb / 177P
   This document states the current technical specifications regarding
MB9A110K SPANSION-MB9A110K Datasheet
2Mb / 89P
   This document states the current technical specifications regarding
MB9A150RB SPANSION-MB9A150RB Datasheet
3Mb / 133P
   This document states the current technical specifications regarding
MB9B100A SPANSION-MB9B100A Datasheet
2Mb / 109P
   This document states the current technical specifications regarding
MB9B120TA SPANSION-MB9B120TA Datasheet
3Mb / 137P
   This document states the current technical specifications regarding
MB9B410R SPANSION-MB9B410R Datasheet
2Mb / 121P
   This document states the current technical specifications regarding
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com