Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDC1050DMBT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # HDC1050DMBT
Description  Low Power, High Accuracy Digital Humidity Sensor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HDC1050DMBT Datasheet(HTML) 10 Page - Texas Instruments

Back Button HDC1050DMBT Datasheet HTML 6Page - Texas Instruments HDC1050DMBT Datasheet HTML 7Page - Texas Instruments HDC1050DMBT Datasheet HTML 8Page - Texas Instruments HDC1050DMBT Datasheet HTML 9Page - Texas Instruments HDC1050DMBT Datasheet HTML 10Page - Texas Instruments HDC1050DMBT Datasheet HTML 11Page - Texas Instruments HDC1050DMBT Datasheet HTML 12Page - Texas Instruments HDC1050DMBT Datasheet HTML 13Page - Texas Instruments HDC1050DMBT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
1
9
Ack by
Slave
Start by
Master
SCL
SDA
Frame 1
7-bit Serial Bus Address Byte
R/W
A2
A0
A1
A3
A4
A5
A6
D7
D6
D5
D4
D3
D2
D1
D0
1
9
Ack by
Slave
Stop by
Master
1
9
D15
D14
D13
D12
D11
D10
D9
D8
Ack by
Slave
Frame 3
Data MSB from
MASTER
Frame 4
Data LSB from
MASTER
1
9
P7
P6
P5
P4
P3
P2
P1
P0
Ack by
Slave
Frame 2
Pointer Register Byte
SCL
SDA
HDC1050
SNAS658C – MAY 2015 – REVISED DECEMBER 2015
www.ti.com
8.5 Programming
8.5.1 I2C Interface
The HDC1050 operates only as a slave device on the I2C bus interface. It is not allowed to have on the I2C bus
multiple devices with the same address. Connection to the bus is made via the open-drain I/O lines, SDA, and
SCL. The SDA and SCL pins feature integrated spike-suppression filters and Schmitt triggers to minimize the
effects of input spikes and bus noise. After power-up, the sensor needs at most 15 ms, to be ready to start RH
and temperature measurement. During this power-up time the HDC1050 is only able to provide the content of the
serial number registers (0xFB to 0xFF) if requested. After the power-up the sensor is in the sleep mode until a
communication or measurement is performed. All data bytes are transmitted MSB first.
8.5.1.1 Serial Bus Address
To communicate with the HDC1050, the master must first address slave devices via a slave address byte. The
slave address byte consists of seven address bits, and a direction bit that indicates the intent to execute a read
or write operation. The I2C address of the HDC1050 is 1000000 (7-bit address).
8.5.1.2 Read and Write Operations
To access a particular register on the HDC1050, write the desired register address value to the Pointer Register.
The pointer value is the first byte transferred after the slave address byte with the R/W bit low. Every write
operation to the HDC1050 requires a value for the pointer register (refer to Figure 10).
When reading from the HDC1050, the last value stored in the pointer by a write operation is used to determine
which register is accessed by a read operation. To change the pointer register for a read operation, a new value
must be written to the pointer register. This transaction is accomplished by issuing the slave address byte with
the R/W bit low, followed by the pointer byte. No additional data is required (refer to Figure 11).
The master can then generate a START condition and send the slave address byte with the R/W bit high to
initiate the read command. Note that register bytes are sent MSB first, followed by the LSB. A write operation in
a read-only register such as (DEVICE ID, MANUFACTURER ID, SERIAL ID) returns a NACK after each data
byte; read/write operation to unused address returns a NACK after the pointer; a read/write operation with
incorrect I2C address returns a NACK after the I2C address.
Figure 10. Writing Frame (Configuration Register)
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: HDC1050


Similar Part No. - HDC1050DMBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HDC1050DMBT TI1-HDC1050DMBT Datasheet
1Mb / 27P
[Old version datasheet]   Low Power High Accuracy Digital Humidity Sensor
More results

Similar Description - HDC1050DMBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HDC1050 TI1-HDC1050 Datasheet
1Mb / 27P
[Old version datasheet]   Low Power High Accuracy Digital Humidity Sensor
HDC1008 TI1-HDC1008 Datasheet
1Mb / 30P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor
HDC1010 TI1-HDC1010_16 Datasheet
254Kb / 8P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor
HDC1010 TI1-HDC1010 Datasheet
253Kb / 7P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1080 TI1-HDC1080 Datasheet
467Kb / 26P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1000 TI1-HDC1000_16 Datasheet
1Mb / 31P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1008 TI-HDC1008_15 Datasheet
1Mb / 30P
[Old version datasheet]   HDC1008 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1050 TI-HDC1050_15 Datasheet
818Kb / 25P
[Old version datasheet]   HDC1050 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1000 TI-HDC1000_15 Datasheet
1Mb / 31P
[Old version datasheet]   HDC1000 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC3020 TI-HDC3020 Datasheet
1Mb / 51P
[Old version datasheet]   HDC302x High-Accuracy, Low-Power, Digital Humidity and Temperature Sensor With Ultra-Low Drift
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com