Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5721 Datasheet(PDF) 5 Page - Texas Instruments

Part # TAS5721
Description  Digital Audio Power Amplifier
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5721 Datasheet(HTML) 5 Page - Texas Instruments

  TAS5721_16 Datasheet HTML 1Page - Texas Instruments TAS5721_16 Datasheet HTML 2Page - Texas Instruments TAS5721_16 Datasheet HTML 3Page - Texas Instruments TAS5721_16 Datasheet HTML 4Page - Texas Instruments TAS5721_16 Datasheet HTML 5Page - Texas Instruments TAS5721_16 Datasheet HTML 6Page - Texas Instruments TAS5721_16 Datasheet HTML 7Page - Texas Instruments TAS5721_16 Datasheet HTML 8Page - Texas Instruments TAS5721_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 78 page
background image
5
TAS5721
www.ti.com
SLOS739A – JULY 2012 – REVISED MARCH 2016
Product Folder Links: TAS5721
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Pin Functions (continued)
PIN
TYPE(1)
TERMINATION
DESCRIPTION
NAME
NO.
DR_VSS
11
P
-
Negative supply generated by charge pump for ground centered
headphone and line driver output
DRVDD
14
P
-
Power supply for internal headphone and line driver circuitry
DVDD
34
P
-
Power supply for the internal digital circuitry
DVDD_REG
24
P
-
Voltage regulator derived from DVDD supply(3)
GVDD_REG
40
P
-
Voltage regulator derived from PVDD supply(3)
LRCLK
26
DI
Pulldown
Word select clock for the digital signal that is active on the input data line of
the serial port
MCLK
21
DI
Pulldown
Master clock used for internal clock tree and sub-circuit and state machine
clocking
NC
31
-
-
Not connected inside the device (all no connect terminals should be
connected to ground)
OSC_GND
23
P
-
Ground reference for oscillator circuitry (this terminal should be connected
to the system ground)
OSC_RES
22
AO
-
Connection point for oscillator trim resistor
PDN
25
DI
Pullup
Quick powerdown of the device that is used upon an unexpected loss of
PVDD or DVDD power supply in order to quickly transition the outputs of
the speaker amplifier to a 50/50 duty cycle. This quick powerdown feature
avoids the audible anamolies that would occur as a result of loss of either
of the supplies. If this pin is used to place the device into quick powerdown
mode, the RST pin of the device must be toggled before the device is
brought out of quick powerdown.
PGND
1
P
-
Ground reference for power device circuitry(2)
PLL_FLTM
16
AI/AO
-
Negative connection point for the PLL loop filter components
PLL_FLTP
17
AI/AO
-
Positive connection point for the PLL loop filter components
PLL_GND
15
P
-
Ground reference for PLL circuitry (this terminal should be connected to the
system ground)
PowerPAD
-
P
-
Thermal and ground pad thatprovides both an electrical connection to the
ground plane and a thermal path to the PCB for heat dissipation. This pad
must be grounded to the system ground.
PVDD
4, 41
P
-
Power supply for internal power circuitry
RST
32
DI
Pullup
Places the device in reset when pulled low
SCL
30
DI
-
I2C serial control port clock
SCLK
27
DI
Pulldown
Bit clock for the digital signal that is active on the input data line of the
serial data port
SDA
29
DI/DO
-
I2C serial control port data
SDIN
28
DI
Pulldown
Data line to the serial data port
SPK_OUTx
2, 43, 45,
48
AO
-
Speaker amplifier outputs
SSTIMER
38
AI
-
Connection point for the capacitor that is used by the ramp timing circuit,
as described in Output Mode and MUX Selection
TEST1
5
DO
-
Used by TI for testing during device production (this terminal must be left
floating)
TEST2
6
DO
-
Used by TI for testing during device production (this terminal must be left
floating)
TEST3
33
DI
-
Used by TI for testing during device production (this terminal must be
connected to GND)


Similar Part No. - TAS5721_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5721 TI-TAS5721_15 Datasheet
1Mb / 72P
[Old version datasheet]   Digital Audio Power Amplifier with EQ, DRC, 2.1 Support, and Headphone/Line Driver
TAS5721 TI1-TAS5721_17 Datasheet
1Mb / 78P
[Old version datasheet]   Digital Audio Power Amplifier With EQ, DRC, 2.1 Support, and Headphone/Line Driver
More results

Similar Description - TAS5721_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5731M TI1-TAS5731M_15 Datasheet
2Mb / 81P
[Old version datasheet]   Digital Audio Power Amplifier
TAS5727 TI1-TAS5727_16 Datasheet
1Mb / 70P
[Old version datasheet]   Digital Audio Power Amplifier
TAS5733L TI1-TAS5733L Datasheet
2Mb / 68P
[Old version datasheet]   Digital Input Audio Power Amplifier
logo
Intersil Corporation
D2-24044-MR INTERSIL-D2-24044-MR Datasheet
337Kb / 20P
   Digital Audio Amplifier Power Stage
September 3, 2010
logo
Renesas Technology Corp
D2-24044 RENESAS-D2-24044 Datasheet
824Kb / 20P
   Digital Audio Amplifier Power Stage
logo
Intersil Corporation
D2-24044 INTERSIL-D2-24044 Datasheet
341Kb / 20P
   Digital Audio Amplifier Power Stage
logo
Texas Instruments
TAS5751M TI1-TAS5751M Datasheet
2Mb / 70P
[Old version datasheet]   Digital Input Audio Power Amplifier
TAS5001 TI-TAS5001_06 Datasheet
244Kb / 19P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5015 TI-TAS5015_06 Datasheet
273Kb / 20P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5010 TI-TAS5010_06 Datasheet
262Kb / 19P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com