Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5721 Datasheet(PDF) 7 Page - Texas Instruments

Part # TAS5721
Description  Digital Audio Power Amplifier
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5721 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TAS5721_16 Datasheet HTML 3Page - Texas Instruments TAS5721_16 Datasheet HTML 4Page - Texas Instruments TAS5721_16 Datasheet HTML 5Page - Texas Instruments TAS5721_16 Datasheet HTML 6Page - Texas Instruments TAS5721_16 Datasheet HTML 7Page - Texas Instruments TAS5721_16 Datasheet HTML 8Page - Texas Instruments TAS5721_16 Datasheet HTML 9Page - Texas Instruments TAS5721_16 Datasheet HTML 10Page - Texas Instruments TAS5721_16 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 78 page
background image
7
TAS5721
www.ti.com
SLOS739A – JULY 2012 – REVISED MARCH 2016
Product Folder Links: TAS5721
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.4 Thermal Information
THERMAL METRIC(1)
TAS5721
UNIT
DCA (HTSSOP)
48 PINS
RθJA
Junction-to-ambient thermal resistance
27.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
20.7
°C/W
RθJB
Junction-to-board thermal resistance
13
°C/W
ψJT
Junction-to-top characterization parameter
0.3
°C/W
ψJB
Junction-to-board characterization parameter
6.7
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
1.1
°C/W
7.5 Electrical Characteristics – I/O Pin Characteristics
PVDD = 18 V, AVDD = DRVDD = DVDD = 3.3 V, external components per Typical Application diagrams, and in accordance
with recommended operating conditions (unless otherwise specified).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
ADR/FAULT and SDA
IOH = –4 mA
DVDD = AVDD = 3 V
2.4
V
VOL
Low-level output voltage
IOL = 4 mA
DVDD = AVDD = 3 V
0.5
IIL
Low-level input current
Digital Inputs
VI < VIL ; DVDD = AVDD
= 3.6 V
75
μA
IIH
High-level input current
VI > VIH ; DVDD =
AVDD = 3.6 V
75
IDD
3.3 V supply current
3.3 V supply voltage (DVDD,
AVDD)
Normal mode
48
70
mA
Reset (RST = low, PDN
= high, DR_SD = low)
21
38
tw(RST)
Pulse duration, RST active
RST
100
μs
td(I2C_ready)
Time before the I2C port is able
communicate after RST goes
high
12
ms


Similar Part No. - TAS5721_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5721 TI-TAS5721_15 Datasheet
1Mb / 72P
[Old version datasheet]   Digital Audio Power Amplifier with EQ, DRC, 2.1 Support, and Headphone/Line Driver
TAS5721 TI1-TAS5721_17 Datasheet
1Mb / 78P
[Old version datasheet]   Digital Audio Power Amplifier With EQ, DRC, 2.1 Support, and Headphone/Line Driver
More results

Similar Description - TAS5721_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5731M TI1-TAS5731M_15 Datasheet
2Mb / 81P
[Old version datasheet]   Digital Audio Power Amplifier
TAS5727 TI1-TAS5727_16 Datasheet
1Mb / 70P
[Old version datasheet]   Digital Audio Power Amplifier
TAS5733L TI1-TAS5733L Datasheet
2Mb / 68P
[Old version datasheet]   Digital Input Audio Power Amplifier
logo
Intersil Corporation
D2-24044-MR INTERSIL-D2-24044-MR Datasheet
337Kb / 20P
   Digital Audio Amplifier Power Stage
September 3, 2010
logo
Renesas Technology Corp
D2-24044 RENESAS-D2-24044 Datasheet
824Kb / 20P
   Digital Audio Amplifier Power Stage
logo
Intersil Corporation
D2-24044 INTERSIL-D2-24044 Datasheet
341Kb / 20P
   Digital Audio Amplifier Power Stage
logo
Texas Instruments
TAS5751M TI1-TAS5751M Datasheet
2Mb / 70P
[Old version datasheet]   Digital Input Audio Power Amplifier
TAS5001 TI-TAS5001_06 Datasheet
244Kb / 19P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5015 TI-TAS5015_06 Datasheet
273Kb / 20P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5010 TI-TAS5010_06 Datasheet
262Kb / 19P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com