Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5720MRSMR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5720MRSMR
Description  Digital Input Mono Class-D Audio Amplifier
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5720MRSMR Datasheet(HTML) 4 Page - Texas Instruments

  TAS5720MRSMR Datasheet HTML 1Page - Texas Instruments TAS5720MRSMR Datasheet HTML 2Page - Texas Instruments TAS5720MRSMR Datasheet HTML 3Page - Texas Instruments TAS5720MRSMR Datasheet HTML 4Page - Texas Instruments TAS5720MRSMR Datasheet HTML 5Page - Texas Instruments TAS5720MRSMR Datasheet HTML 6Page - Texas Instruments TAS5720MRSMR Datasheet HTML 7Page - Texas Instruments TAS5720MRSMR Datasheet HTML 8Page - Texas Instruments TAS5720MRSMR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
4
TAS5720L, TAS5720M
SLOS903B – MAY 2015 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: TAS5720L TAS5720M
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Pin Functions (continued)
PIN
I/O/P(1)
DESCRIPTION
NAME
NO.
SCL
8
I
I2C clock Input. Pull up on PCB with a 2.4-k
Ω resistor.
SDA
9
I/O
I2C bi-directional data. Pull up on PCB with a 2.4-k
Ω resistor.
SDIN
7
I
TDM interface data input.
SDZ
3
I
Active low shutdown signal. Assert low to hold device inactive.
Thermal
Pad
33
G
Connect to GND for best system performance. If not connected to GND, leave floating.
VCOM
32
O
Common mode reference output. Connect decoupling capacitor to the VREF_N pin.
VREF_N
1
P
Negative reference for analog. Connect to VCOM and VREG capacitor negative pins.
VREG
31
O
Analog regulator output. Connect decoupling capacitor to the VREF_N pin.


Similar Part No. - TAS5720MRSMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5720A-Q1 TI1-TAS5720A-Q1 Datasheet
813Kb / 48P
[Old version datasheet]   1x20-W Digital Input Closed-Loop Automotive Class-D Audio Amplifier
TAS5720A-Q1 TI1-TAS5720A-Q1 Datasheet
1Mb / 46P
[Old version datasheet]   1x25-W Digital Input Closed-Loop Automotive Class-D Audio Amplifier
TAS5720A-Q1 TI1-TAS5720A-Q1_18 Datasheet
1Mb / 46P
[Old version datasheet]   1x25-W Digital Input Closed-Loop Automotive Class-D Audio Amplifier
TAS5720ATDAPQ1 TI1-TAS5720ATDAPQ1 Datasheet
1Mb / 46P
[Old version datasheet]   1x25-W Digital Input Closed-Loop Automotive Class-D Audio Amplifier
TAS5720ATDAPRQ1 TI1-TAS5720ATDAPRQ1 Datasheet
813Kb / 48P
[Old version datasheet]   1x20-W Digital Input Closed-Loop Automotive Class-D Audio Amplifier
More results

Similar Description - TAS5720MRSMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5722L TI1-TAS5722L Datasheet
304Kb / 13P
[Old version datasheet]   TAS5722L Digital Input Mono Class-D Audio Amplifier
logo
Analog Devices
SSM2537ACBZ-RL AD-SSM2537ACBZ-RL Datasheet
331Kb / 16P
   PDM Digital Input, Mono 2.7 W Class-D Audio Amplifier
REV. 0
SSM2517 AD-SSM2517 Datasheet
429Kb / 16P
   PDM Digital Input, Mono 2.4 W Class-D Audio Amplifier
SSM2529 AD-SSM2529 Datasheet
811Kb / 52P
   Digital Input, Mono 2 W, Class-D Audio Power Amplifier
logo
Shenzhenshi YONGFUKANG ...
NS4168 YONGFUKANG-NS4168 Datasheet
810Kb / 15P
   Digital input, anti-aliasing, 2.5W mono Class D audio amplifier I2S
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
[Old version datasheet]   Mono Class-D Audio Amplifier
TAS2555 TI1-TAS2555 Datasheet
879Kb / 12P
[Old version datasheet]   Class-D Mono Audio Amplifier
TAS2505 TI1-TAS2505 Datasheet
1Mb / 34P
[Old version datasheet]   Digital Input Class-D Speaker Amplifier with Audio Processing and mono headphone amplifier
TAS2780 TI-TAS2780_V01 Datasheet
2Mb / 97P
[Old version datasheet]   TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
REVISED JUNE 2022
logo
NXP Semiconductors
TFA9879 NXP-TFA9879 Datasheet
1Mb / 60P
   Mono BTL class-D audio amplifier for portable applications with digital input
Rev. 02-15 October 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com