Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5727PHPR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5727PHPR
Description  Digital Audio Power Amplifier
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5727PHPR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TAS5727PHPR Datasheet HTML 7Page - Texas Instruments TAS5727PHPR Datasheet HTML 8Page - Texas Instruments TAS5727PHPR Datasheet HTML 9Page - Texas Instruments TAS5727PHPR Datasheet HTML 10Page - Texas Instruments TAS5727PHPR Datasheet HTML 11Page - Texas Instruments TAS5727PHPR Datasheet HTML 12Page - Texas Instruments TAS5727PHPR Datasheet HTML 13Page - Texas Instruments TAS5727PHPR Datasheet HTML 14Page - Texas Instruments TAS5727PHPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 70 page
background image
0.001
0.01
0.1
1
10
0.01
0.1
1
10
40
Output Power (W)
f = 20Hz
f = 1kHz
f = 10kHz
PVDD = 18V
RL = 8Ω
TA = 25°C
0.001
0.01
0.1
1
10
0.01
0.1
1
10
40
Output Power (W)
f = 20Hz
f = 1kHz
f = 10kHz
PVDD = 24V
RL = 8Ω
TA = 25°C
0.001
0.01
0.1
1
10
20
100
1k
10k
20k
Frequency (Hz)
PO = 1W
PO = 5W
PO = 10W
PVDD = 24V
RL = 8Ω
TA = 25°C
0.001
0.01
0.1
1
10
0.01
0.1
1
10
40
Output Power (W)
f = 20Hz
f = 1kHz
f = 10kHz
PVDD = 12V
RL = 8Ω
TA = 25°C
0.001
0.01
0.1
1
10
20
100
1k
10k
20k
Frequency (Hz)
PO = 1W
PO = 2.5W
PO = 5W
PVDD = 12V
RL = 8Ω
TA = 25°C
0.001
0.01
0.1
1
10
20
100
1k
10k
20k
Frequency (Hz)
PO = 1W
PO = 5W
PO = 10W
PVDD = 18V
RL = 8Ω
TA = 25°C
11
TAS5727
www.ti.com
SLOS670A – NOVEMBER 2010 – REVISED MAY 2016
Product Folder Links: TAS5727
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
8.11 Typical Characteristics
BTL Configuration, 8
Ω
Figure 5. Total Harmonic Distortion + Noise vs Frequency
Figure 6. Total Harmonic Distortion + Noise vs Frequency
Figure 7. Total Harmonic Distortion + Noise vs Frequency
Figure 8. Total Harmonic Distortion + Noise vs Output
Power
Figure 9. Total Harmonic Distortion + Noise vs Output
Power
Figure 10. Total Harmonic Distortion + Noise vs Output
Power


Similar Part No. - TAS5727PHPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5727PHPR TI1-TAS5727PHPR Datasheet
1Mb / 61P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
More results

Similar Description - TAS5727PHPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5731M TI1-TAS5731M_15 Datasheet
2Mb / 81P
[Old version datasheet]   Digital Audio Power Amplifier
TAS5721 TI1-TAS5721_16 Datasheet
1Mb / 78P
[Old version datasheet]   Digital Audio Power Amplifier
TAS5733L TI1-TAS5733L Datasheet
2Mb / 68P
[Old version datasheet]   Digital Input Audio Power Amplifier
logo
Intersil Corporation
D2-24044-MR INTERSIL-D2-24044-MR Datasheet
337Kb / 20P
   Digital Audio Amplifier Power Stage
September 3, 2010
logo
Renesas Technology Corp
D2-24044 RENESAS-D2-24044 Datasheet
824Kb / 20P
   Digital Audio Amplifier Power Stage
logo
Intersil Corporation
D2-24044 INTERSIL-D2-24044 Datasheet
341Kb / 20P
   Digital Audio Amplifier Power Stage
logo
Texas Instruments
TAS5751M TI1-TAS5751M Datasheet
2Mb / 70P
[Old version datasheet]   Digital Input Audio Power Amplifier
TAS5001 TI-TAS5001_06 Datasheet
244Kb / 19P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5015 TI-TAS5015_06 Datasheet
273Kb / 20P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5010 TI-TAS5010_06 Datasheet
262Kb / 19P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com