Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5753MD Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5753MD
Description  Digital Input Audio Power Amplifier with EQ and 3-Band AGL
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5753MD Datasheet(HTML) 1 Page - Texas Instruments

  TAS5753MD Datasheet HTML 1Page - Texas Instruments TAS5753MD Datasheet HTML 2Page - Texas Instruments TAS5753MD Datasheet HTML 3Page - Texas Instruments TAS5753MD Datasheet HTML 4Page - Texas Instruments TAS5753MD Datasheet HTML 5Page - Texas Instruments TAS5753MD Datasheet HTML 6Page - Texas Instruments TAS5753MD Datasheet HTML 7Page - Texas Instruments TAS5753MD Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Digital Audio
Processor
(DAP)
Sample Rate
Converter
(SRC)
I²C Control Port
Internal Register/State Machine Interface
Power-On Reset
(POR)
PVDD
DVDD
MCLK Monitoring
and Watchdog
AVDD
PDN
RST
AMP_OUT_A
AMP_OUT_C
SDIN
MCLK
SCLK
LRCK
SCL
SDA
Serial Audio Port
(SAP)
Sample Rate
Auto-Detect
PLL
Digital to PWM
Converter
(DPC)
Click & Pop
Suppression
2 Ch. PWM
Modulator
Noise Shaping
Open Loop Stereo
Stereo PWM Amplifier
Sensing & Protection
Temperature
Short Circuits
PVDD Voltage
Output Current
Fault Notification
Internal Voltage Supplies
Internal Regulation and Power Distribution
AMP_OUT_B
AMP_OUT_D
DR_OUTB
DR_OUTA
DR_INB
DR_INA
Stereo HP / Line Driver
DRVDD
DR_INx
+
DR_OUTx
DRVSS
DR_SD
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCT PREVIEW Information. Product in design phase of
development. Subject to change or discontinuance without notice.
TAS5753MD
SLASEA5 – MARCH 2016
TAS5753MD - Digital Input Audio Power Amplifier with EQ and 3-Band AGL with
Integrated Headphone Amplifier
TI Information — Selective Disclosure
1
1 Features
1
Audio Input/Output
One-Stereo Serial Audio Input
Supports 44.1-kHz and 48-kHz Sample Rates
(LJ/RJ/I²S)
Supports 3-Wire I²S Mode (no MCLK required)
Automatic Audio Port Rate Detection
Supports BTL and PBTL Configuration
Audio/PWM Processing
Independent Channel Volume Controls With
Gain of 24 dB to Mute in 0.125-dB Steps
Programmable Three-Band Automatic Gain
Limiting (AGL)
20 Programmable Biquads for Speaker EQ
and Other Audio-Processing Features
General Features
106-dB SNR, A-Weighted, Referenced to Full
Scale (0 dB)
I²C Serial Control Interface w/ two Addresses
Thermal, Short-Circuit, and Undervoltage
Protection
Up to 90% Efficient
AD, BD, and Ternary Modulation
PWM Level Meter
2 Applications
LCD TV, LED TV
Low-Cost Audio Equipment
3 Description
The TAS5753MD device is an efficient, digital-input
audio amplifier for driving stereo speakers configured
as a bridge tied load (BTL). In parallel bridge tied
load (PBTL) in can produce higher power by driving
the parallel outputs into a single lower impedance
load. One serial data input allows processing of up to
two discrete audio channels and seamless integration
to
most
digital
audio
processors
and
MPEG
decoders. The device accepts a wide range of input
data and data rates. A fully programmable data path
routes these channels to the internal speaker drivers.
The TAS5753MD device is a slave-only device
receiving all clocks from external sources. The
TAS5753MD device operates with a PWM carrier
between a 384-kHz switching rate and a 288-kHz
switching rate, depending on the input sample rate.
Oversampling combined with a fourth-order noise
shaper provides a flat noise floor and excellent
dynamic range from 20 Hz to 20 kHz.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TAS5753MD
HTSSOP (48)
12.50 mm × 6.10 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Power vs PVDD
Simplified Block Diagram


Similar Part No. - TAS5753MD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5751M TI1-TAS5751M Datasheet
2Mb / 70P
[Old version datasheet]   Digital Input Audio Power Amplifier
TAS5751MDCA TI1-TAS5751MDCA Datasheet
2Mb / 70P
[Old version datasheet]   Digital Input Audio Power Amplifier
TAS5751MDCAR TI1-TAS5751MDCAR Datasheet
2Mb / 70P
[Old version datasheet]   Digital Input Audio Power Amplifier
TAS5754M TI1-TAS5754M Datasheet
3Mb / 127P
[Old version datasheet]   Digital Input, Closed-Loop Class-D Amplifier
TAS5754MDCA TI1-TAS5754MDCA Datasheet
3Mb / 127P
[Old version datasheet]   Digital Input, Closed-Loop Class-D Amplifier
More results

Similar Description - TAS5753MD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5727 TI-TAS5727_15 Datasheet
1Mb / 61P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5713 TI-TAS5713 Datasheet
1Mb / 63P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5713 TI-TAS5713_10 Datasheet
1Mb / 63P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5713_101 TI-TAS5713_101 Datasheet
1Mb / 65P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5715 TI-TAS5715_10 Datasheet
2Mb / 74P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5727 TI1-TAS5727 Datasheet
1Mb / 61P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5727 TI1-TAS5727_14 Datasheet
1Mb / 62P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5715 TI1-TAS5715_14 Datasheet
3Mb / 75P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5715 TI-TAS5715_15 Datasheet
2Mb / 74P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5716 TI1-TAS5716_16 Datasheet
1Mb / 64P
[Old version datasheet]   20-W Stereo Digital-Audio Power Amplifier With EQ and DRC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com