Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5720M Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5720M
Description  Digital Input Mono Class-D Audio Amplifier
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5720M Datasheet(HTML) 9 Page - Texas Instruments

Back Button TAS5720M Datasheet HTML 5Page - Texas Instruments TAS5720M Datasheet HTML 6Page - Texas Instruments TAS5720M Datasheet HTML 7Page - Texas Instruments TAS5720M Datasheet HTML 8Page - Texas Instruments TAS5720M Datasheet HTML 9Page - Texas Instruments TAS5720M Datasheet HTML 10Page - Texas Instruments TAS5720M Datasheet HTML 11Page - Texas Instruments TAS5720M Datasheet HTML 12Page - Texas Instruments TAS5720M Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
9
TAS5720L, TAS5720M
www.ti.com
SLOS903B – MAY 2015 – REVISED FEBRUARY 2016
Product Folder Links: TAS5720L TAS5720M
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
6.6 Timing Requirements
MIN
NOM
MAX
UNIT
tACTIVE
Shutdown to Active Time
From deassertion of SDZ (both pin and I2C
register bit) until the Class-D amplifier
begins switching.
25
ms
tWAKE
Wake Time
From the deassertion of SLEEP until the
Class-D amplifier starts switching.
1
tSLEEP
Sleep Time
From the assertion of SLEEP until the
Class-D amplifier stops switching.
tvrmp + 1
tMUTE
Play to Mute Time
From the assertion of MUTE mode until the
volume has ramped to the minimum.
tvrmp
tPLAY
Un-Mute to Play Time
From the deassertion of MUTE until the
volume has returned to its current setting.
tvrmp
tSD
Active to Shutdown Time
From the assertion of SDZ (pin or I2C
register bit) until the Class-D amplifier stops
switching.
tvrmp + 1
SERIAL AUDIO PORT
tH_L
Time high and low, BCLK, LRCLK,
SDIN inputs
10
ns
tSU
tHLD
Setup and hold time. LRCLK,
SDIN input to BCLK edge.
Input tRISE ≤ 1 ns, input tFALL ≤ 1 ns
5
ns
Input tRISE ≤ 4 ns, input tFALL ≤ 4 ns
8
Input tRISE ≤ 8 ns, input tFALL ≤ 8 ns
12
tRISE
Rise-time BCLK, LRCLK, SDIN
inputs
8
ns
tFALL
Fall-time BCLK, LRCLK, SDIN
inputs
8
I2C CONTROL PORT
tBUS
Bus free time between start and
stop conditions
1.3
µs
tHOLD1(I2C)
Hold Time, SCL to SDA
80
ns
tHOLD2(I2C)
Hold Time, start condition to SCL
0.6
µs
tSTART(I2C)
I2C Startup Time after DVDD
Power On Reset
12
ms
tRISE(I2C)
Rise Time, SCL and SDA
300
ns
tFALL(I2C)
Fall Time, SCL and SDA
300
ns
tSU1(I2C)
Setup, SDA to SCL
100
ns
tSU2(I2C)
Setup, SCL to start condition
0.6
µs
tSU3(I2C)
Setup, SCL to stop condition
0.6
µs
tW(H)
Required pulse duration, SCL
"HIGH"
0.6
µs
tW(L)
Required pulse duration, SCL
"LOW"
1.3
µs
PROTECTION
tFAULTZ
Amplifier fault time-out period
DC detect error
650
ms
OTE or OCE fault
1.3
s


Similar Part No. - TAS5720M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5720A-Q1 TI1-TAS5720A-Q1 Datasheet
813Kb / 48P
[Old version datasheet]   1x20-W Digital Input Closed-Loop Automotive Class-D Audio Amplifier
TAS5720A-Q1 TI1-TAS5720A-Q1 Datasheet
1Mb / 46P
[Old version datasheet]   1x25-W Digital Input Closed-Loop Automotive Class-D Audio Amplifier
TAS5720A-Q1 TI1-TAS5720A-Q1_18 Datasheet
1Mb / 46P
[Old version datasheet]   1x25-W Digital Input Closed-Loop Automotive Class-D Audio Amplifier
TAS5720ATDAPQ1 TI1-TAS5720ATDAPQ1 Datasheet
1Mb / 46P
[Old version datasheet]   1x25-W Digital Input Closed-Loop Automotive Class-D Audio Amplifier
TAS5720ATDAPRQ1 TI1-TAS5720ATDAPRQ1 Datasheet
813Kb / 48P
[Old version datasheet]   1x20-W Digital Input Closed-Loop Automotive Class-D Audio Amplifier
More results

Similar Description - TAS5720M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5722L TI1-TAS5722L Datasheet
304Kb / 13P
[Old version datasheet]   TAS5722L Digital Input Mono Class-D Audio Amplifier
logo
Analog Devices
SSM2537ACBZ-RL AD-SSM2537ACBZ-RL Datasheet
331Kb / 16P
   PDM Digital Input, Mono 2.7 W Class-D Audio Amplifier
REV. 0
SSM2517 AD-SSM2517 Datasheet
429Kb / 16P
   PDM Digital Input, Mono 2.4 W Class-D Audio Amplifier
SSM2529 AD-SSM2529 Datasheet
811Kb / 52P
   Digital Input, Mono 2 W, Class-D Audio Power Amplifier
logo
Shenzhenshi YONGFUKANG ...
NS4168 YONGFUKANG-NS4168 Datasheet
810Kb / 15P
   Digital input, anti-aliasing, 2.5W mono Class D audio amplifier I2S
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
[Old version datasheet]   Mono Class-D Audio Amplifier
TAS2555 TI1-TAS2555 Datasheet
879Kb / 12P
[Old version datasheet]   Class-D Mono Audio Amplifier
TAS2505 TI1-TAS2505 Datasheet
1Mb / 34P
[Old version datasheet]   Digital Input Class-D Speaker Amplifier with Audio Processing and mono headphone amplifier
TAS2780 TI-TAS2780_V01 Datasheet
2Mb / 97P
[Old version datasheet]   TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
REVISED JUNE 2022
logo
NXP Semiconductors
TFA9879 NXP-TFA9879 Datasheet
1Mb / 60P
   Mono BTL class-D audio amplifier for portable applications with digital input
Rev. 02-15 October 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com