Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2080D1YZGT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2080D1YZGT
Description  Constant Output Power Class-D Audio Amplifier
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2080D1YZGT Datasheet(HTML) 4 Page - Texas Instruments

  TPA2080D1YZGT Datasheet HTML 1Page - Texas Instruments TPA2080D1YZGT Datasheet HTML 2Page - Texas Instruments TPA2080D1YZGT Datasheet HTML 3Page - Texas Instruments TPA2080D1YZGT Datasheet HTML 4Page - Texas Instruments TPA2080D1YZGT Datasheet HTML 5Page - Texas Instruments TPA2080D1YZGT Datasheet HTML 6Page - Texas Instruments TPA2080D1YZGT Datasheet HTML 7Page - Texas Instruments TPA2080D1YZGT Datasheet HTML 8Page - Texas Instruments TPA2080D1YZGT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
D1
D2
C1
C2
B1
B2
OUT–
PGND
AGND
N/C
OUT+
BGND
EN
A1
A2
SW
D3
C3
B3
VBAT
A3
PVDD
IN–
IN+
4
TPA2080D1
SLOS733B – JANUARY 2012 – REVISED APRIL 2016
www.ti.com
Product Folder Links: TPA2080D1
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
6 Pin Configuration and Functions
YZG Package
12-Pin DSBGA
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
PVDD
A1
O
Boost converter output and Class-D power stage supply voltage.
SW
A2
I
Boost converter switch input; connect boost inductor between VBAT and SW.
BGND
A3
P
Boost converter power ground.
OUT+
B1
O
Positive audio output.
N/C
B2
No Connection
VBAT
B3
P
Supply voltage.
OUT–
C1
O
Negative audio output.
EN
C2
I
Device enable; set to logic high to enable.
IN+
C3
I
Positive audio input.
PGND
D1
P
Class-D power ground.
AGND
D2
P
Analog ground.
IN–
D3
I
Negative audio input.
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
7 Specifications
7.1 Absolute Maximum Ratings
Over operating free–air temperature range, TA= 25°C (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage
VBAT
–0.3
6
V
Input voltage, VI
IN+, IN–
–0.3
VBAT + 0.3
V
Minimum load resistance
3.2
Output continuous total power dissipation
See Thermal Information
Operating free-air temperature, TA
–40
85
°C
Operating junction temperature, TJ
–40
150
°C
Storage temperature, Tstg
–65
150
°C


Similar Part No. - TPA2080D1YZGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2080D1YZGT TI1-TPA2080D1YZGT Datasheet
1Mb / 20P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
More results

Similar Description - TPA2080D1YZGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2013D1 TI1-TPA2013D1_16 Datasheet
1Mb / 40P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
TPA2025D1 TI1-TPA2025D1_14 Datasheet
1Mb / 29P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
TPA2015D1 TI1-TPA2015D1 Datasheet
1Mb / 33P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
logo
Anpec Electronics Corop...
APA2018 ANPEC-APA2018 Datasheet
276Kb / 19P
   3.6W Constant Output Power Class-D Audio Amplifier
logo
Texas Instruments
TPA2080D1 TI1-TPA2080D1_14 Datasheet
1Mb / 22P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1 Datasheet
1Mb / 20P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI-TPA2080D1_15 Datasheet
1Mb / 21P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2025D1 TI1-TPA2025D1 Datasheet
1Mb / 23P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
logo
ON Semiconductor
NCP2830 ONSEMI-NCP2830 Datasheet
314Kb / 15P
   1W Constant Filterless Class-D Audio Amplifier
August, 2009 ??Rev. 0
logo
Texas Instruments
TPA2013D1 TI-TPA2013D1_15 Datasheet
1Mb / 31P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com