Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA6139A2PW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPA6139A2PW
Description  25mW Headphone Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6139A2PW Datasheet(HTML) 1 Page - Texas Instruments

  TPA6139A2PW Datasheet HTML 1Page - Texas Instruments TPA6139A2PW Datasheet HTML 2Page - Texas Instruments TPA6139A2PW Datasheet HTML 3Page - Texas Instruments TPA6139A2PW Datasheet HTML 4Page - Texas Instruments TPA6139A2PW Datasheet HTML 5Page - Texas Instruments TPA6139A2PW Datasheet HTML 6Page - Texas Instruments TPA6139A2PW Datasheet HTML 7Page - Texas Instruments TPA6139A2PW Datasheet HTML 8Page - Texas Instruments TPA6139A2PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
SOC
TPA 6139A2
RIGHT
DAC
DAC
LEFT
Headphone
Programmable
Gain
-1x to -10x
+
+
Copyright © 2016 Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.
TPA6139A2
SLOS700C – JANUARY 2011 – REVISED APRIL 2016
TPA6139A2 DirectPath™ 25-mW Headphone Amplifier With Programmable-Fixed Gain
1
1 Features
1
DirectPath™
Eliminates Pops and Clicks
Eliminates Output DC-Blocking Capacitors
3-V to 3.6-V Supply Voltage
Low Noise and THD
SNR > 105 dB at –1x Gain
Typical Vn < 15
μVms 20 to 20 kHz at –1x
Gain
THD+N < 0.003% at 10-k
Ω Load and –1x Gain
25 mW into 32-
Ω Load
2-Vrms Output Voltage into 600-
Ω Load
Single-Ended Input and Output
Programmable Gain Select Reduces Component
Count
13x Gain Values
Active Mute With More Than 80-dB Attenuation
Short-Circuit and Thermal Protection
±8-kV HBM ESD Protected Outputs
2 Applications
PDP and LCD TVs
Blu-ray Discs™, DVD Players
Mini and Micro Combo Systems
Soundcards
Functional Block Diagram
3 Description
The
TPA6139A2
is
a
25-mW,
pop-free
stereo
headphone driver designed to reduce component
count, board space and cost. It is ideal for single-
supply electronics where size and cost are critical
design parameters.
The TPA6139A2 device does not require a power
supply greater than 3.3 V to generate its 25 mW, nor
does it require a split rail power supply.
The TPA6139A2 device was designed using TI's
patented DirectPath™ technology, which integrates a
charge pump to generate a negative supply rail that
provides a clean, pop-free ground biased output. The
TPA6139A2 is capable of driving 25 mW into a 32-
Ω
load and 2 Vrms into a 600-
Ω load. DirectPath also
allows the removal of the costly output DC-blocking
capacitors.
The device has fixed gain single-ended inputs with a
gain select pin. Using a single resistor on this pin, the
designer can choose from 13 internal programmable
gain settings to match the line driver with the CODEC
output level. It also reduces the component count and
board space.
Headphone outputs have ±8-kV HBM ESD protection
enabling
a
simple
ESD
protection
circuit.
The
TPA6139A2 has built-in active mute control with more
that 80-dB attenuation for pop-free mute ON and OFF
control.
The TPA6139A2 device is available in a 14-pin
TSSOP and a 16-pin QFN. For a pin-compatible, 2-
Vrms line driver see DRV612.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPA6139A2
TSSOP (14)
5.00 mm × 4.40 mm
VQFN (16)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.


Similar Part No. - TPA6139A2PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6139A2PW TI1-TPA6139A2PW Datasheet
825Kb / 22P
[Old version datasheet]   DirectPath??25-mW Headphone Amplifier With Programmable-Fixed Gain
TPA6139A2PWR TI1-TPA6139A2PWR Datasheet
825Kb / 22P
[Old version datasheet]   DirectPath??25-mW Headphone Amplifier With Programmable-Fixed Gain
More results

Similar Description - TPA6139A2PW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM8901 DIODES-PAM8901 Datasheet
612Kb / 13P
   25mW TRUE CAP FREE STEREO HEADPHONE AMPLIFIER
logo
Anpec Electronics Corop...
APA2177 ANPEC-APA2177 Datasheet
417Kb / 20P
   25mW Stereo Cap-Free Headphone Driver
APA2177 ANPEC-APA2177_17 Datasheet
355Kb / 22P
   25mW Stereo Cap-Free Headphone Driver
logo
ON Semiconductor
NCP2817 ONSEMI-NCP2817 Datasheet
101Kb / 10P
   Headphone Amplifier
November, 2015 ??Rev. 0
logo
SG Micro Corp
SGM4809 SGMICRO-SGM4809 Datasheet
347Kb / 10P
   Headphone Amplifier
logo
Sanyo Semicon Device
LA4809M SANYO-LA4809M Datasheet
255Kb / 15P
   Stereo Headphone Amplifier
logo
ON Semiconductor
NCP2815 ONSEMI-NCP2815 Datasheet
232Kb / 11P
   LongPlay Headphone Amplifier
January, 2012 ??Rev. 1
logo
Ceramate Technical
CO8301 CERAMATE-CO8301 Datasheet
122Kb / 9P
   Stereo Headphone Amplifier
logo
Texas Instruments
TPA6130A2 TI1-TPA6130A2 Datasheet
1Mb / 39P
[Old version datasheet]   Stereo Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9729 MAXIM-MAX9729_V01 Datasheet
2Mb / 27P
   Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com