Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9B400A Datasheet(PDF) 4 Page - SPANSION

Part # MB9B400A
Description  This document states the current technical specifications regarding
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B400A Datasheet(HTML) 4 Page - SPANSION

  MB9B400A Datasheet HTML 1Page - SPANSION MB9B400A Datasheet HTML 2Page - SPANSION MB9B400A Datasheet HTML 3Page - SPANSION MB9B400A Datasheet HTML 4Page - SPANSION MB9B400A Datasheet HTML 5Page - SPANSION MB9B400A Datasheet HTML 6Page - SPANSION MB9B400A Datasheet HTML 7Page - SPANSION MB9B400A Datasheet HTML 8Page - SPANSION MB9B400A Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 109 page
background image
MB9B400A Series
32-bit ARM
® Cortex®-M3 based Microcontroller
MB9BF404NA/RA, MB9BF405NA/RA, MB9BF406NA/RA
Data Sheet (Full Production)
Publication Number MB9B400A-DS706-00023
Revision 2.0
Issue Date December 15, 2014
CONFIDENTIAL
This document states the current technical specifications regarding the Spansion product(s) described herein. Spansion Inc. deems the products to have been in sufficient
production volume such that subsequent versions of this document are not expected to change. However, typographical or specification corrections, or modifications to the
valid combinations offered may occur.
 DESCRIPTION
The MB9B400A Series are a highly integrated 32-bit microcontroller that target for high-performance and
cost-sensitive embedded control applications.
The MB9B400A Series are based on the ARM Cortex-M3 Processor and on-chip Flash memory and SRAM,
and peripheral functions, including Motor Control Timers, ADCs and Communication Interfaces (CAN,
UART,CSIO, I
2C, LIN).
The products which are described in this data sheet are placed into TYPE0 product categories in "FM3
Family PERIPHERAL MANUAL".
Note: ARM and Cortex are the trademarks of ARM Limited in the EU and other countries.


Similar Part No. - MB9B400A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB9B400A CYPRESS-MB9B400A Datasheet
1Mb / 109P
   32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
More results

Similar Description - MB9B400A

ManufacturerPart #DatasheetDescription
logo
SPANSION
MB9A310A SPANSION-MB9A310A Datasheet
3Mb / 125P
   This document states the current technical specifications regarding
MB9B110T SPANSION-MB9B110T Datasheet
3Mb / 129P
   This document states the current technical specifications regarding
MB9B500B SPANSION-MB9B500B Datasheet
3Mb / 113P
   This document states the current technical specifications regarding
MB9B520TA SPANSION-MB9B520TA Datasheet
3Mb / 141P
   This document states the current technical specifications regarding
MB9B610T SPANSION-MB9B610T Datasheet
3Mb / 141P
   This document states the current technical specifications regarding
MB91F587L SPANSION-MB91F587L Datasheet
1Mb / 177P
   This document states the current technical specifications regarding
MB9A110K SPANSION-MB9A110K Datasheet
2Mb / 89P
   This document states the current technical specifications regarding
MB9A150RB SPANSION-MB9A150RB Datasheet
3Mb / 133P
   This document states the current technical specifications regarding
MB9B100A SPANSION-MB9B100A Datasheet
2Mb / 109P
   This document states the current technical specifications regarding
MB9B120TA SPANSION-MB9B120TA Datasheet
3Mb / 137P
   This document states the current technical specifications regarding
MB9B410R SPANSION-MB9B410R Datasheet
2Mb / 121P
   This document states the current technical specifications regarding
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com