Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9BF404NA Datasheet(PDF) 9 Page - SPANSION

Part # MB9BF404NA
Description  This document states the current technical specifications regarding
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9BF404NA Datasheet(HTML) 9 Page - SPANSION

Back Button MB9BF404NA Datasheet HTML 5Page - SPANSION MB9BF404NA Datasheet HTML 6Page - SPANSION MB9BF404NA Datasheet HTML 7Page - SPANSION MB9BF404NA Datasheet HTML 8Page - SPANSION MB9BF404NA Datasheet HTML 9Page - SPANSION MB9BF404NA Datasheet HTML 10Page - SPANSION MB9BF404NA Datasheet HTML 11Page - SPANSION MB9BF404NA Datasheet HTML 12Page - SPANSION MB9BF404NA Datasheet HTML 13Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 109 page
background image
D a t a S h e e t
6
MB9B400A-DS706-00023-2v0-E, December 15, 2014
CONFIDENTIAL
 Clock and Reset
[Clocks]
Five clock sources (2 ext. osc, 2 CR osc, and Main PLL) that are dynamically selectable.
・Main Clock
: 4MHz to 48MHz
・Sub Clock
: 32.768kHz
・Built-in high-speed CR Clock
: 4MHz
・Built-in low-speed CR Clock
: 100kHz
・Main PLL Clock
[Resets]
・Reset requests from INITX pins
・Power-on reset
・Software reset
・Watchdog timers reset
・Low-voltage detector reset
・Clock supervisor reset
 Clock Super Visor (CSV)
Clocks generated by CR oscillators are used to supervise abnormality of the external clocks.
・External OSC clock failure (clock stop) is detected, reset is asserted.
・External OSC frequency anomaly is detected, interrupt or reset is asserted.
 Low Voltage Detector (LVD)
This series include 2-stage monitoring of voltage on the VCC. When the voltage falls below the voltage has
been set, Low Voltage Detector generates an interrupt or reset.
・LVD1: error reporting via interrupt
・LVD2: auto-reset operation
 Low-Power Consumption Mode
Three low-power consumption modes supported.
・SLEEP
・TIMER
・STOP
 Debug
・Serial Wire JTAG Debug Port (SWJ-DP)
・Embedded Trace Macrocells (ETM) provide comprehensive debug and trace facilities.
 Power Supply
・VCC
= 2.7V to 5.5V: Correspond to the wide range voltage.


Similar Part No. - MB9BF404NA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB9BF404NABGL-GK6E1 CYPRESS-MB9BF404NABGL-GK6E1 Datasheet
1Mb / 109P
   32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
MB9BF404NAPMC-G-UNE2 CYPRESS-MB9BF404NAPMC-G-UNE2 Datasheet
1Mb / 109P
   32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
More results

Similar Description - MB9BF404NA

ManufacturerPart #DatasheetDescription
logo
SPANSION
MB9A310A SPANSION-MB9A310A Datasheet
3Mb / 125P
   This document states the current technical specifications regarding
MB9B110T SPANSION-MB9B110T Datasheet
3Mb / 129P
   This document states the current technical specifications regarding
MB9B500B SPANSION-MB9B500B Datasheet
3Mb / 113P
   This document states the current technical specifications regarding
MB9B520TA SPANSION-MB9B520TA Datasheet
3Mb / 141P
   This document states the current technical specifications regarding
MB9B610T SPANSION-MB9B610T Datasheet
3Mb / 141P
   This document states the current technical specifications regarding
MB91F587L SPANSION-MB91F587L Datasheet
1Mb / 177P
   This document states the current technical specifications regarding
MB9A110K SPANSION-MB9A110K Datasheet
2Mb / 89P
   This document states the current technical specifications regarding
MB9A150RB SPANSION-MB9A150RB Datasheet
3Mb / 133P
   This document states the current technical specifications regarding
MB9B100A SPANSION-MB9B100A Datasheet
2Mb / 109P
   This document states the current technical specifications regarding
MB9B120TA SPANSION-MB9B120TA Datasheet
3Mb / 137P
   This document states the current technical specifications regarding
MB9B410R SPANSION-MB9B410R Datasheet
2Mb / 121P
   This document states the current technical specifications regarding
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com