Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9BF405RA Datasheet(PDF) 7 Page - SPANSION

Part # MB9BF405RA
Description  This document states the current technical specifications regarding
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9BF405RA Datasheet(HTML) 7 Page - SPANSION

Back Button MB9BF405RA Datasheet HTML 3Page - SPANSION MB9BF405RA Datasheet HTML 4Page - SPANSION MB9BF405RA Datasheet HTML 5Page - SPANSION MB9BF405RA Datasheet HTML 6Page - SPANSION MB9BF405RA Datasheet HTML 7Page - SPANSION MB9BF405RA Datasheet HTML 8Page - SPANSION MB9BF405RA Datasheet HTML 9Page - SPANSION MB9BF405RA Datasheet HTML 10Page - SPANSION MB9BF405RA Datasheet HTML 11Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 109 page
background image
D a t a S h e e t
4
MB9B400A-DS706-00023-2v0-E, December 15, 2014
CONFIDENTIAL
 A/D Converter (Max. 16channels)
[12-bit A/D Converter]
・Successive Approximation Register type
・Built-in 3unit
・Conversion time: 1.0μs@5V
・Priority conversion available (priority at 2levels)
・Scanning conversion mode
・Built-in FIFO for conversion data storage (for SCAN conversion: 16steps, for Priority conversion:
4steps)
 Base Timer (Max. 8channels)
Operation mode is selectable from the followings for each channel.
・16-bit PWM timer
・16-bit PPG timer
・16/32-bit reload timer
・16/32-bit PWC timer
 Multi-function Timer (Max. 2units)
The Multi-function timer is composed of the following blocks.
・16-bit free-run timer × 3ch/unit
・Input capture × 4ch/unit
・Output compare × 6ch/unit
・A/D activation compare × 3ch/unit
・Waveform generator × 3ch/unit
・16-bit PPG timer × 3ch/unit
The following function can be used to achieve the motor control.
・PWM signal output function
・DC chopper waveform output function
・Dead time function
・Input capture function
・A/D convertor activate function
・DTIF (Motor emergency stop) interrupt function
 Quadrature Position/Revolution Counter (QPRC) (Max. 2units)
The Quadrature Position/Revolution Counter (QPRC) is used to measure the position of the position
encoder. Moreover, it is possible to use up/down counter.
・The detection edge of the three external event input pins AIN, BIN and ZIN is configurable.
・16-bit position counter
・16-bit revolution counter
・Two 16-bit compare registers


Similar Part No. - MB9BF405RA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB9BF405RAPMC-G-JNE2 CYPRESS-MB9BF405RAPMC-G-JNE2 Datasheet
1Mb / 109P
   32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
More results

Similar Description - MB9BF405RA

ManufacturerPart #DatasheetDescription
logo
SPANSION
MB9A310A SPANSION-MB9A310A Datasheet
3Mb / 125P
   This document states the current technical specifications regarding
MB9B110T SPANSION-MB9B110T Datasheet
3Mb / 129P
   This document states the current technical specifications regarding
MB9B500B SPANSION-MB9B500B Datasheet
3Mb / 113P
   This document states the current technical specifications regarding
MB9B520TA SPANSION-MB9B520TA Datasheet
3Mb / 141P
   This document states the current technical specifications regarding
MB9B610T SPANSION-MB9B610T Datasheet
3Mb / 141P
   This document states the current technical specifications regarding
MB91F587L SPANSION-MB91F587L Datasheet
1Mb / 177P
   This document states the current technical specifications regarding
MB9A110K SPANSION-MB9A110K Datasheet
2Mb / 89P
   This document states the current technical specifications regarding
MB9A150RB SPANSION-MB9A150RB Datasheet
3Mb / 133P
   This document states the current technical specifications regarding
MB9B100A SPANSION-MB9B100A Datasheet
2Mb / 109P
   This document states the current technical specifications regarding
MB9B120TA SPANSION-MB9B120TA Datasheet
3Mb / 137P
   This document states the current technical specifications regarding
MB9B410R SPANSION-MB9B410R Datasheet
2Mb / 121P
   This document states the current technical specifications regarding
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com