Electronic Components Datasheet Search |
|
MB9B560R Datasheet(PDF) 8 Page - SPANSION |
|
MB9B560R Datasheet(HTML) 8 Page - SPANSION |
8 / 181 page D a t a S h e e t February 2, 2015, MB9B560R_DS709-00001-2v0-E 7 CONFIDENTIAL Multi-function Serial Interface (Max eight channels) 64 bytes with FIFO (the FIFO step numbers are variable depending on the settings of the communication mode or bit length.) Operation mode is selectable from the followings for each channel. − UART − CSIO − LIN − I2C UART − Full-duplex double buffer − Selection with or without parity supported − Built-in dedicated baud rate generator − External clock available as a serial clock − Hardware Flow control : Automatically control the transmission by CTS/RTS (only ch.4) − Various error detect functions available (parity errors, framing errors, and overrun errors) CSIO − Full-duplex double buffer − Built-in dedicated baud rate generator − Overrun error detect function available − Serial chip select function (ch.6 and ch.7 only) − Supports high-speed SPI (ch.4 and ch.6 only) − Data length 5 to 16-bit LIN − LIN protocol Rev.2.1 supported − Full-duplex double buffer − Master/Slave mode supported − LIN break field generation (can change to 13 to 16-bit length) − LIN break delimiter generation (can change to 1 to 4-bit length) − Various error detect functions available (parity errors, framing errors, and overrun errors) I2C − Standard mode (Max 100 kbps) / High-speed mode (Max 400 kbps) supported − Fast mode Plus (Fm+) (Max 1000 kbps, only for ch.3=ch.A and ch.7=ch.B) supported DMA Controller (Eight channels) DMA Controller has an independent bus for CPU, so CPU and DMA Controller can process simultaneously. 8 independently configured and operated channels Transfer can be started by software or request from the built-in peripherals Transfer address area: 32-bit (4 Gbytes) Transfer mode: Block transfer/Burst transfer/Demand transfer Transfer data type: bytes/half-word/word Transfer block count: 1 to 16 Number of transfers: 1 to 65536 |
Similar Part No. - MB9B560R |
|
Similar Description - MB9B560R |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |