Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9B560R Datasheet(PDF) 11 Page - SPANSION

Part # MB9B560R
Description  This document states the current technical specifications regarding
Download  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B560R Datasheet(HTML) 11 Page - SPANSION

Back Button MB9B560R Datasheet HTML 7Page - SPANSION MB9B560R Datasheet HTML 8Page - SPANSION MB9B560R Datasheet HTML 9Page - SPANSION MB9B560R Datasheet HTML 10Page - SPANSION MB9B560R Datasheet HTML 11Page - SPANSION MB9B560R Datasheet HTML 12Page - SPANSION MB9B560R Datasheet HTML 13Page - SPANSION MB9B560R Datasheet HTML 14Page - SPANSION MB9B560R Datasheet HTML 15Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 181 page
background image
D a t a S h e e t
10
MB9B560R_DS709-00001-2v0-E, February 2, 2015
CONFIDENTIAL
External Interrupt Controller Unit
External interrupt input pin: Max 16 pins
Include one non-maskable interrupt (NMI)
Watchdog Timer (two channels)
A watchdog timer can generate interrupts or a reset when a time-out value is reached.
This series consists of two different watchdogs, a "Hardware" watchdog and a "Software" watchdog.
"Hardware" watchdog timer is clocked by low-speed internal CR oscillator. Therefore, "Hardware" watchdog
is active in any power saving mode except STOP.
CRC (Cyclic Redundancy Check) Accelerator
The CRC accelerator helps a verify data transmission or storage integrity.
CCITT CRC16 and IEEE-802.3 CRC32 are supported.
CCITT CRC16 Generator Polynomial: 0x1021
IEEE-802.3 CRC32 Generator Polynomial: 0x04C11DB7
SD Card Interface
It is possible to use the SD card that conforms to the following standards.
Part 1 Physical Layer Specification version 3.01
Part E1 SDIO Specification version 3.00
Part A2 SD Host Controller Standard Specification version 3.00
1-bit or 4-bit data bus
Clock and Reset
[Clocks]
Five clock sources (2 external oscillators, 2 internal CR oscillator, and Main PLL) that are dynamically
selectable.
Main clock:
4 MHz to 48 MHz
Sub Clock :
32.768 kHz
High-speed internal CR Clock: 4 MHz
Low-speed internal CR Clock:
100 kHz
Main PLL Clock
[Resets]
Reset requests from INITX pin
Power on reset
Software reset
Watchdog timers reset
Low voltage detector reset
Clock supervisor reset


Similar Part No. - MB9B560R

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB9B560R CYPRESS-MB9B560R Datasheet
3Mb / 169P
   32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
More results

Similar Description - MB9B560R

ManufacturerPart #DatasheetDescription
logo
SPANSION
MB9A310A SPANSION-MB9A310A Datasheet
3Mb / 125P
   This document states the current technical specifications regarding
MB9B110T SPANSION-MB9B110T Datasheet
3Mb / 129P
   This document states the current technical specifications regarding
MB9B500B SPANSION-MB9B500B Datasheet
3Mb / 113P
   This document states the current technical specifications regarding
MB9B520TA SPANSION-MB9B520TA Datasheet
3Mb / 141P
   This document states the current technical specifications regarding
MB9B610T SPANSION-MB9B610T Datasheet
3Mb / 141P
   This document states the current technical specifications regarding
MB91F587L SPANSION-MB91F587L Datasheet
1Mb / 177P
   This document states the current technical specifications regarding
MB9A110K SPANSION-MB9A110K Datasheet
2Mb / 89P
   This document states the current technical specifications regarding
MB9A150RB SPANSION-MB9A150RB Datasheet
3Mb / 133P
   This document states the current technical specifications regarding
MB9B100A SPANSION-MB9B100A Datasheet
2Mb / 109P
   This document states the current technical specifications regarding
MB9B120TA SPANSION-MB9B120TA Datasheet
3Mb / 137P
   This document states the current technical specifications regarding
MB9B410R SPANSION-MB9B410R Datasheet
2Mb / 121P
   This document states the current technical specifications regarding
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com