Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9BF521L Datasheet(PDF) 6 Page - SPANSION

Part # MB9BF521L
Description  This document states the current technical specifications regarding
Download  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9BF521L Datasheet(HTML) 6 Page - SPANSION

Back Button MB9BF521L Datasheet HTML 2Page - SPANSION MB9BF521L Datasheet HTML 3Page - SPANSION MB9BF521L Datasheet HTML 4Page - SPANSION MB9BF521L Datasheet HTML 5Page - SPANSION MB9BF521L Datasheet HTML 6Page - SPANSION MB9BF521L Datasheet HTML 7Page - SPANSION MB9BF521L Datasheet HTML 8Page - SPANSION MB9BF521L Datasheet HTML 9Page - SPANSION MB9BF521L Datasheet HTML 10Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 113 page
background image
D a t a S h e e t
March 18, 2015, MB9B520M_DS706-00048-3v0-E
3
CONFIDENTIAL
 Multi-function Serial Interface (Max eight channels)
 4 channels with 16 steps×9-bit FIFO (ch.0/1/3/4), 4 channels without FIFO (ch.2/5/6/7)
 Operation mode is selectable from the followings for each channel.
 UART
 CSIO
 LIN
 I
2C
[UART]
 Full duplex double buffer
 Selection with or without parity supported
 Built-in dedicated baud rate generator
 External clock available as a serial clock
 Hardware Flow control: Automatically control the transmission/reception by CTS/RTS (only ch.4)
 Various error detection functions available (parity errors, framing errors, and overrun errors)
[CSIO]
 Full duplex double buffer
 Built-in dedicated baud rate generator
 Overrun error detection function available
[LIN]
 LIN protocol Rev.2.1 supported
 Full duplex double buffer
 Master/Slave mode supported
 LIN break field generation (can be changed to 13 to 16-bit length)
 LIN break delimiter generation (can be changed to 1 to 4-bit length)
 Various error detection functions available (parity errors, framing errors, and overrun errors)
[I
2C]
Standard mode (Max 100 kbps) / Fast mode (Max 400 kbps) supported
 DMA Controller (Eight channels)
The DMA Controller has an independent bus from the CPU, so CPU and DMA Controller can process
simultaneously.
 8 independently configured and operated channels
 Transfer can be started by software or request from the built-in peripherals
 Transfer address area: 32-bit (4 Gbytes)
 Transfer mode: Block transfer/Burst transfer/Demand transfer
 Transfer data type: byte/half-word/word
 Transfer block count: 1 to 16
 Number of transfers: 1 to 65536
 A/D Converter (Max 26 channels)
[12-bit A/D Converter]
 Successive Approximation type
 Built-in 2units
 Conversion time: 0.8 μs @ 5 V
 Priority conversion available (priority at 2 levels)
 Scanning conversion mode
 Built-in FIFO for conversion data storage (for SCAN conversion: 16 steps, for Priority conversion:
4 steps)
 D/A Converter (Max two channels)
 R-2R type
 10-bit resolution


Similar Part No. - MB9BF521L

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB9BF521LPMC-G-JNE2 CYPRESS-MB9BF521LPMC-G-JNE2 Datasheet
2Mb / 108P
   32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
MB9BF521LPMC1-G-JNE2 CYPRESS-MB9BF521LPMC1-G-JNE2 Datasheet
2Mb / 108P
   32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
MB9BF521LQN-G-AVE2 CYPRESS-MB9BF521LQN-G-AVE2 Datasheet
2Mb / 108P
   32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
More results

Similar Description - MB9BF521L

ManufacturerPart #DatasheetDescription
logo
SPANSION
MB9A310A SPANSION-MB9A310A Datasheet
3Mb / 125P
   This document states the current technical specifications regarding
MB9B110T SPANSION-MB9B110T Datasheet
3Mb / 129P
   This document states the current technical specifications regarding
MB9B500B SPANSION-MB9B500B Datasheet
3Mb / 113P
   This document states the current technical specifications regarding
MB9B520TA SPANSION-MB9B520TA Datasheet
3Mb / 141P
   This document states the current technical specifications regarding
MB9B610T SPANSION-MB9B610T Datasheet
3Mb / 141P
   This document states the current technical specifications regarding
MB91F587L SPANSION-MB91F587L Datasheet
1Mb / 177P
   This document states the current technical specifications regarding
MB9A110K SPANSION-MB9A110K Datasheet
2Mb / 89P
   This document states the current technical specifications regarding
MB9A150RB SPANSION-MB9A150RB Datasheet
3Mb / 133P
   This document states the current technical specifications regarding
MB9B100A SPANSION-MB9B100A Datasheet
2Mb / 109P
   This document states the current technical specifications regarding
MB9B120TA SPANSION-MB9B120TA Datasheet
3Mb / 137P
   This document states the current technical specifications regarding
MB9B410R SPANSION-MB9B410R Datasheet
2Mb / 121P
   This document states the current technical specifications regarding
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com