Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA255-S Datasheet(PDF) 2 Page - LEM

Part # LA255-S
Description  Current Transducer LA 255-S
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LA255-S Datasheet(HTML) 2 Page - LEM

  LA255-S Datasheet HTML 1Page - LEM LA255-S Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Secondary terminals
Terminal +
: supply voltage + 12 .. 18 V
Terminal M : measure
Terminal -
: supply voltage - 12 .. 18 V
Connection
Remarks
I
S is positive when IP flows in the direction of the arrow.
Temperature of the primary conductor should not exceed
100°C.
Dynamic performances (di/dt and response time) are best
with a single bar completely filling the primary hole.
This is a standard model. For different versions (supply
voltages, turns ratios, unidirectional measurements...),
please contact us.
Mechanical characteristics
General tolerance
± 0.5 mm
Fastening
2 holes
∅ 5.5 mm
Primary through-hole
23 x 18 mm
Connection of secondary
Faston 6.3 x 0.8 mm
Dimensions LA 255-S (in mm. 1 mm = 0.0394 inch)
Front view
Top view
Left view
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.


Similar Part No. - LA255-S

ManufacturerPart #DatasheetDescription
logo
LEM
LA25-NP LEM-LA25-NP Datasheet
78Kb / 2P
   Current Transducer LA 25-NP
LA25-NP LEM-LA25-NP Datasheet
116Kb / 2P
   Current Transducer
LA25-NP LEM-LA25-NP Datasheet
251Kb / 2P
   Current Transducer
LA25-NP LEM-LA25-NP Datasheet
251Kb / 2P
   Current Transducer
LA25-NP LEM-LA25-NP Datasheet
130Kb / 3P
   Current Transducer
More results

Similar Description - LA255-S

ManufacturerPart #DatasheetDescription
logo
LEM
LA305-S LEM-LA305-S Datasheet
65Kb / 2P
   Current Transducer LA 305-S
LA205-S LEM-LA205-S Datasheet
73Kb / 2P
   Current Transducer LA 205-S
LA-205-S LEM-LA-205-S Datasheet
372Kb / 3P
   Current Transducer LA 205-S
LA100-S LEM-LA100-S Datasheet
27Kb / 2P
   Current Transducer LA 100-S/SP1
LA50-S LEM-LA50-S Datasheet
128Kb / 2P
   Current Transducer LA 50-S/SP1
LA-100-P LEM-LA-100-P Datasheet
639Kb / 3P
   Current Transducer LA 100-P
LA100P LEM-LA100P Datasheet
69Kb / 2P
   CURRENT TRANSDUCER LA 100-P
LA55-P LEM-LA55-P Datasheet
68Kb / 2P
   Current Transducer LA 55-P
LA25-NP LEM-LA25-NP Datasheet
78Kb / 2P
   Current Transducer LA 25-NP
LA35-NP LEM-LA35-NP Datasheet
78Kb / 2P
   Current Transducer LA 35-NP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com