Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA305-S Datasheet(PDF) 1 Page - LEM

Part # LA305-S
Description  Current Transducer LA 305-S
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LA305-S Datasheet(HTML) 1 Page - LEM

  LA305-S Datasheet HTML 1Page - LEM LA305-S Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Current Transducer LA 305-S
For the electronic measurement of currents : DC, AC, pulsed...,
with a galvanic isolation between the primary circuit (high power)
and the secondary circuit (electronic circuit).
Electrical data
I
PN
Primary nominal r.m.s. current
300
A
I
P
Primary current, measuring range
0 .. ± 500
A
R
M
Measuring resistance @
T
A = 70°C
T
A = 85°C
R
M min RM max
R
M min RM max
with ± 12 V
@ ± 300 A
max
0
52
0
50
@ ± 500 A
max
0
17
0
15
with ± 15 V
@ ± 300 A
max
0
75
5
73
@ ± 500 A
max
0
31
5
29
I
SN
Secondary nominal r.m.s. current
120
mA
K
N
Conversion ratio
1 : 2500
V
C
Supply voltage (± 5 %)
± 12 .. 15
V
I
C
Current consumption
20 (@ ±15 V) + I
S mA
V
b
R.m.s. rated voltage 1), safe separation
1750
V
basic isolation
3500
V
Accuracy - Dynamic performance data
X
G
Overall accuracy @ I
PN , TA = 25°C
± 0.8
%
ε
L
Linearity
< 0.1
%
Typ
Max
I
O
Offset current @ I
P = 0, TA = 25°C
± 0.20
mA
I
OM
Residual current 2) @ I
P = 0, after an overload of 3 x IPN
± 0.40
mA
I
OT
Thermal drift of I
O
- 10°C .. + 85°C
± 0.12 ± 0.30
mA
t
ra
Reaction time @ 10 % of I
P max
< 500
n s
t
r
Response time 3) @ 90 % of I
P max
< 1
µs
di/dt
di/dt accurately followed
> 100
A/µs
f
Frequency bandwidth (- 3 dB)
DC .. 100
kHz
General data
T
A
Ambient operating temperature
- 10 .. + 85
°C
T
S
Ambient storage temperature
- 40 .. + 90
°C
R
S
Secondary coil resistance @
T
A = 70°C
35
T
A = 85°C
37
m
Mass
200
g
Standards 4)
EN 50178
Notes : 1) Pollution class 2. With a non insulated primary bar which fills the
through-hole
2) The result of the coercive field of the magnetic circuit
3) With a di/dt of 100 A/µs
4) A list of corresponding tests is available
Features
Closed loop (compensated) current
transducer using the Hall effect
Insulated plastic case recognized
according to UL 94-V0
Copyright protected.
Advantages
Excellent accuracy
Very good linearity
Low temperature drift
Optimized response time
Wide frequency bandwidth
No insertion losses
High immunity to external
interference
Current overload capability.
Applications
AC variable speed drives and servo
motor drives
Static converters for DC motor drives
Battery supplied applications
Uninterruptible Power Supplies
(UPS)
Switched Mode Power Supplies
(SMPS)
Power supplies for welding
applications.
I
PN
=
300 A
980707/6
LEM Components
ww w .lem.com


Similar Part No. - LA305-S

ManufacturerPart #DatasheetDescription
logo
LEM
LA305-S LEM-LA305-S_11 Datasheet
380Kb / 3P
   Current Transducer
More results

Similar Description - LA305-S

ManufacturerPart #DatasheetDescription
logo
LEM
LA205-S LEM-LA205-S Datasheet
73Kb / 2P
   Current Transducer LA 205-S
LA255-S LEM-LA255-S Datasheet
66Kb / 2P
   Current Transducer LA 255-S
LA-205-S LEM-LA-205-S Datasheet
372Kb / 3P
   Current Transducer LA 205-S
LA100-S LEM-LA100-S Datasheet
27Kb / 2P
   Current Transducer LA 100-S/SP1
LA50-S LEM-LA50-S Datasheet
128Kb / 2P
   Current Transducer LA 50-S/SP1
LF305-S LEM-LF305-S Datasheet
130Kb / 2P
   Current Transducer LF 305-S
LA-100-P LEM-LA-100-P Datasheet
639Kb / 3P
   Current Transducer LA 100-P
LA100P LEM-LA100P Datasheet
69Kb / 2P
   CURRENT TRANSDUCER LA 100-P
LA55-P LEM-LA55-P Datasheet
68Kb / 2P
   Current Transducer LA 55-P
LA25-NP LEM-LA25-NP Datasheet
78Kb / 2P
   Current Transducer LA 25-NP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com