Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX55C10 Datasheet(PDF) 2 Page - Suntan Capacitors

Part # BZX55C10
Description  The Zener voltages are graded according to the
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

BZX55C10 Datasheet(HTML) 2 Page - Suntan Capacitors

  BZX55C10 Datasheet HTML 1Page - Suntan Capacitors BZX55C10 Datasheet HTML 2Page - Suntan Capacitors BZX55C10 Datasheet HTML 3Page - Suntan Capacitors BZX55C10 Datasheet HTML 4Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Suntan
Silicon Planar Zener Diodes BZX55C
TYPE
Zener Voltage Range 1)
Dynamic Resistance
Reverse Leakage Current
Temp. Coefficient
of Zener Voltage
Vznom
VZT
at IZT
ZZT
ZZk
at
IZK
Ta = 25℃
Ta = 125℃
IR at
VR
(V)
(V)
(mA)
Max. (Ω)
Max. (Ω)
(mA)
Max. (µA)
Max. (µA)
(V)
TKvz (%/K)
BZX55C0V8 2)
0.8
0.73...0.83
5
8
50
1
-
-
-
-0.26...-0.23
BZX55C2V0
2
1.8…2.15
5
85
600
1
100
200
1
-0.09…-0.06
BZX55C2V2
2.2
2.08…2.33
5
85
600
1
75
160
1
-0.09…-0.06
BZX55C2V4
2.4
2.28…2.56
5
85
600
1
50
100
1
-0.09…-0.06
BZX55C2V7
2.7
2.5…2.9
5
85
600
1
10
50
1
-0.09…-0.06
BZX55C3V0
3
2.8…3.2
5
85
600
1
4
40
1
-0.08…-0.05
BZX55C3V3
3.3
3.1…3.5
5
85
600
1
2
40
1
-0.08…-0.05
BZX55C3V6
3.6
3.4…3.8
5
85
600
1
2
40
1
-0.08…-0.05
BZX55C3V9
3.9
3.7…4.1
5
85
600
1
2
40
1
-0.08…-0.05
BZX55C4V3
4.3
4…4.6
5
75
600
1
1
20
1
-0.06…-0.03
BZX55C4V7
4.7
4.4…5
5
60
600
1
0.5
10
1
-0.05…+0.02
BZX55C5V1
5.1
4.8…5.4
5
35
550
1
0.1
2
1
-0.02…+0.02
BZX55C5V6
5.6
5.2…6
5
25
450
1
0.1
2
1
-0.05…+0.05
BZX55C6V2
6.2
5.8…6.6
5
10
200
1
0.1
2
2
0.03…0.06
BZX55C6V8
6.8
6.4…7.2
5
8
150
1
0.1
2
3
0.03…0.07
BZX55C7V5
7.5
7…7.9
5
7
50
1
0.1
2
5
0.03…0.07
BZX55C8V2
8.2
7.7…8.7
5
7
50
1
0.1
2
6.2
0.03…0.08
BZX55C9V1
9.1
8.5…9.6
5
10
50
1
0.1
2
6.8
0.03…0.09
BZX55C10
10
9.4…10.6
5
15
70
1
0.1
2
7.5
0.03…0.1
BZX55C11
11
10.4…11.6
5
20
70
1
0.1
2
8.2
0.03…0.11
BZX55C12
12
11.4…12.7
5
20
90
1
0.1
2
9.1
0.03…0.11
BZX55C13
13
12.4…14.1
5
26
110
1
0.1
2
10
0.03…0.11
BZX55C15
15
13.8…15.6
5
30
110
1
0.1
2
11
0.03…0.11
BZX55C16
16
15.3…17.1
5
40
170
1
0.1
2
12
0.03…0.11
BZX55C18
18
16.8…19.1
5
50
170
1
0.1
2
13
0.03…0.11
BZX55C20
20
18.8…21.2
5
55
220
1
0.1
2
15
0.04…0.12
BZX55C22
22
20.8…23.3
5
55
220
1
0.1
2
16
0.04…0.12
BZX55C24
24
22.8…25.6
5
80
220
1
0.1
2
18
0.04…0.12
BZX55C27
27
25.1…28.9
5
80
220
1
0.1
2
20
0.04…0.12
BZX55C30
30
28…32
5
80
220
1
0.1
2
22
0.04…0.12
BZX55C33
33
31…35
5
80
220
1
0.1
2
24
0.04…0.12
BZX55C36
36
34…38
5
80
220
1
0.1
2
27
0.04…0.12
BZX55C39
39
37…41
2.5
90
500
0.5
0.1
5
30
0.04…0.12
BZX55C43
43
40…46
2.5
90
500
0.5
0.1
5
33
0.04…0.12
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Similar Part No. - BZX55C10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX55C10 VISHAY-BZX55C10 Datasheet
70Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 4, 01-Apr-99
logo
SHENZHEN YONGERJIA INDU...
BZX55C10 WINNERJOIN-BZX55C10 Datasheet
302Kb / 5P
   Zener diode
logo
First Components Intern...
BZX55C10 FCI-BZX55C10 Datasheet
114Kb / 2P
   1/2 Watt ZENER DIODES (2.4V to 91V)
logo
Zibo Seno Electronic En...
BZX55C10 ZSELEC-BZX55C10 Datasheet
48Kb / 3P
   500mW ZENER DIODE
logo
Shenzhen Luguang Electr...
BZX55C10 LUGUANG-BZX55C10 Datasheet
78Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
More results

Similar Description - BZX55C10

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-6775 MACOM-408-6775 Datasheet
652Kb / 4P
   Install dies according to the instructions packaged with the tooling.
logo
List of Unclassifed Man...
SCT62 ETC2-SCT62 Datasheet
101Kb / 3P
   Dangerous voltages are present within the power supply. Disconnect power supply before servicing.
logo
STMicroelectronics
AN2168 STMICROELECTRONICS-AN2168 Datasheet
201Kb / 15P
   The ST10F27x MCUs are derivatives of the STMicroelectronics
logo
Richtek Technology Corp...
RT8202 RICHTEK-RT8202 Datasheet
34Kb / 2P
   The ESD tests are used to classify the electrostatic discharge of microcircuits.
RT9025 RICHTEK-RT9025 Datasheet
34Kb / 2P
   The ESD tests are used to classify the electrostatic discharge of microcircuits.
logo
CITIZEN ELECTRONICS CO....
CL-L102 CITIZEN-CL-L102 Datasheet
189Kb / 3P
   The light-emitting element of an LED radiates light and heat according to the input power.
logo
Emerson Network Power
HPR12K-00 EMERSON-NETWORKPOWER-HPR12K-00 Datasheet
891Kb / 6P
   Connecting the input power cable, output load cable and communication wire according to the below figure.
logo
STMicroelectronics
AN2021 STMICROELECTRONICS-AN2021 Datasheet
880Kb / 39P
   The ST10F272B and ST10F272E are members of the STMicroelectronics
logo
Shoulder Electronics Li...
49S-49S2 SHOULDER-49S-49S2 Datasheet
194Kb / 6P
   Packing method may be changed. Please according to the delivered goods.
logo
PHOENIX CONTACT
SF-ASD-21 PHOENIX-SF-ASD-21 Datasheet
50Kb / 3P
   Integrated LEDs are used to illuminate the working area
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com