Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKBPC35005 Datasheet(PDF) 2 Page - Suntan Capacitors

Part # SKBPC35005
Description  Diffused Junction
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

SKBPC35005 Datasheet(HTML) 2 Page - Suntan Capacitors

  SKBPC35005 Datasheet HTML 1Page - Suntan Capacitors SKBPC35005 Datasheet HTML 2Page - Suntan Capacitors SKBPC35005 Datasheet HTML 3Page - Suntan Capacitors SKBPC35005 Datasheet HTML 4Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Suntan®Su®
SKBPC35005 THRU SKBPC3516
SILICON/GLASS PASSIVATED THREE PHASE BRIDGE RECTIFIERS
Voltage Range 50 to 1600 Volts
Current 35 Amperes
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.For capacitive load, derate current by 20%
Type Number
SKBPC
/SBR
25005
SKBPC
/SBR
2501
SKBPC
/SBR
2502
SKBPC
/SBR
2504
SKBPC
/SBR
2506
SKBPC
/SBR
2508
SKBPC
/SBR
2510
SKBPC
/SBR
2512
SKBPC
/SBR
2514
SKBPC
/SBR
25005
UNITS
I2t Rating for fusing
(No Voltage Reapplied t=8.3ms at 60HZ)
(No Voltage Reapplied t=10ms at 50HZ)
(100% VRRM Reapplied t=8.3ms at 60HZ)
(100% VRRM Reapplied t=10ms at 50HZ)
I
2 t
1030
1130
730
800
A
2S
Forward Voltage (per element)
@TJ=25℃,@ IFM=40APK per single junction
VF
1.19
V
Peak Reverse Current (per leg) @TJ=25℃
At Rated DC Blocking Voltage @TJ=125℃
IR
10
5.0
μ
A
mA
RMS lsolation Voltage from Case to Lead
VISO
2500
V
Thermal Resistance Junction to Case at
DC Operation per Bridge
RθJC
1.16
K/W
Thermal Resistance Case to Heatsink
Mounting Surface, Smooth, Flat and Greased
RθCS
0.2
K/W
Operating Temperature Range
TJ
-55 to +150
Storage Temperature Range
TSTG
-55 to +150


Similar Part No. - SKBPC35005

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SKBPC3504 YANGJIE-SKBPC3504 Datasheet
93Kb / 2P
   Bridge Rectifier
logo
Shenzhen Luguang Electr...
SKBPC3504 LUGUANG-SKBPC3504 Datasheet
1Mb / 3P
   Three Phase Bridge Rectifiers
SKBPC3504 LUGUANG-SKBPC3504 Datasheet
892Kb / 3P
   Three Phase Bridge Rectifiers
logo
Rectron Semiconductor
SKBPC3504 RECTRON-SKBPC3504 Datasheet
79Kb / 3P
   General purpose 3 phase Bridge rectifier applications METAL
2016-09 REV:O10
logo
RFE international
SKBPC3504 RFE-SKBPC3504 Datasheet
2Mb / 3P
   Three Phase Bridge Rectifiers
12-14-2022
More results

Similar Description - SKBPC35005

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
SKBPC25005 SUNTAN-SKBPC25005 Datasheet
829Kb / 4P
   Diffused Junction
logo
Shenzhen Yixinwei Techn...
KBL400 YIXIN-KBL400 Datasheet
158Kb / 2P
   Diffused Junction
logo
New Jersey Semi-Conduct...
VF5 NJSEMI-VF5 Datasheet
91Kb / 1P
   Diffused Silicon Junction
1N4383 NJSEMI-1N4383 Datasheet
117Kb / 1P
   DIFFUSED-JUNCTION SILICON RECTIFIER
1N2069 NJSEMI-1N2069 Datasheet
129Kb / 1P
   DIFFUSED-JUNCTION SILICON RECTIFIERS
logo
Toshiba Semiconductor
CRG09A TOSHIBA-CRG09A Datasheet
307Kb / 7P
   Rectifier Diode Silicon Diffused Junction
logo
Panasonic Semiconductor
2SD750 PANASONIC-2SD750 Datasheet
205Kb / 4P
   SILICON NPN DIFFUSED JUNCTION MESA
logo
Toshiba Semiconductor
CRG04A TOSHIBA-CRG04A Datasheet
301Kb / 7P
   Rectifier Diode Silicon Diffused Junction
logo
Panasonic Semiconductor
2SD389 PANASONIC-2SD389 Datasheet
208Kb / 5P
   Si NPN DIFFUSED JUNCTION MESA
2SD691 PANASONIC-2SD691 Datasheet
212Kb / 5P
   Si NPN DIFFUSED JUNCTION MESA
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com