Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKBPC3512 Datasheet(PDF) 1 Page - Suntan Capacitors

Part # SKBPC3512
Description  Diffused Junction
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

SKBPC3512 Datasheet(HTML) 1 Page - Suntan Capacitors

  SKBPC3512 Datasheet HTML 1Page - Suntan Capacitors SKBPC3512 Datasheet HTML 2Page - Suntan Capacitors SKBPC3512 Datasheet HTML 3Page - Suntan Capacitors SKBPC3512 Datasheet HTML 4Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Suntan® Su®
SKBPC35005 THRU SKBPC3516
SILICON/GLASS PASSIVATED THREE PHASE BRIDGE RECTIFIERS
Voltage Range 50 to 1600 Volts
Current 35 Amperes
F E A T U R E S
Diffused Junction
Low Forward Voltage Drop
High Current Capability
High Reliability
High Surge Current Capability
Ideal for Printed Circuit Boards:
Mechanical Data
Case:Epoxy Case with Heat Sink lnterally
Mounted in the Bridge Encapsulation
Terminals:Plated Leads Soiderable per
MIL-STD-202,Method 208
Polarity:As Marked on Body
Weight:20 grams(approx.)
Mounting Position: Bolt Down on Heatsink With Silicone
Thermal Compound Between Bridge and Mounting Surface
for Maximum Heat Transfer Efficiency
Mounting Torque:20 in lbs. Max
Marking:Type Number
SKBPC
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.For capacitive load, derate current by 20%
Type Number
SKBPC
35005
SKBPC
3501
SKBPC
3502
SKBPC
3504
SKBPC
3506
SKBPC
3508
SKBPC
3510
SKBPC
3512
SKBPC
3514
SKBPC
3516
UNITS
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000 1200 1400 1600
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
840
980
1120
V
Maximum DC blocking Voltage
VDC
50
100
200
400
600
800
1000 1200 1400 1600
V
Maximum Average Forward Rectified Current
@TC = 100℃
I(AV)
35
A
Non-Repetitive Peak Forward Surge Current
(No Voltage Reapplied t=8.3ms at 60HZ)
(No Voltage Reapplied t=10ms at 50HZ)
(100% VRRM Reapplied t=8.3ms at 60HZ)
(100% VRRM Reapplied t=10ms at 50HZ)
IFSM
500
475
420
400
A


Similar Part No. - SKBPC3512

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SKBPC3512 YANGJIE-SKBPC3512 Datasheet
93Kb / 2P
   Bridge Rectifier
logo
Suntan Capacitors
SKBPC3512 SUNTAN-SKBPC3512 Datasheet
188Kb / 2P
   THREE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shenzhen Luguang Electr...
SKBPC3512 LUGUANG-SKBPC3512 Datasheet
1Mb / 3P
   Three Phase Bridge Rectifiers
SKBPC3512 LUGUANG-SKBPC3512 Datasheet
892Kb / 3P
   Three Phase Bridge Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SKBPC3512 YFWDIODE-SKBPC3512 Datasheet
419Kb / 3P
   High Current Glass Passivated Molding Three-Phase Bridge Rectifier
More results

Similar Description - SKBPC3512

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
SKBPC25005 SUNTAN-SKBPC25005 Datasheet
829Kb / 4P
   Diffused Junction
logo
Shenzhen Yixinwei Techn...
KBL400 YIXIN-KBL400 Datasheet
158Kb / 2P
   Diffused Junction
logo
New Jersey Semi-Conduct...
VF5 NJSEMI-VF5 Datasheet
91Kb / 1P
   Diffused Silicon Junction
1N4383 NJSEMI-1N4383 Datasheet
117Kb / 1P
   DIFFUSED-JUNCTION SILICON RECTIFIER
1N2069 NJSEMI-1N2069 Datasheet
129Kb / 1P
   DIFFUSED-JUNCTION SILICON RECTIFIERS
logo
Toshiba Semiconductor
CRG09A TOSHIBA-CRG09A Datasheet
307Kb / 7P
   Rectifier Diode Silicon Diffused Junction
logo
Panasonic Semiconductor
2SD750 PANASONIC-2SD750 Datasheet
205Kb / 4P
   SILICON NPN DIFFUSED JUNCTION MESA
logo
Toshiba Semiconductor
CRG04A TOSHIBA-CRG04A Datasheet
301Kb / 7P
   Rectifier Diode Silicon Diffused Junction
logo
Panasonic Semiconductor
2SD389 PANASONIC-2SD389 Datasheet
208Kb / 5P
   Si NPN DIFFUSED JUNCTION MESA
2SD691 PANASONIC-2SD691 Datasheet
212Kb / 5P
   Si NPN DIFFUSED JUNCTION MESA
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com