Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL-1206UYG00MTH Datasheet(PDF) 3 Page - Suntan Capacitors

Part # TSL-1206UYG00MTH
Description  Reflow Solderable
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TSL-1206UYG00MTH Datasheet(HTML) 3 Page - Suntan Capacitors

  TSL-1206UYG00MTH Datasheet HTML 1Page - Suntan Capacitors TSL-1206UYG00MTH Datasheet HTML 2Page - Suntan Capacitors TSL-1206UYG00MTH Datasheet HTML 3Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMD TYPE LED
Suntan®
TSL-1206UYG00MTH
Carrier Tape
All dimensions in mm, tolerances unless mentioned is ±0.1mm.
Moisture Resistant Packaging
Note: Specification are subject to change without notice. For more detail and update, please visit our website.
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Similar Part No. - TSL-1206UYG00MTH

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TSL-1206UY000MTH SUNTAN-TSL-1206UY000MTH Datasheet
380Kb / 3P
   Reflow Solderable
More results

Similar Description - TSL-1206UYG00MTH

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TSL-0805UB000MTH SUNTAN-TSL-0805UB000MTH Datasheet
399Kb / 3P
   Reflow Solderable
TSL-1206UR000MTH SUNTAN-TSL-1206UR000MTH Datasheet
400Kb / 3P
   Reflow Solderable
TSL-0805UG000MTH SUNTAN-TSL-0805UG000MTH Datasheet
390Kb / 3P
   Reflow Solderable
TSL-0603UG000MTH SUNTAN-TSL-0603UG000MTH Datasheet
478Kb / 3P
   Reflow Solderable
TSL-0805UY000MTH SUNTAN-TSL-0805UY000MTH Datasheet
389Kb / 3P
   Reflow Solderable
TSL-0603UB000MTH SUNTAN-TSL-0603UB000MTH Datasheet
477Kb / 3P
   Reflow Solderable
TSL-0805UR000MTH SUNTAN-TSL-0805UR000MTH Datasheet
390Kb / 3P
   Reflow Solderable
TSL-0805UW000MTH SUNTAN-TSL-0805UW000MTH Datasheet
397Kb / 3P
   Reflow Solderable
TSL-0805UYG00MTH SUNTAN-TSL-0805UYG00MTH Datasheet
395Kb / 3P
   Reflow Solderable
TSL-1206UY000MTH SUNTAN-TSL-1206UY000MTH Datasheet
380Kb / 3P
   Reflow Solderable
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com