Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MD8M Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # MD8M
Description  MINI GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

MD8M Datasheet(HTML) 1 Page - Nanjing International Group Co

  MD8M Datasheet HTML 1Page - Nanjing International Group Co MD8M Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MINI GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
(See Fig. 1)
on glass-epoxy P.C.B(Note 2)
on aluminum substrate(Note 3)
Dimensions in inches and (millimeters)
FEATURES
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage Drop per Bridge Element at 0.4A D.C.
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=125 C
Storage Temperature Range, TSTG
Operating Temperature Range, Tj
MD1M
MD2M
MD3M
MD4M
MD
6M
MD
8M
MD
10M
UNITS
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
0.5
0.8
30
5
500
-65
+150
-65
+125
V
A
A
V
uA
uA
C
C
* Ideal for printed circuit board
* Reliable low cost construction utilizing molded
plastic technique
* High surge current capability
* Polarity: marked on body
* Mounting position: Any
* Weight: 0.22 grams
MD1M THRU MD10M
1.0
MB-1
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
0.8 Ampere
.158(4.0)
.106(2.7)
.165(4.2)
.232(5.9)
.106(2.7)
.193(4.9)
.142(3.6)
.091(2.3)
.138(3.5)
.201(5.1)
.090(2.3)
.177(4.5)
.020
(0.5)
+
~
~
Typical Junction Capacitance(Note 1)
13
pF
Typical Thermal Resistance(Note 3)
70
Typical Thermal Resistance(Note 2)
20
C/W
C/W
* Both normal and Pb free product are available:
* Normal:80~95%Sn,5~20%Pb
* Pb free:99 Sn above can meet Rohs enviroment substance
directive request


Similar Part No. - MD8M

ManufacturerPart #DatasheetDescription
logo
SOVICO corp.
MD8 SOVICO-MD8 Datasheet
174Kb / 1P
   Antenna Divider System
2020.01
logo
Central Semiconductor C...
MD8001 CENTRAL-MD8001 Datasheet
47Kb / 1P
   NPN SILICON EUAL TRANSISTOR
MD8001 CENTRAL-MD8001 Datasheet
54Kb / 1P
   Dual Transistors
MD8001 CENTRAL-MD8001 Datasheet
54Kb / 1P
   Dual Transistors
MD8001 CENTRAL-MD8001 Datasheet
51Kb / 1P
   NPN SILICON DUAL TRANSISTOR
More results

Similar Description - MD8M

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
MB05M DGNJDZ-MB05M Datasheet
355Kb / 2P
   MINI GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIERS
MB1M DGNJDZ-MB1M Datasheet
168Kb / 2P
   MINI GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIERS
logo
Silicon Standard Corp.
GBL02 SSC-GBL02 Datasheet
305Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
Continental Device Indi...
GBJ25005 CDIL-GBJ25005 Datasheet
225Kb / 3P
   GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
TS10KL60 TSC-TS10KL60_14 Datasheet
180Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
List of Unclassifed Man...
GBU2D ETC2-GBU2D Datasheet
146Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
SGBU4D ETC2-SGBU4D Datasheet
147Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
SKBJ402 ETC2-SKBJ402 Datasheet
158Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
GBPC35 ETC2-GBPC35 Datasheet
220Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
GBJ8D ETC2-GBJ8D Datasheet
165Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com