Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OLS2449 Datasheet(PDF) 5 Page - Skyworks Solutions Inc.

Part # OLS2449
Description  Dual Channel, Radiation Tolerant, Phototransistor Hermetic Surface Mount Optocoupler
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

OLS2449 Datasheet(HTML) 5 Page - Skyworks Solutions Inc.

  OLS2449 Datasheet HTML 1Page - Skyworks Solutions Inc. OLS2449 Datasheet HTML 2Page - Skyworks Solutions Inc. OLS2449 Datasheet HTML 3Page - Skyworks Solutions Inc. OLS2449 Datasheet HTML 4Page - Skyworks Solutions Inc. OLS2449 Datasheet HTML 5Page - Skyworks Solutions Inc. OLS2449 Datasheet HTML 6Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DATA SHEET • OLS2449: DUAL CHANNEL, RADIATION TOLERANT, PHOTOTRANSISTOR HERMETIC SURFACE MOUNT OPTOCOUPLER
Isolink, Inc. • Phone [408] 946-1968 • Fax [408] 946-1960 • sales@isolink.com • www.isolink.com
202472C • Isolink Proprietary Information • Products and Product Information are Subject to Change Without Notice • May 5, 2015
5
tr
Pulse Width = 100 μs
Duty Cycle = 1%
Input IF
VOUT
tf
90%
10%
IF
VCC
100 Ω
RL
VOUT
0
0
K013b
N/C
Figure 5. OLS2449 Switching Test Circuit
K069
0.17” ± 0.01”
0.08”
Max.
0.05”
0.06”
0.05”
Min.
0.025” (8X)
0.025”
0.05”
3
2
1
4
6
7
8
5
Figure 6. OLS2449 Package Dimensions


Similar Part No. - OLS2449

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OLS249 ETC-OLS249 Datasheet
25Kb / 3P
   Radiation Tolerant Phototransistor Hermetic Surface Mount Optocoupler
logo
Skyworks Solutions Inc.
OLS249 SKYWORKS-OLS249 Datasheet
394Kb / 6P
   Radiation-Tolerant Phototransistor Hermetic Surface-Mount Optocoupler
April 13, 2017
More results

Similar Description - OLS2449

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
OLS2249 SKYWORKS-OLS2249 Datasheet
290Kb / 6P
   Dual-Channel, Radiation-Tolerant Phototransistor Hermetic Surface-Mount Optocoupler
December 2, 2019
logo
List of Unclassifed Man...
OLS249 ETC-OLS249 Datasheet
25Kb / 3P
   Radiation Tolerant Phototransistor Hermetic Surface Mount Optocoupler
logo
Skyworks Solutions Inc.
OLF249 SKYWORKS-OLF249 Datasheet
287Kb / 6P
   Radiation Tolerant Phototransistor Hermetic Surface Mount Optocoupler
April 14, 2017
OLF449 SKYWORKS-OLF449 Datasheet
354Kb / 6P
   Radiation Tolerant, Phototransistor Hermetic Surface Mount Optocoupler
June 19, 2017
OLS049 SKYWORKS-OLS049 Datasheet
258Kb / 6P
   Radiation-Tolerant, Phototransistor Hermetic Surface-Mount Optocoupler
June 1, 2017
OLS249 SKYWORKS-OLS249 Datasheet
394Kb / 6P
   Radiation-Tolerant Phototransistor Hermetic Surface-Mount Optocoupler
April 13, 2017
OLS449 SKYWORKS-OLS449 Datasheet
325Kb / 6P
   Radiation Tolerant Phototransistor Hermetic Surface Mount Optocoupler
OLC249 SKYWORKS-OLC249 Datasheet
317Kb / 6P
   Radiation-Tolerant Phototransistor Non-Hermetic Surface-Mount Optocoupler
April 20, 2022
OLC449 SKYWORKS-OLC449 Datasheet
738Kb / 6P
   Radiation-Tolerant Phototransistor Non-Hermetic Surface-Mount Optocoupler
April 20, 2022
OLH249 SKYWORKS-OLH249 Datasheet
418Kb / 6P
   Radiation-Tolerant, Phototransistor Hermetic Optocoupler
April 13, 2017
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com