Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6N16 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP6N16
Description  Rail-to-Rail Input and Output
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6N16 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP6N16 Datasheet HTML 3Page - Microchip Technology MCP6N16 Datasheet HTML 4Page - Microchip Technology MCP6N16 Datasheet HTML 5Page - Microchip Technology MCP6N16 Datasheet HTML 6Page - Microchip Technology MCP6N16 Datasheet HTML 7Page - Microchip Technology MCP6N16 Datasheet HTML 8Page - Microchip Technology MCP6N16 Datasheet HTML 9Page - Microchip Technology MCP6N16 Datasheet HTML 10Page - Microchip Technology MCP6N16 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
Differential Gain Drift (Note 6)
∆gE/∆TA
±3
ppm/°C
all
VDD = 1.8V, VREF =VDD/2,
VDM =±(0.7V)/GMIN
—±4
VDD = 5.5V, VREF =VDD/2,
VDM = ±(2.55V)/GMIN
—±4
VDD = 5.5V, VREF =0.2V,
VDM = 0 to (2.7V)/GMIN
—±3
VDD = 5.5V, VREF =5.3V,
VDM = 0 to (-2.7V)/GMIN
Differential Nonlinearity (Note 6)
INLDM
—±300
ppm
all
VDD = 1.8V, VREF =VDD/2,
VDM =±(0.7V)/GMIN
—±150
VDD = 5.5V, VREF =VDD/2,
VDM = ±(2.55V)/GMIN
—±300
VDD = 5.5V, VREF =0.2V,
VDM = 0 to (2.7V)/GMIN
—±300
VDD = 5.5V, VREF =5.3V,
VDM = 0 to (-2.7V)/GMIN
DC Open-Loop Gain
AOL
84
102
dB
1
VDD =1.8V,
VOUT = 0.2V to 1.6V
100
118
10
108
126
100
95
113
1
VDD =5.5V,
VOUT = 0.2V to 5.3V
111
129
10
119
137
100
TABLE 1-1:
DC ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: Unless otherwise indicated, TA =+25°C, VDD = 1.8V to 5.5V, VSS = GND, VCM =VDD/2, VDM =0V, VREF =VDD/2, VL =VDD/2, RL =10 kΩ
to VL, GDM =GMIN and EN = VDD; see Figures 1-7 and 1-8 (Note 1).
Parameters
Sym.
Min.
Typ.
Max.
Units
GMIN
Conditions
Note 1:
VCM =(VIP +VIM)/2, VDM =(VIP –VIM) and GDM =1 +RF/RG.
2:
For Design Guidance only; not tested.
3:
These specifications apply to the VIP, VIM input pair (use VCM) and to the VREF, VFG input pair (use VREF instead).
4:
This specification applies to the VIP, VIM, VREF and VFG pins individually.
5:
Figures 2-52 and 2-53 show the VIVL, VIVH, VDML and VDMH variation over temperature.
6:
See Section 1.5 “Explanation of DC Error Specifications”.


Similar Part No. - MCP6N16

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6N11 MICROCHIP-MCP6N11 Datasheet
5Mb / 50P
   Rail-to-Rail Input and Output
08/02/11
MCP6N11-001 MICROCHIP-MCP6N11-001 Datasheet
5Mb / 50P
   500 kHz, 800 關A Instrumentation Amplifier
08/02/11
MCP6N11-002 MICROCHIP-MCP6N11-002 Datasheet
5Mb / 50P
   500 kHz, 800 關A Instrumentation Amplifier
08/02/11
MCP6N11-005 MICROCHIP-MCP6N11-005 Datasheet
5Mb / 50P
   500 kHz, 800 關A Instrumentation Amplifier
08/02/11
MCP6N11-005E MICROCHIP-MCP6N11-005E Datasheet
5Mb / 50P
   500 kHz, 800 關A Instrumentation Amplifier
08/02/11
More results

Similar Description - MCP6N16

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
OA1NP STMICROELECTRONICS-OA1NP Datasheet
864Kb / 31P
   Rail-to-rail input and output
March 2014 Rev 2
logo
Microchip Technology
MCP6N11 MICROCHIP-MCP6N11 Datasheet
5Mb / 50P
   Rail-to-Rail Input and Output
08/02/11
logo
Diodes Incorporated
APX321 DIODES-APX321 Datasheet
670Kb / 18P
   LOW VOLTAGE, RAIL-TO-RAIL INPUT AND OUTPUT
APX324 Rev. 13
logo
Linear Technology
LTC6800 LINER-LTC6800_15 Datasheet
1Mb / 14P
   Rail-to-Rail, Input and Output, Instrumentation Amplifier
logo
Analog Devices
OP184 AD-OP184_06 Datasheet
508Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
logo
National Semiconductor ...
LMC6492 NSC-LMC6492 Datasheet
705Kb / 18P
   CMOS Rail-to-Rail Input and Output Operational Amplifier
logo
Linear Technology
LT1218 LINER-LT1218_15 Datasheet
327Kb / 16P
   Precision Rail-to-Rail Input and Output Op Amps
logo
Analog Devices
OP196 AD-OP196_02 Datasheet
287Kb / 16P
   Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. C
OP284 AD-OP284_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
logo
National Semiconductor ...
LMC6681 NSC-LMC6681 Datasheet
750Kb / 24P
   Low Voltage, Rail-To-Rail Input and Output CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com