Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBI15005 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # DBI15005
Description  Three-Phase Si-Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

DBI15005 Datasheet(HTML) 1 Page - Diotec Semiconductor

  DBI15005 Datasheet HTML 1Page - Diotec Semiconductor DBI15005 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1) Valid for one branch – Gültig für einen Brückenzweig
2) Valid, if the temperature of the case is kept to 120
/C – Gültig, wenn die Gehäusetemp. auf 120/C gehalten wird
340
28.02.2002
DBI 15-005 ... DBI 15-16
Three-Phase Si-Bridge Rectifiers
Dreiphasen-Si-Brückengleichrichter
Nominal current – Nennstrom
15 A
Repetitive peak reverse voltage
50…1600 V
Periodische Spitzensperrspannung
Metal case – Metallgehäuse
Dimensions
40 x 20 x 10 [mm]
Abmessungen
Weight approx. – Gewicht ca.
35 g
Compound has classification UL94V-0
Vergußmasse UL94V-0 klassifiziert
Dimensions / Maße in mm
Standard packaging: bulk
see page 22
Standard Lieferform: lose im Karton
s. Seite 22
Maximum ratings
Grenzwerte
Type
Typ
max. alternating input voltage
max. Eingangswechselspannung
V
VRMS [V]
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
V
RRM [V]
1)
DBI 15-005
35
50
DBI 15-01
70
100
DBI 15-02
140
200
DBI 15-04
280
400
DBI 15-06
420
600
DBI 15-08
560
800
DBI 15-10
700
1000
DBI 15-12
800
1200
DBI 15-14
900
1400
DBI 15-16
1000
1600
Repetitive peak fwd. current – Period. Spitzenstrom
f > 15 Hz
I
FRM
80 A 2)
Peak forward surge current, 50 Hz half sine-wave
T
A = 25
/CI
FSM
250 A
Stoßstrom für eine 50 Hz Sinus-Halbwelle
Rating for fusing – Grenzlastintegral, t <10 ms
T
A = 25
/Ci2t
310 A2s
Operating junction temperature – Sperrschichttemperatur
T
j
– 50…+150
/C
Storage temperature – Lagerungstemperatur
T
S
– 50…+150
/C


Similar Part No. - DBI15005

ManufacturerPart #DatasheetDescription
logo
Semikron International
DBI15 SEMIKRON-DBI15 Datasheet
248Kb / 3P
   3~phase
DBI15-005 SEMIKRON-DBI15-005 Datasheet
184Kb / 2P
   Three-Phase Si-Bridge Rectifiers
logo
Diotec Semiconductor
DBI15-005 DIOTEC-DBI15-005 Datasheet
68Kb / 2P
   Three-Phase Si-Bridge-Rectifiers
logo
Semikron International
DBI15-005 SEMIKRON-DBI15-005 Datasheet
187Kb / 2P
   Three-Phase Si-Bridge Rectifiers
DBI15-005 SEMIKRON-DBI15-005_06 Datasheet
187Kb / 2P
   Three-Phase Si-Bridge Rectifiers
More results

Similar Description - DBI15005

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
DBI15-005 DIOTEC-DBI15-005_07 Datasheet
68Kb / 2P
   Three-Phase Si-Bridge-Rectifiers
DBI25005 DIOTEC-DBI25005 Datasheet
164Kb / 2P
   Three-Phase Si-Bridge Rectifiers
DB25005 DIOTEC-DB25005_14 Datasheet
214Kb / 2P
   Three-Phase Si-Bridge-Rectifiers
DBI2004B DIOTEC-DBI2004B_13 Datasheet
209Kb / 2P
   Three-Phase Si-Bridge-Rectifiers
logo
Semikron International
DB35-005 SEMIKRON-DB35-005 Datasheet
256Kb / 2P
   Three-Phase Si-Bridge Rectifiers
DBI25-005 SEMIKRON-DBI25-005 Datasheet
184Kb / 2P
   Three-Phase Si-Bridge Rectifiers
logo
Diotec Semiconductor
DBI20-04B DIOTEC-DBI20-04B Datasheet
140Kb / 2P
   Three-Phase Si-Bridge-Rectifiers
DBI6005 DIOTEC-DBI6005 Datasheet
152Kb / 2P
   Three-Phase Si-Bridge Rectifiers
DBI20-04B DIOTEC-DBI20-04B_15 Datasheet
130Kb / 2P
   Three-Phase Si-Bridge-Rectifiers
logo
Semikron International
DBI6-005 SEMIKRON-DBI6-005 Datasheet
188Kb / 2P
   Three-Phase Si-Bridge Rectifiers
DB15-005 SEMIKRON-DB15-005_06 Datasheet
231Kb / 2P
   Three-Phase Si-Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com