Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS65R380T Datasheet(PDF) 3 Page - SemiHow Co.,Ltd.

Part # HCS65R380T
Description  Extremely low switching loss
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HCS65R380T Datasheet(HTML) 3 Page - SemiHow Co.,Ltd.

  HCS65R380T Datasheet HTML 1Page - SemiHow Co.,Ltd. HCS65R380T Datasheet HTML 2Page - SemiHow Co.,Ltd. HCS65R380T Datasheet HTML 3Page - SemiHow Co.,Ltd. HCS65R380T Datasheet HTML 4Page - SemiHow Co.,Ltd. HCS65R380T Datasheet HTML 5Page - SemiHow Co.,Ltd. HCS65R380T Datasheet HTML 6Page - SemiHow Co.,Ltd. HCS65R380T Datasheet HTML 7Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Typical Characteristics
Figure 1. On Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On Resistance Variation vs
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation with Source Current
and Temperature
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
04
8
12
16
20
0
2
4
6
8
10
12
V
DS = 325V
V
DS = 130V
V
DS = 520V
Note : I
D = 11A
Q
G, Total Gate Charge [nC]
0
3
6
9
12
15
18
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
V
GS = 20V
V
GS = 10V
Note : T
J = 25
oC
I
D, Drain Current [A]
0.1
1
10
100
10
0
10
1
10
2
10
3
10
4
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
* Note ;
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
iss
C
oss
V
DS, Drain-Source Voltage [V]
0.0
0.4
0.8
1.2
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
25
oC
* Notes :
1. V
GS= 0V
2. 300us Pulse Test
V
SD, Source-Drain Voltage [V]
150
oC


Similar Part No. - HCS65R380T

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HCS65R360S SEMIHOW-HCS65R360S Datasheet
170Kb / 7P
   Superior Avalanche Rugged Technology
More results

Similar Description - HCS65R380T

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HCA60R150T SEMIHOW-HCA60R150T Datasheet
287Kb / 7P
   Extremely low switching loss
HCS60R350T SEMIHOW-HCS60R350T Datasheet
204Kb / 7P
   Extremely low switching loss
HCS70R700T SEMIHOW-HCS70R700T Datasheet
203Kb / 7P
   Extremely low switching loss
HCD65R600T SEMIHOW-HCD65R600T Datasheet
300Kb / 8P
   Extremely low switching loss
HCP60R150T SEMIHOW-HCP60R150T Datasheet
257Kb / 7P
   Extremely low switching loss
HCS70R950T SEMIHOW-HCS70R950T Datasheet
214Kb / 7P
   Extremely low switching loss
HCD65R380T SEMIHOW-HCD65R380T Datasheet
295Kb / 8P
   Extremely low switching loss
HCD70R950T SEMIHOW-HCD70R950T Datasheet
396Kb / 9P
   Extremely low switching loss
HCS65R220E SEMIHOW-HCS65R220E Datasheet
249Kb / 7P
   Extremely low switching loss
HCS70R1K4P SEMIHOW-HCS70R1K4P Datasheet
171Kb / 7P
   Extremely low switching loss
HCS60R150T SEMIHOW-HCS60R150T Datasheet
264Kb / 7P
   Extremely low switching loss
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com