Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCU70R1K4P Datasheet(PDF) 2 Page - SemiHow Co.,Ltd.

Part # HCU70R1K4P
Description  Superior Avalanche Rugged Technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HCU70R1K4P Datasheet(HTML) 2 Page - SemiHow Co.,Ltd.

  HCU70R1K4P Datasheet HTML 1Page - SemiHow Co.,Ltd. HCU70R1K4P Datasheet HTML 2Page - SemiHow Co.,Ltd. HCU70R1K4P Datasheet HTML 3Page - SemiHow Co.,Ltd. HCU70R1K4P Datasheet HTML 4Page - SemiHow Co.,Ltd. HCU70R1K4P Datasheet HTML 5Page - SemiHow Co.,Ltd. HCU70R1K4P Datasheet HTML 6Page - SemiHow Co.,Ltd. HCU70R1K4P Datasheet HTML 7Page - SemiHow Co.,Ltd. HCU70R1K4P Datasheet HTML 8Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Electrical Characteristics T
J=25
C unless otherwise specified
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
I
S
Continuous Source-Drain Diode Forward Current
--
--
4
A
I
SM
Pulsed Source-Drain Diode Forward Current
--
--
12
V
SD
Source-Drain Diode Forward Voltage
I
S = 4 A, VGS = 0 V
--
--
1.4
V
trr
Reverse Recovery Time
I
S = 4 A, VGS = 0 V
di
F/dt = 100 A/
--
150
--
Qrr
Reverse Recovery Charge
--
0.85
--
On Characteristics
BV
DSS
Drain-Source Breakdown Voltage
V
GS = 0 V, ID = 250
700
--
--
V
I
DSS
Zero Gate Voltage Drain Current
V
DS = 700 V, VGS = 0 V
--
--
10
V
DS = 560 V, TJ = 125
--
--
100
I
GSS
Gate-Body Leakage Current
V
GS =
30 V, V
DS = 0 V
--
--
100
Off Characteristics
C
iss
Input Capacitance
V
DS = 50 V, VGS = 0 V,
f = 1.0 MHz
--
280
--
C
oss
Output Capacitance
--
30
--
C
rss
Reverse Transfer Capacitance
--
5.5
--
Dynamic Characteristics
t
d(on)
Turn-On Time
V
DS = 350 V, ID = 4 A,
R
G = 25
--
15
40
t
r
Turn-On Rise Time
--
20
50
t
d(off)
Turn-Off Delay Time
--
30
70
t
f
Turn-Off Fall Time
--
20
50
Q
g
Total Gate Charge
V
DS = 560 V, ID = 4 A
V
GS = 10 V
--
7.5
10
nC
Q
gs
Gate-Source Charge
--
2.0
--
nC
Q
gd
Gate-Drain Charge
--
2.5
--
nC
Switching Characteristics
Source-Drain Diode Maximum Ratings and Characteristics
V
GS
Gate Threshold Voltage
V
DS = VGS, ID = 250
2.0
--
4.0
V
R
DS(ON)
Static Drain-Source
On-Resistance
V
GS = 10 V, ID = 2 A
--
1.15
1.4
Notes ;
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. L=16.2mH, I
AS=4A, VDD=50V, RG=25
, Starting T
J =25 C


Similar Part No. - HCU70R1K4P

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HCU70R1K5E SEMIHOW-HCU70R1K5E Datasheet
435Kb / 9P
   Excellent stability and uniformity
More results

Similar Description - HCU70R1K4P

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HRLD150N10K SEMIHOW-HRLD150N10K Datasheet
326Kb / 9P
   Superior Avalanche Rugged Technology
HCD65R360S SEMIHOW-HCD65R360S Datasheet
268Kb / 8P
   Superior Avalanche Rugged Technology
HFS2N60U SEMIHOW-HFS2N60U Datasheet
307Kb / 8P
   Superior Avalanche Rugged Technology
HFS5N65U SEMIHOW-HFS5N65U Datasheet
320Kb / 8P
   Superior Avalanche Rugged Technology
HFS8N65U SEMIHOW-HFS8N65U Datasheet
312Kb / 8P
   Superior Avalanche Rugged Technology
HFS8N70U SEMIHOW-HFS8N70U Datasheet
313Kb / 8P
   Superior Avalanche Rugged Technology
HFS10N60U SEMIHOW-HFS10N60U Datasheet
306Kb / 7P
   Superior Avalanche Rugged Technology
HFD8N70U SEMIHOW-HFD8N70U Datasheet
264Kb / 8P
   Superior Avalanche Rugged Technology
HFN6N70U SEMIHOW-HFN6N70U Datasheet
256Kb / 7P
   Superior Avalanche Rugged Technology
HFP2N60U SEMIHOW-HFP2N60U Datasheet
197Kb / 8P
   Superior Avalanche Rugged Technology
HFP5N50U SEMIHOW-HFP5N50U Datasheet
209Kb / 8P
   Superior Avalanche Rugged Technology
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com