Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCA65R042E Datasheet(PDF) 2 Page - SemiHow Co.,Ltd.

Part # HCA65R042E
Description  Excellent stability and uniformity
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HCA65R042E Datasheet(HTML) 2 Page - SemiHow Co.,Ltd.

  HCA65R042E Datasheet HTML 1Page - SemiHow Co.,Ltd. HCA65R042E Datasheet HTML 2Page - SemiHow Co.,Ltd. HCA65R042E Datasheet HTML 3Page - SemiHow Co.,Ltd. HCA65R042E Datasheet HTML 4Page - SemiHow Co.,Ltd. HCA65R042E Datasheet HTML 5Page - SemiHow Co.,Ltd. HCA65R042E Datasheet HTML 6Page - SemiHow Co.,Ltd. HCA65R042E Datasheet HTML 7Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Electrical Characteristics T
J=25
C unless otherwise specified
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
I
S
Continuous Source-Drain Diode Forward Current
--
--
78
A
I
SM
Pulsed Source-Drain Diode Forward Current
--
--
234
V
SD
Source-Drain Diode Forward Voltage
I
S = 39 A, VGS = 0 V
--
--
1.4
V
trr
Reverse Recovery Time
I
S = 39 A, VGS = 0 V
di
F/dt = 100 A/
--
556
--
Qrr
Reverse Recovery Charge
--
10.8
--
BV
DSS
Drain-Source Breakdown Voltage
V
GS = 0 V, ID = 1 mA
650
--
--
V
I
DSS
Zero Gate Voltage Drain Current
V
DS = 650 V, VGS = 0 V
--
--
1
V
DS = 520 V, TJ = 125
--
--
100
I
GSS
Gate-Body Leakage Current
V
GS =
30 V, V
DS = 0 V
--
--
100
Off Characteristics
C
iss
Input Capacitance
V
DS = 50 V, VGS = 0 V,
f = 1.0 MHz
--
7200
--
C
oss
Output Capacitance
--
410
--
C
rss
Reverse Transfer Capacitance
--
12
--
Dynamic Characteristics
t
d(on)
Turn-On Time
V
DS = 325 V, ID = 39 A,
R
G = 25
--
130
--
t
r
Turn-On Rise Time
--
35
--
t
d(off)
Turn-Off Delay Time
--
250
--
t
f
Turn-Off Fall Time
--
20
--
Q
g
Total Gate Charge
V
DS = 520 V, ID = 39 A
V
GS = 10 V
--
100
130
nC
Q
gs
Gate-Source Charge
--
36
--
nC
Q
gd
Gate-Drain Charge
--
18
--
nC
Switching Characteristics
Source-Drain Diode Maximum Ratings and Characteristics
Notes ;
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. L=50mH, V
DD=50V, RG=25
, Starting T
J =25 C
3. Pulse Test : Pulse Width
On Characteristics
V
GS
Gate Threshold Voltage
V
DS = VGS, ID = 2 mA
2.5
--
4.5
V
R
DS(ON)
Static Drain-Source
On-Resistance
V
GS = 10 V, ID = 39 A
--
38
42
m


Similar Part No. - HCA65R042E

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HCA65R042FE SEMIHOW-HCA65R042FE Datasheet
246Kb / 7P
   Excellent stability and uniformity
More results

Similar Description - HCA65R042E

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HCS60R520T SEMIHOW-HCS60R520T Datasheet
201Kb / 7P
   Excellent stability and uniformity
HCU70R1K5E SEMIHOW-HCU70R1K5E Datasheet
435Kb / 9P
   Excellent stability and uniformity
HCA65R042FE SEMIHOW-HCA65R042FE Datasheet
246Kb / 7P
   Excellent stability and uniformity
HCA65R099FE SEMIHOW-HCA65R099FE Datasheet
260Kb / 7P
   Excellent stability and uniformity
logo
Murata Manufacturing Co...
SCA61T MURATA-SCA61T Datasheet
565Kb / 17P
   Excellent stability over temperature and time
logo
MERITEK ELECTRONICS COR...
CR MERITEK-CR Datasheet
298Kb / 7P
   Excellent mechanical strength and electrical stability
logo
M/A-COM Technology Solu...
MABA-011085 MA-COM-MABA-011085 Datasheet
812Kb / 5P
   Excellent Temperature Stability
MACP-010718-CG09E0 MA-COM-MACP-010718-CG09E0 Datasheet
743Kb / 4P
   Excellent temperature stability
logo
STMicroelectronics
STAC4933 STMICROELECTRONICS-STAC4933 Datasheet
398Kb / 12P
   Excellent thermal stability
May 2017 Rev 2
LET9180 STMICROELECTRONICS-LET9180 Datasheet
314Kb / 10P
   Excellent thermal stability
May 2013 Rev 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com