Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCA65R042E Datasheet(PDF) 3 Page - SemiHow Co.,Ltd.

Part # HCA65R042E
Description  Excellent stability and uniformity
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HCA65R042E Datasheet(HTML) 3 Page - SemiHow Co.,Ltd.

  HCA65R042E Datasheet HTML 1Page - SemiHow Co.,Ltd. HCA65R042E Datasheet HTML 2Page - SemiHow Co.,Ltd. HCA65R042E Datasheet HTML 3Page - SemiHow Co.,Ltd. HCA65R042E Datasheet HTML 4Page - SemiHow Co.,Ltd. HCA65R042E Datasheet HTML 5Page - SemiHow Co.,Ltd. HCA65R042E Datasheet HTML 6Page - SemiHow Co.,Ltd. HCA65R042E Datasheet HTML 7Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Typical Characteristics
Figure 1. On Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On Resistance Variation vs
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation with Source Current
and Temperature
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
0
20
40
60
80
100
120
0
2
4
6
8
10
12
V
DS = 520V
I
D = 39A
Q
G, Total Gate Charge [nC]
0
2040
6080
100
10
0
10
1
10
2
10
3
10
4
10
5
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
* Note ;
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
iss
C
oss
V
DS, Drain-Source Voltage [V]


Similar Part No. - HCA65R042E

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HCA65R042FE SEMIHOW-HCA65R042FE Datasheet
246Kb / 7P
   Excellent stability and uniformity
More results

Similar Description - HCA65R042E

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HCS60R520T SEMIHOW-HCS60R520T Datasheet
201Kb / 7P
   Excellent stability and uniformity
HCU70R1K5E SEMIHOW-HCU70R1K5E Datasheet
435Kb / 9P
   Excellent stability and uniformity
HCA65R042FE SEMIHOW-HCA65R042FE Datasheet
246Kb / 7P
   Excellent stability and uniformity
HCA65R099FE SEMIHOW-HCA65R099FE Datasheet
260Kb / 7P
   Excellent stability and uniformity
logo
Murata Manufacturing Co...
SCA61T MURATA-SCA61T Datasheet
565Kb / 17P
   Excellent stability over temperature and time
logo
MERITEK ELECTRONICS COR...
CR MERITEK-CR Datasheet
298Kb / 7P
   Excellent mechanical strength and electrical stability
logo
M/A-COM Technology Solu...
MABA-011085 MA-COM-MABA-011085 Datasheet
812Kb / 5P
   Excellent Temperature Stability
MACP-010718-CG09E0 MA-COM-MACP-010718-CG09E0 Datasheet
743Kb / 4P
   Excellent temperature stability
logo
STMicroelectronics
STAC4933 STMICROELECTRONICS-STAC4933 Datasheet
398Kb / 12P
   Excellent thermal stability
May 2017 Rev 2
LET9180 STMICROELECTRONICS-LET9180 Datasheet
314Kb / 10P
   Excellent thermal stability
May 2013 Rev 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com