Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMM12) Datasheet(PDF) 4 Page - Suntan Capacitors

Part # ZMM12)
Description  In MiniMELF case especially for automatic insertion
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

ZMM12) Datasheet(HTML) 4 Page - Suntan Capacitors

  ZMM12) Datasheet HTML 1Page - Suntan Capacitors ZMM12) Datasheet HTML 2Page - Suntan Capacitors ZMM12) Datasheet HTML 3Page - Suntan Capacitors ZMM12) Datasheet HTML 4Page - Suntan Capacitors ZMM12) Datasheet HTML 5Page - Suntan Capacitors ZMM12) Datasheet HTML 6Page - Suntan Capacitors ZMM12) Datasheet HTML 7Page - Suntan Capacitors ZMM12) Datasheet HTML 8Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Suntan®
RATINGS AND CHARACTERISTIC CURVES ZMM1...ZMM75
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Similar Part No. - ZMM12)

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMM12 SEMTECH-ZMM12 Datasheet
594Kb / 8P
   SILICON PLANAR POWER ZENER DIODES?
logo
Shenzhen Ping Sheng Ele...
ZMM12 PFS-ZMM12 Datasheet
147Kb / 2P
   ZENER DIODES
logo
Bytesonic Electronics C...
ZMM12 BYTESONIC-ZMM12 Datasheet
481Kb / 8P
   Silicon Epitaxial Planar Zener Diodes
logo
Shanghai Lunsure Electr...
ZMM12 CHENYI-ZMM12 Datasheet
449Kb / 8P
   0.5W SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
ZMM12 HTSEMI-ZMM12 Datasheet
1Mb / 8P
   SILICON PLANAR ZENER DIODES
More results

Similar Description - ZMM12)

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
ZMM1 LEIDITECH-ZMM1 Datasheet
592Kb / 4P
   MiniMELF case especially for automatic insertion
logo
Suntan Capacitors
LL4148 SUNTAN-LL4148 Datasheet
683Kb / 4P
   Fast switching diode in MiniMELF case especially suited
logo
Olitech Electronics Co....
LLDB3 OLITECH-LLDB3 Datasheet
295Kb / 2P
   Glass Case MiniMELF
logo
Ohmite Mfg. Co.
RES-FCSL OHMITE-RES-FCSL Datasheet
526Kb / 2P
   Designed for automatic insertion
RES-HVF OHMITE-RES-HVF Datasheet
404Kb / 2P
   Designed for automatic insertion
logo
Nanjing International G...
BC856A DGNJDZ-BC856A Datasheet
727Kb / 2P
   Ideally suited for automatic insertion
logo
Rectron Semiconductor
BC846V RECTRON-BC846V Datasheet
450Kb / 6P
   Ideally suited for automatic insertion
BC856V RECTRON-BC856V Datasheet
518Kb / 6P
   Ideally suited for automatic insertion
logo
MAKO SEMICONDUCTOR CO.,...
BC807-16 MAKOSEMI-BC807-16 Datasheet
113Kb / 2P
   Ldeally suited for automatic insertion
logo
Nanjing International G...
BC847 DGNJDZ-BC847 Datasheet
228Kb / 3P
   Ideally suited for automatic insertion
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com