Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZM4747 Datasheet(PDF) 1 Page - Suntan Capacitors

Part # ZM4747
Description  For use in stabilizing and clipping circuits with high power rating
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

ZM4747 Datasheet(HTML) 1 Page - Suntan Capacitors

  ZM4747 Datasheet HTML 1Page - Suntan Capacitors ZM4747 Datasheet HTML 2Page - Suntan Capacitors ZM4747 Datasheet HTML 3Page - Suntan Capacitors ZM4747 Datasheet HTML 4Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Suntan®
ZM4728...ZM4761
Silicon Planar Power Zener Diodes
F E A T U R E S
For use in stabilizing and clipping circuits with high power rating.
Standard Zener voltage tolerance is ±5%. Add suffix "A" for ±5%
tolerance and suffix "B" for ±2% tolerance. Other tolerances available
are upon request.
These diodes are also available in DO-41 case with the
type designation 1N4728...1N4761
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings Ta=25℃
PARAMETER
SYMBOL
VALUE
UNIT
Power Dissipation
Ptot
11)
W
Junction Temperature
Tj
175
Storage Temperature Range
Tstg
-65 to + 175
1) Valid provided that electrodes are kept at ambient temperature.
Characteristics at Ta=25℃
PARAMETER
SYMBOL
MAX.
UNIT
Thermal Resistance Junction to Ambient Air
RthA
1701)
K/W
Forward Voltage at IF = 200 mA
VF
1.2
V
1) Valid provided that electrodes are kept at ambient temperature.
LL-41
Glass Case MELF
Dimensions in mm
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Similar Part No. - ZM4747

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZM4747 SEMTECH-ZM4747 Datasheet
226Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Zibo Seno Electronic En...
ZM4747 ZSELEC-ZM4747 Datasheet
194Kb / 3P
   1W SURFACE MOUNT ZENER DIODE
logo
General Semiconductor
ZM4747 GE-ZM4747 Datasheet
69Kb / 3P
   ZENER DIODES
logo
Bytesonic Electronics C...
ZM4747 BYTESONIC-ZM4747 Datasheet
253Kb / 3P
   Silicon Planar Power Zener Diodes
logo
GOOD-ARK Electronics
ZM4747 GOOD-ARK-ZM4747 Datasheet
35Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
More results

Similar Description - ZM4747

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
1N4727A LEIDITECH-1N4727A Datasheet
763Kb / 4P
   for use in stabilizing and clipping circuits with high power rating.
ZM4721 LEIDITECH-ZM4721 Datasheet
791Kb / 3P
   for use in stabilizing and clipping circuits with high power rating.
logo
Suntan Capacitors
1N4727A SUNTAN-1N4727A Datasheet
475Kb / 5P
   For use in stabilizing and clipping circuits with high
logo
NXP Semiconductors
PF86 PHILIPS-PF86 Datasheet
134Kb / 5P
   PENTODE FOR USE IN TRANSITRON CIRCUITS
1.1.1960
logo
List of Unclassifed Man...
VCA7010VEA7506 ETC-VCA7010VEA7506 Datasheet
273Kb / 1P
   Video Equalizing Amplifier with Clipping and Clamping
FRC4 ETC1-FRC4 Datasheet
127Kb / 2P
   High Contact Rating (30A) High Temperature Design Ideal For Use in Automobile Quick Connect Terminal
logo
WALSIN TECHNOLOGY CORPO...
WF25H WALSIN-WF25H Datasheet
186Kb / 7P
   High power rating and compact size
WK25S WALSIN-WK25S Datasheet
263Kb / 7P
   High power rating and compact size
MR18X WALSIN-MR18X Datasheet
418Kb / 7P
   High power rating and compact size
WK12L WALSIN-WK12L Datasheet
478Kb / 8P
   High power rating and compact size
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com