Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3PCIE3212ZBE Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI3PCIE3212ZBE
Description  3.3V, PCI Express 3.0, 1-Lane, 2-Channel, 8Gbps, 2:1 Mux/DeMux Switch w/ Single Enable
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3PCIE3212ZBE Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI3PCIE3212ZBE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3PCIE3212ZBE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3PCIE3212ZBE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3PCIE3212ZBE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3PCIE3212ZBE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3PCIE3212ZBE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3PCIE3212ZBE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3PCIE3212ZBE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3PCIE3212ZBE Datasheet HTML 10Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
PI3PCIE3212
3.3V, PCI Express® 3.0, 1-Lane, 2-Channel,
8Gbps, 2:1 Mux/DeMux Switch w/ Single Enable
All trademarks are property of their respective owners.
www.pericom.com
11/18/14
Differential Insertion Loss
Differential Return Loss
14-0011


Similar Part No. - PI3PCIE3212ZBE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3PCIE3242 PERICOM-PI3PCIE3242 Datasheet
1,003Kb / 10P
   3.3V PCI Express 3.0 4 Channel 2x2 Exchange Switch
logo
Diodes Incorporated
PI3PCIE3242A DIODES-PI3PCIE3242A Datasheet
1,021Kb / 11P
   3.0 4 Channel 2x2 Exchange Switch
PI3PCIE3242AZLEX DIODES-PI3PCIE3242AZLEX Datasheet
1,021Kb / 11P
   3.0 4 Channel 2x2 Exchange Switch
logo
Pericom Semiconductor C...
PI3PCIE3242ZLE PERICOM-PI3PCIE3242ZLE Datasheet
1,003Kb / 10P
   3.3V PCI Express 3.0 4 Channel 2x2 Exchange Switch
More results

Similar Description - PI3PCIE3212ZBE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3PCIE3412 PERICOM-PI3PCIE3412 Datasheet
1Mb / 10P
   3.3V, PCI Express 3.0 2-Lane, 2:1 Mux/DeMux Switch, with Single Enable
PI3PCIE3415 PERICOM-PI3PCIE3415_13 Datasheet
1Mb / 10P
   3.3V, PCI Express 3.0 2-Lane, 2:1 Mux/DeMux Switch
PI3PCIE2215 PERICOM-PI3PCIE2215 Datasheet
409Kb / 10P
   3.3V, PCI Express 1-lane, 2:1 Mux/DeMux Switch
PI3PCIE2415 PERICOM-PI3PCIE2415 Datasheet
916Kb / 9P
   3.3V PCI Express 2.0, 2-Lane, 2:1 Mux/DeMux Switch
PI2PCIE2212ZHE PERICOM-PI2PCIE2212ZHE Datasheet
818Kb / 6P
   PCI Express짰 2.0, 1-Lane, 2:1 Mux/DeMux Switch w/ Single Enable
PI2PCIE212 PERICOM-PI2PCIE212 Datasheet
284Kb / 8P
   1.8V, PCI Express Compliant, 2 Differential Channel, 2:1 Mux/DeMux Switch w/ Single Enable
logo
Potato Semiconductor Co...
PO3B10A POTATO-PO3B10A Datasheet
543Kb / 6P
   2-Channel, 2:1 Mux/DeMux Switch w/ Single Enable
PO3B20A POTATO-PO3B20A Datasheet
548Kb / 6P
   4-Channel, 2:1 Mux/DeMux Switch w/ Single Enable
logo
Pericom Semiconductor C...
PI2PCIE412-D PERICOM-PI2PCIE412-D Datasheet
462Kb / 9P
   Enhanced, 1.8V, PCI Express Compliant, 4-Differential Channel, 2:1 Mux/DeMux Switch, w/ Single Enable
PI3DBV10 PERICOM-PI3DBV10 Datasheet
335Kb / 6P
   3.3V, Wide Bandwidth, 1-Channel, 2:1 Mux/ DeMux Video Switch w/ Single Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com