Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBI25B Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # GBI25B
Description  Silicon-Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

GBI25B Datasheet(HTML) 1 Page - Diotec Semiconductor

  GBI25B Datasheet HTML 1Page - Diotec Semiconductor GBI25B Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1) Valid for one branch – Gültig für einen Brückenzweig
1
01.07.03
GBI 25A ... GBI 25M
Silicon-Bridge Rectifiers
Silizium-Brückengleichrichter
Nominal current – Nennstrom
25 A
Repetitive peak reverse voltage
50…1000 V
Periodische Spitzensperrspannung
Plastic case
32 x 5.6 x 17 [mm]
Kunststoffgehäuse
Weight approx. – Gewicht ca.
9 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging: bulk
see page 22
Standard Lieferform: lose im Karton
s. Seite 22
Dimensions / Maße in mm
Mounting clamp BO 2
see page 28
Befestigungsschelle BO 2
siehe Seite 28
Recognized Product – Underwriters Laboratories Inc.® File E175067
Anerkanntes Produkt – Underwriters Laboratories Inc.® Nr. E175067
Maximum ratings
Grenzwerte
Type
Typ
max. alternating input voltage
max. Eingangswechselspannung
V
VRMS [V]
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
V
RRM [V]
1)
GBI 25A
35
50
GBI 25B
70
100
GBI 25D
140
200
GBI 25G
280
400
GBI 25J
420
600
GBI 25K
560
800
GBI 25M
700
1000
Peak forward surge current, 50 Hz half sine-wave
T
A = 25
/CI
FSM
300 A
Stoßstrom für eine 50 Hz Sinus-Halbwelle
Peak forward surge current, 60 Hz half sine-wave
T
A = 25
/CI
FSM
335 A
Stoßstrom für eine 60 Hz Sinus-Halbwelle
Rating for fusing, t < 10 ms
T
A = 25
/Ci2t
450 A
2s
Grenzlastintegral, t < 10 ms
Operating junction temperature – Sperrschichttemperatur
T
j
– 50...+150
/C
Storage temperature – Lagerungstemperatur
T
S
– 50...+150
/C
5.6
±0.2
32
±0.2
10
2x7.5
Ø 1.2
Type
Typ
~
+~


Similar Part No. - GBI25B

ManufacturerPart #DatasheetDescription
logo
Semikron International
GBI25B SEMIKRON-GBI25B Datasheet
178Kb / 2P
   Silicon-Bridge Rectifiers
logo
Diotec Semiconductor
GBI25B DIOTEC-GBI25B Datasheet
115Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Semikron International
GBI25B SEMIKRON-GBI25B Datasheet
182Kb / 2P
   Silicon-Bridge Rectifiers
logo
Diotec Semiconductor
GBI25B DIOTEC-GBI25B Datasheet
118Kb / 2P
   Silicon-Bridge-Rectifiers
GBI25B DIOTEC-GBI25B Datasheet
170Kb / 2P
   Single Phase Bridge Rectifier
More results

Similar Description - GBI25B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com