Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC858A Datasheet(PDF) 2 Page - Olitech Electronics Co.Ltd

Part # BC858A
Description  Plastic-Encapsulate Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OLITECH [Olitech Electronics Co.Ltd]
Direct Link  http://olitech-elec.com/En_index.asp
Logo OLITECH - Olitech Electronics Co.Ltd

BC858A Datasheet(HTML) 2 Page - Olitech Electronics Co.Ltd

  BC858A Datasheet HTML 1Page - Olitech Electronics Co.Ltd BC858A Datasheet HTML 2Page - Olitech Electronics Co.Ltd BC858A Datasheet HTML 3Page - Olitech Electronics Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page:P3-P2
ELECTRICAL CHARACTERISTICS (Tamb=25
unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Max
Unit
Collector-base breakdown voltage
BC856
BC857
BC858
VCBO
IC= -10μA, IE=0
-80
-50
-30
V
Collector-emitter breakdown voltage BC856
BC857
BC858
VCEO
IC= -10mA, IB=0
-65
-45
-30
V
Emitter-base breakdown voltage
VEBO
IE= -1μA, IC=0
-5
V
Collector cut-off current
BC856
BC857
BC858
ICBO
VCB= -70 V , IE=0
VCB= -45 V , IE=0
VCB= -25 V , IE=0
-0.1
μA
Collector cut-off current
BC856
BC857
BC858
ICEO
VCE= -60 V , IB=0
VCE= -40 V , IB=0
VCE= -25 V , IB=0
-0.1
μA
Emitter cut-off current
IEBO
VEB= -5 V , IC=0
-0.1
μA
DC current gain
BC856A, 857A,858A
BC856B, 857B,858B
BC857C,BC858C
hFE
VCE= -5V, IC= -2mA
125
220
420
250
475
800
Collector-emitter saturation voltage
VCE(sat)
IC=-100mA, IB= -5 mA
-0.5
V
Base-emitter saturation voltage
VBE(sat)
IC= -100mA, IB= -5mA
-1.1
V
Transition frequency
fT
VCE= -5 V, IC= -10mA
f=100MHz
100
MHz
Collector capacitance
Cob
VCB=-10V,
f=1MHz
4.5
pF
Typical
Characteristics
BC856A/B
BC857A/B/C
BC858A/B/C
Plastic-Encapsulate Transistors
Email: info@olitech-elec.com
Website: www.olitech-elec.com
OLITECH ELECTRONICS CO. LTD.


Similar Part No. - BC858A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
BC858A LUGUANG-BC858A Datasheet
2Mb / 4P
   PNP general purpose Transistor
logo
STMicroelectronics
BC858A STMICROELECTRONICS-BC858A Datasheet
44Kb / 5P
   SMALL SIGNAL PNP TRANSISTORS
logo
Taiwan Semiconductor Co...
BC858A TSC-BC858A Datasheet
88Kb / 3P
   0.2 Watts PNP Plastic-Encapsulate Transistors
logo
Central Semiconductor C...
BC858A CENTRAL-BC858A Datasheet
331Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
logo
DONGGUAN YOU FENG WEI E...
BC858A YFWDIODE-BC858A Datasheet
683Kb / 4P
   PNP Transistors
More results

Similar Description - BC858A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9013 ETC-S9013 Datasheet
963Kb / 2P
   PLASTIC ENCAPSULATE TRANSISTORS
logo
GUANGDONG HOTTECH INDUS...
2SC4672 HOTTECH-2SC4672 Datasheet
175Kb / 2P
   Plastic-Encapsulate Transistors
2SB1260 HOTTECH-2SB1260 Datasheet
173Kb / 2P
   Plastic-Encapsulate Transistors
A44 HOTTECH-A44 Datasheet
304Kb / 2P
   Plastic-Encapsulate Transistors
BAS21 HOTTECH-BAS21 Datasheet
274Kb / 2P
   Plastic-Encapsulate Transistors
2SA812 HOTTECH-2SA812 Datasheet
306Kb / 2P
   Plastic-Encapsulate Transistors
MMBT5401 HOTTECH-MMBT5401 Datasheet
191Kb / 2P
   Plastic-Encapsulate Transistors
MMBTA05 HOTTECH-MMBTA05 Datasheet
274Kb / 2P
   Plastic-Encapsulate Transistors
2SC4115 HOTTECH-2SC4115 Datasheet
1Mb / 2P
   Plastic-Encapsulate Transistors
MMST2907A HOTTECH-MMST2907A Datasheet
202Kb / 2P
   Plastic-Encapsulate Transistors
MMST3906 HOTTECH-MMST3906 Datasheet
339Kb / 2P
   Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com