Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC858C Datasheet(PDF) 1 Page - Olitech Electronics Co.Ltd

Part # BC858C
Description  Plastic-Encapsulate Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OLITECH [Olitech Electronics Co.Ltd]
Direct Link  http://olitech-elec.com/En_index.asp
Logo OLITECH - Olitech Electronics Co.Ltd

BC858C Datasheet(HTML) 1 Page - Olitech Electronics Co.Ltd

  BC858C Datasheet HTML 1Page - Olitech Electronics Co.Ltd BC858C Datasheet HTML 2Page - Olitech Electronics Co.Ltd BC858C Datasheet HTML 3Page - Olitech Electronics Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page:P3-P1
FEATURES
Ideally suited for automatic insertion
For Switching and AF Amplifier Applications
Marking
BC856A
BC856B
BC857A
BC857B
3A
3B
3E
3F
MAXIMUM RATINGS (TA=25
unless otherwise noted)
Parameter
Symbol
Value
Unit
Collector-Base Voltage
BC856
V
CBO
-80
V
BC857
V
CBO
-50
BC858
V
CBO
-30
Collector-Emitter Voltage
BC856
V
CEO
-65
V
BC857
V
CEO
-45
BC858
V
CEO
-30
Emitter-Base Voltage
V
EBO
-5
V
Collector Current -Continuous
I
C
-0.1
A
Collector Power Dissipation
PC
0.2
W
Junction Temperature
T
J
150
Storage Temperature
Tstg
-55 to +150
BC857C
BC858A
BC858B
BC858C
3G
3J
3K
3L
(PNP)
(PNP)
(PNP)
1. BASE
2. EMITTER
SOT-23
3. COLLECTO
BC856A/B
BC857A/B/C
BC858A/B/C
Plastic-Encapsulate Transistors
Email: info@olitech-elec.com
Website: www.olitech-elec.com
OLITECH ELECTRONICS CO. LTD.


Similar Part No. - BC858C

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BC858C TRSYS-BC858C Datasheet
363Kb / 3P
   PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
logo
Diotec Semiconductor
BC858C DIOTEC-BC858C Datasheet
145Kb / 2P
   SMD General Purpose PNP Transistors
logo
Pan Jit International I...
BC858C PANJIT-BC858C Datasheet
97Kb / 4P
   PNP GENERAL PURPOSE TRANSISTORS
logo
Shenzhen Jin Yu Semicon...
BC858C HTSEMI-BC858C Datasheet
1Mb / 5P
   TRANSISTOR (PNP)
logo
Siemens Semiconductor G...
BC858C SIEMENS-BC858C Datasheet
271Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
More results

Similar Description - BC858C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9013 ETC-S9013 Datasheet
963Kb / 2P
   PLASTIC ENCAPSULATE TRANSISTORS
logo
GUANGDONG HOTTECH INDUS...
2SC4672 HOTTECH-2SC4672 Datasheet
175Kb / 2P
   Plastic-Encapsulate Transistors
2SB1260 HOTTECH-2SB1260 Datasheet
173Kb / 2P
   Plastic-Encapsulate Transistors
A44 HOTTECH-A44 Datasheet
304Kb / 2P
   Plastic-Encapsulate Transistors
BAS21 HOTTECH-BAS21 Datasheet
274Kb / 2P
   Plastic-Encapsulate Transistors
2SA812 HOTTECH-2SA812 Datasheet
306Kb / 2P
   Plastic-Encapsulate Transistors
MMBT5401 HOTTECH-MMBT5401 Datasheet
191Kb / 2P
   Plastic-Encapsulate Transistors
MMBTA05 HOTTECH-MMBTA05 Datasheet
274Kb / 2P
   Plastic-Encapsulate Transistors
2SC4115 HOTTECH-2SC4115 Datasheet
1Mb / 2P
   Plastic-Encapsulate Transistors
MMST2907A HOTTECH-MMST2907A Datasheet
202Kb / 2P
   Plastic-Encapsulate Transistors
MMST3906 HOTTECH-MMST3906 Datasheet
339Kb / 2P
   Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com